Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACC-AAM25 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # ACC-AAM25
Description  Zoned Audio Command Center Voice Evacuation Control Panel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

ACC-AAM25 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  ACC-AAM25 Datasheet HTML 1Page - Gamewell-FCI by Honeywell ACC-AAM25 Datasheet HTML 2Page - Gamewell-FCI by Honeywell ACC-AAM25 Datasheet HTML 3Page - Gamewell-FCI by Honeywell ACC-AAM25 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GWACCZ
CS-2505
09/01/06
Page 1 of 4
Description
Gamewell’s Zoned Audio Command
Center (GWACCZ) is a state-of-the-art
Emergency Voice Evacuation Panel
(EVAC) capable of splitting 25 or 50
watts of audio power into up to eight
speaker circuits (i.e., zones). The
GWACCZ provides the ability to record
five field-programmable messages (up
to 60 seconds total message duration)
with an integral commercial-grade
emergency communications micro-
phone or from an external audio source.
Significant technological enhancements
set the GWACCZ apart from other
EVAC panels — these include full su-
pervision in both active alarm and
standby conditions, supervision of am-
plifier outputs, field wiring, message
generator, all tone generators, and the
microphone. The integral power supply
is capable of charging up to 18 AH bat-
teries, which can be housed in the
GWACCZ cabinet.
The GWACCZ is suitable for use as an adjunct (slave or stand-alone) to most UL-
Listed Fire Alarm Control Panels (FACPs). An optional 25 watt, 25 VRMS audio
amplifier is available for system expansion to 50 watts or as a secondary amplifier
in jurisdictions requiring such backup. A 70.7 VRMS converter is also available for
independently converting amplifiers to meet retrofit needs.
The Zone Splitter Module (ACC-ZSM) divides the output of the Audio Amplifier
Module(s) (ACC-AAM25) into up to eight speaker circuits (i.e., zones). The Zone
Page Module with Keypad (ACC-ZPMK) provides full manual control of the speaker
circuits, status indication of each of the speaker circuits, and automatic control by
the FACP via the ACS serial link connection.
A host of field-programming options, including the capability of five custom
messages (fire, tornado, evacuation, hazmat, non-fire, multi-language, etc.)
make the GWACCZ the most versatile voice evacuation system available.
Some suitable applications for the GWACCZ include schools, auditoriums,
dormitories, theatres, restaurants, places of worship, lodging, office build-
ings, and factories.
Controls and Indicators
1. Power On (green).
Standard Features
• 25 watts of audio power can be divided into eight
Style Y (Class B) or four Style Z (Class A) speaker
circuits (zones), utilizing the zone splitter module
(ACC-ZSM).
• Full manual control of all audio zones provided by
zone page module with keypad (ACC-ZPMK).
• Activation by the FACP using the ACS serial link
and/or the five Command (CMD) inputs.
• ACS serial link compatible with all Gamewell
FACPs, depending on function. FACP automati-
cally directs the voice message to each or all audio
zones.
• Paging by zone or All-Call.
• Full status indication (normal, active, fault) of each
speaker circuit.
• Fault indication via ACS serial link and/or the two
Form-C trouble relays (System & AC Power Loss).
• Integral 25 watt, 25 VRMS audio amplifier with single
Style Z (Class A) or Style Y (Class B) speaker circuit
(expandable to 50 watts using the ACC-AAM25).
• Modular design for maximum system flexibility and
ease-of-service.
• Two command input circuits can be independently
field-programmed for activation by a Notification
Appliance Circuit (NAC) or contact closure.
• Three command input circuits activate on contact
closure.
• ACS link or Command Input (CMD) allow:
one 60-second message; two 30-second
messages; three 20-second messages; four 15-
second messages; or five 12-second messages.
• Microphone time-out feature.
• Nineteen different system and diagnostic LEDs.
• Two Form-C trouble relays (System/AC Power Loss).
• Optional equipment: second amplifier; local
playback speaker; remote microphone; and paging
equipment interface.
• Integral digital message generator with standard,
factory-prerecorded emergency evacuation message.
• Custom messages are field recordable, without the
addition of costly add-on modules, utilizing the
integral microphone or the audio input jack.
• Digital message may be field-selected for 3, 4, 6,
8, or infinite repeat.
• Built-in alert tone generators with steady, slow
whoop, high/low, or chime tone capability.
• Field-selectable lead-in/trailing tone selection.
• Alert tone selection may be field-programmed to
conform with ANSI S3.41 Audible Emergency
Evacuation Signal (Temporal Pattern), per NFPA.
• Speaker zone control via ACS serial link, CMD
inputs or keypad.
• Dual-optically-isolated, trigger input circuits are
independently field-programmable for activation by
polarity reversal (host FACP NAC) or dry-contact
closure.
• Integral diagnostic LEDs include: Power, System
Trouble, Microphone Trouble, Message Generator
Trouble, Tone Generator Trouble, Amplifier Fault,
and others.
• ACS serial link or independent Form-C trouble
relay allows FACP to monitor voice system while in
active (alarm) state.
• Integral piezo provides local audible indication for
troubles.
• Fully supervised in Standby and Active states,
including integral microphone, amplifier output,
message generator, speaker wiring, and tone
generators.
• Independent amplifier supervision: current limit,
audio level, short circuit protection.
• All outputs are power-limited.
• Auxiliary power output provides local power for
addressable control modules when used to
activate the GWACCZ.
• Compatible with all Gamewell FACPs, as well as
other manufacturers’ panels.
GWACCZ
Zoned Audio Command Center
Voice Evacuation Control Panel
g2504ph1.jpg


Similar Part No. - ACC-AAM25

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
ACC-AAM25 GAMEWELL-FCI-ACC-AAM25 Datasheet
230Kb / 4P
   Audio Command Center Voice Evacuation Control Panel
More results

Similar Description - ACC-AAM25

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
GWACC GAMEWELL-FCI-GWACC Datasheet
230Kb / 4P
   Audio Command Center Voice Evacuation Control Panel
INI-VGC GAMEWELL-FCI-INI-VGC Datasheet
210Kb / 4P
   Command center voice gateway
IF602VE-126 GAMEWELL-FCI-IF602VE-126 Datasheet
99Kb / 4P
   Analog Addressable Control Panel with Voice Evacuation
GV-MP16-RC GAMEWELL-FCI-GV-MP16-RC Datasheet
152Kb / 2P
   Fire Command Center Multiplexed Voice Multiplexed Voice
VSYS1 GAMEWELL-FCI-VSYS1 Datasheet
132Kb / 2P
   Emergency Voice Evacuation
150-00026 GAMEWELL-FCI-150-00026 Datasheet
583Kb / 4P
   Emergency Voice Evacuation System
INI-VGC GAMEWELL-FCI-INI-VGC_13 Datasheet
92Kb / 4P
   Intelligent Network Command Center
AASERIES GAMEWELL-FCI-AASERIES Datasheet
56Kb / 1P
   Amplifiers for Emergency Voice Evacuation Systems
logo
List of Unclassifed Man...
D1256 ETC2-D1256 Datasheet
448Kb / 1P
   Fire Command Center, Fire Annunciator
logo
Gamewell-FCI by Honeywe...
ILI95-MB-E3 GAMEWELL-FCI-ILI95-MB-E3 Datasheet
311Kb / 5P
   Intelligent, Networked, Multi-Channel Fire Alarm Control and Emergency Voice Evacuation System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com