Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430P337APJM Datasheet(PDF) 9 Page - Texas Instruments

Part # MSP430P337APJM
Description  MIXED SIGNAL MICROCONTROLLERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430P337APJM Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP430P337APJM Datasheet HTML 5Page - Texas Instruments MSP430P337APJM Datasheet HTML 6Page - Texas Instruments MSP430P337APJM Datasheet HTML 7Page - Texas Instruments MSP430P337APJM Datasheet HTML 8Page - Texas Instruments MSP430P337APJM Datasheet HTML 9Page - Texas Instruments MSP430P337APJM Datasheet HTML 10Page - Texas Instruments MSP430P337APJM Datasheet HTML 11Page - Texas Instruments MSP430P337APJM Datasheet HTML 12Page - Texas Instruments MSP430P337APJM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
MSP430C33x, MSP430P337A
MIXED SIGNAL MICROCONTROLLERS
SLAS227 – OCTOBER 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
interrupt flag registers 1 and 2
76
5
4
0
P0IFG.1
OFIFG
WDTIFG
32
1
rw-0
rw-1
rw-0
Address
02h
NMIIFG
P0IFG.0
rw-0
rw-0
WDTIFG:
Set on overflow or security key violation
or
Reset on VCC1 power-on or reset condition at RST/NMI-pin
OFIFG:
Flag set on oscillator fault
P0IFG.0:
Dedicated I/O P0.0
P0IFG.1:
P0.1 or 8-bit Timer/Counter, RXD
NMIIFG:
Signal at RST/NMI-pin
76
5
4
0
UTXIFG
URXIFG
rw
32
1
rw-1
rw-0
Address
03h
BTIFG
URXIFG:
USART receive flag
UTXIFG:
USART transmit flag
BTIFG:
Basic Timer1 flag
module enable registers 1 and 2
76
5
4
0
32
1
Address
04h
76
5
4
0
UTXE
URXE
32
1
rw-0
rw-0
Address
05h
UTXE:
USART transmit enable
URXE:
USART receive enable
Legend
rw:
rw-0:
Bit can be read and written
Bit can be read and written. It is reset by PUC
SFR bit not present in device


Similar Part No. - MSP430P337APJM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430P337A TI-MSP430P337A Datasheet
543Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430P337A TI-MSP430P337A Datasheet
595Kb / 41P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430P337AIPJM TI-MSP430P337AIPJM Datasheet
543Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430P337AIPJM TI-MSP430P337AIPJM Datasheet
595Kb / 41P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430P337AIPJMR TI-MSP430P337AIPJMR Datasheet
595Kb / 41P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
More results

Similar Description - MSP430P337APJM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com