Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR217-2-185 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR217-2-185
Description  RADIAL LEADED INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR217-2-185 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR217-2-185 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR217-2-185 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
October 11, 2006
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
Page 1 of 2
Part Number
Inductance
(µH) @1kHz
±20%
Q Min.
Q Test Freq.
DCR (Ohm) Max.
Rated DC Current (A)
Max.
DR217-2-332
3.3
20
7.96MHz
0.016
3.50
DR217-2-472
4.7
20
7.96MHz
0.020
3.00
DR217-2-682
6.8
20
7.96MHz
0.022
2.50
DR217-2-103
10
30
2.52MHz
0.039
2.00
DR217-2-153
15
30
2.52MHz
0.045
1.70
DR217-2-223
22
30
2.52MHz
0.062
1.40
DR217-2-333
33
30
2.52MHz
0.10
1.10
DR217-2-473
47
30
2.52MHz
0.15
0.95
DR217-2-683
68
30
2.52MHz
0.22
0.80
DR217-2-104
100
20
796kHz
0.35
0.65
DR217-2-154
150
20
796kHz
0.43
0.54
DR217-2-224
220
20
796kHz
0.90
0.44
DR217-2-334
330
20
796kHz
1.50
0.36
DR217-2-474
470
20
796kHz
1.80
0.30
DR217-2-684
680
20
796kHz
2.50
0.25
DR217-2-105
1000
100
252kHz
3.20
0.20
DR217-2-125
1200
70
252kHz
3.50
0.18
DR217-2-155
1500
70
252kHz
4.50
0.17
DR217-2-185
1800
70
252kHz
5.00
0.155
DR217-2-225
2200
70
252kHz
6.80
0.14
DR217-2-275
2700
70
252kHz
7.20
0.125
DR217-2-335
3300
70
252kHz
10.50
0.115
DR217-2-395
3900
70
252kHz
11.70
0.105
DR217-2-475
4700
70
252kHz
13.60
0.095
DR217-2-565
5600
70
252kHz
16.60
0.085
DR217-2-685
6800
70
252kHz
19.60
0.080
DR217-2-825
8200
70
252kHz
25.20
0.070
DR217-2-106
10000
70
79.6kHz
29.50
0.065
DR217-2-126
12000
50
79.6kHz
33.80
0.060
DR217-2-156
15000
50
79.6kHz
45.40
0.055
DR217-2-186
18000
50
79.6kHz
50.40
0.050
DR217-2 SERIES RADIAL LEADED INDUCTORS
Features
Designed for EMI Filters & Switching Power Supplies
Inductance Range from 3.3µH to 150mH
Operating Temp. -20°C to +80°C
Tinned Leads with Leaded Solder is Available (note 4)
ELECTRICAL SPECIFICATIONS AT 25ºC


Similar Part No. - DR217-2-185

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR217-2-185 DATATRONICS-DR217-2-185 Datasheet
74Kb / 2P
   DR217-2 SERIES RADIAL LEADED INDUCTORS
More results

Similar Description - DR217-2-185

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com