Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTS451KEY Datasheet(PDF) 4 Page - Gamewell-FCI by Honeywell

Part # RTS451KEY
Description  Intelligent beam smoke detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

RTS451KEY Datasheet(HTML) 4 Page - Gamewell-FCI by Honeywell

  RTS451KEY Datasheet HTML 1Page - Gamewell-FCI by Honeywell RTS451KEY Datasheet HTML 2Page - Gamewell-FCI by Honeywell RTS451KEY Datasheet HTML 3Page - Gamewell-FCI by Honeywell RTS451KEY Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BD-SS and BDT-SS
CS-2516 09/01/06
Page 4 of 4
Gamewell-FCI
12 Clintonville Road
Northford, CT 06472-1610
Phone: 203-484-7161
Fax: 203-484-7118
www.gamewell-fci.com
A Honeywell Company
© 2006 Gamewell-FCI
Specifications and wiring information are provided for information only and are
believed to be accurate. Gamewell-FCI assumes no responsibility for their use.
Data and design are subject to change without notice. Installation and wiring
instructions shipped with the product shall always be used for actual installation.
For more information, contact Gamewell-FCI.
Alignment Adjustment Locations
Housing Screw Locations
Ordering Information
BD-SS
Intelligent beam smoke detector
BD-SSA
Same as BD-SS with ULC Listing.
BDT-SS
Intelligent beam smoke detector with integral
sensitivity test.
BDT-SSA
Same as BDT-SS with ULC Listing.
BEAMLRK
Long range accessory kit (required for applica-
tions in excess of 230 ft/70 m).
BEAMMMK
Multi-mount kit (provides ceiling or wall mount
capability with increased angular adjustment).
BEAMSMK
Surface-mount kit.
RTS451
Remote test station.
RTS451KEY
Remote test station with key lock.
BEAMHK
Heating kit for use with the transmitter/receiver
unit of BDT-SS. For prevention of condensation.
BEAMHRK
Heating kit for use with the reflector of BDT-SS.
For prevention of condensation.
Parts List
Item
Quantity
Transmitter/receiver unit ....... 1
Paintable trim ring ................. 1
Reflector ................................... 1
Plug-in terminal blocks ........... 3
Isolator shunts ......................... 2
Instruction manual .................. 1
Orange sticky paper ................ 1
Acclimate™ is a trademark of System Sensor, a Honeywell company.
SmartScan™ is a trademark of Gamewell.


Similar Part No. - RTS451KEY

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
RTS451KEY SYSTEMSENSOR-RTS451KEY Datasheet
289Kb / 4P
   4-Wire Ionization Duct Smoke Detector
RTS451KEY SYSTEMSENSOR-RTS451KEY Datasheet
750Kb / 2P
   Duct Smoke Detector Accessories
RTS451KEY SYSTEMSENSOR-RTS451KEY Datasheet
169Kb / 2P
   High-Temperature Duct Smoke Detector
logo
Gamewell-FCI by Honeywe...
RTS451KEY GAMEWELL-FCI-RTS451KEY Datasheet
67Kb / 2P
   Single-ended reflected type beam smoke sensor
RTS451KEY GAMEWELL-FCI-RTS451KEY Datasheet
225Kb / 4P
   Intelligent Low-Flow Photoelectric Duct Smoke Detectors
More results

Similar Description - RTS451KEY

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
FTX-P1 SYSTEMSENSOR-FTX-P1 Datasheet
79Kb / 2P
   Intelligent Photoelectric Smoke Detector
logo
Gamewell-FCI by Honeywe...
72223-160 GAMEWELL-FCI-72223-160 Datasheet
181Kb / 2P
   Reflective Beam Smoke Detector
logo
Systemsensor advanced i...
6924 SYSTEMSENSOR-6924 Datasheet
330Kb / 12P
   Projected Beam Type Smoke Detector
B210LP SYSTEMSENSOR-B210LP Datasheet
567Kb / 2P
   Low-Profile Intelligent Combination Smoke Detector
DH500ACDC SYSTEMSENSOR-DH500ACDC Datasheet
223Kb / 12P
   Intelligent Air Duct Smoke Detector Housing
logo
Gamewell-FCI by Honeywe...
SS-I GAMEWELL-FCI-SS-I Datasheet
98Kb / 2P
   Intelligent Addressable Plug-In Ionization Smoke Detector
logo
Systemsensor advanced i...
DNR SYSTEMSENSOR-DNR Datasheet
1Mb / 4P
   Intelligent Non-Relay Photoelectric Duct Smoke Detector
logo
Gamewell-FCI by Honeywe...
SS-APT GAMEWELL-FCI-SS-APT Datasheet
100Kb / 2P
   Multi-Sensor Smoke Detector Low-Profile, Intelligent, Addressable
logo
Systemsensor advanced i...
7251 SYSTEMSENSOR-7251 Datasheet
206Kb / 2P
   Low-Profile Plug-in Intelligent Laser Smoke Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com