Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BEAMHRK Datasheet(PDF) 3 Page - Gamewell-FCI by Honeywell

Part # BEAMHRK
Description  Intelligent beam smoke detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

BEAMHRK Datasheet(HTML) 3 Page - Gamewell-FCI by Honeywell

  BEAMHRK Datasheet HTML 1Page - Gamewell-FCI by Honeywell BEAMHRK Datasheet HTML 2Page - Gamewell-FCI by Honeywell BEAMHRK Datasheet HTML 3Page - Gamewell-FCI by Honeywell BEAMHRK Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BD-SS and BDT-SS
CS-2516
09/01/06
Page 3 of 4
Specifications
Environmental Specifications
Temperature
–22°F to 131°F (–30°C to 55°C).
Humidity
10 – 93% RH noncondensing.
Electrical Specifications
Voltage
15 to 32 VDC.
Average standby current
24 VDC: 2 mA maximum (LED flashing,
SLC @ 24 V).
LED current
6.5 mA maximum.
Remote annunciator current
11.2 mA maximum.
Average current during testing
500 mA maximum.
Alarm current
24 VDC; 8.5 mA maximum (LED on).
Trouble/fault current
24 VDC; 4.5 mA maximum (LED on).
Fault condition current
Add to standby current; 100 mA
maximum.
Alignment mode current
24 VDC; 20 mA maximum.
External supply (BDT-SS only)
Voltage: 15 to 32 VDC.
Current: 0.5 A maximum.
Remote output (alarm)
Voltage: 15 to 32 VDC. NOTE: Output
voltage is the same as device input voltage.
Current: 15 mA maximum, 6 mA
minimum. NOTE: Output current is limited
by 2.2K ohm resistor.
Heater kit BEAMHK
Voltage: 15 to 32 V. Current: 92 mA
maximum @ 32 V (heater only).
Power consumption: nominal 1.6 W
@ 24 V; maximum 3.0 W @ 32 V.
Heater kit BEAMHKR
Voltage: 15 to 32 V. Current: 450 mA
maximum @ 32 V (per reflector). Power
consumption (per reflector): nominal 7.7
W @ 24 V; maximum 15.0 W @ 32 V.
Mechanical Specifications
Detector dimensions
10.0" H x 7.5" W x 3.3" D
(254 mm H x 191 mm W x 84 mm D).
Reflector dimensions
For 16' to 230' (5 to 70 m) applications:
7.9" x 9.1" (200 x 230 mm).
For applications beyond 230'/70 m:
15.7" x 18.1" (400 x 460 mm).
Switch
Locations
Wiring
Diagram
Wiring Diagram (with RTS451/KEY)
BD-SS / BDT-SS


Similar Part No. - BEAMHRK

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
BEAM1224 SYSTEMSENSOR-BEAM1224 Datasheet
1Mb / 13P
   Single-ended Reflected Type Projected Beam Smoke Detector
BEAM1224S SYSTEMSENSOR-BEAM1224S Datasheet
1Mb / 13P
   Single-ended Reflected Type Projected Beam Smoke Detector
BEAM200 SYSTEMSENSOR-BEAM200 Datasheet
525Kb / 2P
   BEAM200 and BEAM200S Single-ended Reflected Type Beam Smoke Detectors
BEAM200S SYSTEMSENSOR-BEAM200S Datasheet
525Kb / 2P
   BEAM200 and BEAM200S Single-ended Reflected Type Beam Smoke Detectors
logo
Gamewell-FCI by Honeywe...
BEAMLRK GAMEWELL-FCI-BEAMLRK Datasheet
67Kb / 2P
   Single-ended reflected type beam smoke sensor
More results

Similar Description - BEAMHRK

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
FTX-P1 SYSTEMSENSOR-FTX-P1 Datasheet
79Kb / 2P
   Intelligent Photoelectric Smoke Detector
logo
Gamewell-FCI by Honeywe...
72223-160 GAMEWELL-FCI-72223-160 Datasheet
181Kb / 2P
   Reflective Beam Smoke Detector
logo
Systemsensor advanced i...
6924 SYSTEMSENSOR-6924 Datasheet
330Kb / 12P
   Projected Beam Type Smoke Detector
B210LP SYSTEMSENSOR-B210LP Datasheet
567Kb / 2P
   Low-Profile Intelligent Combination Smoke Detector
DH500ACDC SYSTEMSENSOR-DH500ACDC Datasheet
223Kb / 12P
   Intelligent Air Duct Smoke Detector Housing
logo
Gamewell-FCI by Honeywe...
SS-I GAMEWELL-FCI-SS-I Datasheet
98Kb / 2P
   Intelligent Addressable Plug-In Ionization Smoke Detector
logo
Systemsensor advanced i...
DNR SYSTEMSENSOR-DNR Datasheet
1Mb / 4P
   Intelligent Non-Relay Photoelectric Duct Smoke Detector
logo
Gamewell-FCI by Honeywe...
SS-APT GAMEWELL-FCI-SS-APT Datasheet
100Kb / 2P
   Multi-Sensor Smoke Detector Low-Profile, Intelligent, Addressable
logo
Systemsensor advanced i...
7251 SYSTEMSENSOR-7251 Datasheet
206Kb / 2P
   Low-Profile Plug-in Intelligent Laser Smoke Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com