Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430 Datasheet(PDF) 10 Page - Texas Instruments

Part # MSP430
Description  MIXED SIGNAL MICROCONTROLLERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 6Page - Texas Instruments MSP430 Datasheet HTML 7Page - Texas Instruments MSP430 Datasheet HTML 8Page - Texas Instruments MSP430 Datasheet HTML 9Page - Texas Instruments MSP430 Datasheet HTML 10Page - Texas Instruments MSP430 Datasheet HTML 11Page - Texas Instruments MSP430 Datasheet HTML 12Page - Texas Instruments MSP430 Datasheet HTML 13Page - Texas Instruments MSP430 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
MSP430x11x
MIXED SIGNAL MICROCONTROLLERS
SLAS196D− DECEMBER 1998 − REVISED SEPTEMBER 2004
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
peripheral file map
PERIPHERALS WITH WORD ACCESS
Watchdog
Watchdog/Timer Control
WDTCTL
0120h
Timer_A
Timer_A Interrupt Vector
Timer_A Control
Cap/Com Control
Cap/Com Control
Cap/Com Control
Reserved
Reserved
Reserved
Reserved
Timer_A Register
Cap/Com Register
Cap/Com Register
Cap/Com Register
Reserved
Reserved
Reserved
Reserved
TAIV
TACTL
TACCTL0
TACCTL1
TACCTL2
TAR
TACCR0
TACCR1
TACCR2
012Eh
0160h
0162h
0164h
0166h
0168h
016Ah
016Ch
016Eh
0170h
0172h
0174h
0176h
0178h
017Ah
017Ch
017Eh
PERIPHERALS WITH BYTE ACCESS
Basic Clock
Basic Clock Sys. Control2
Basic Clock Sys. Control1
DCO Clock Freq. Control
BCSCTL2
BCSCTL1
DCOCTL
058h
057h
056h
EPROM
EPROM Control
EPCTL
054h
Port P2
Port P2 Selection
Port P2 Interrupt Enable
Port P2 Interrupt Edge Select
Port P2 Interrupt Flag
Port P2 Direction
Port P2 Output
Port P2 Input
P2SEL
P2IE
P2IES
P2IFG
P2DIR
P2OUT
P2IN
02Eh
02Dh
02Ch
02Bh
02Ah
029h
028h
Port P1
Port P1 Selection
Port P1 Interrupt Enable
Port P1 Interrupt Edge Select
Port P1 Interrupt Flag
Port P1 Direction
Port P1 Output
Port P1 Input
P1SEL
P1IE
P1IES
P1IFG
P1DIR
P1OUT
P1IN
026h
025h
024h
023h
022h
021h
020h
Special Function
SFR Interrupt Flag1
SFR Interrupt Enable1
IFG1
IE1
002h
000h


Similar Part No. - MSP430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430 TI1-MSP430 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430 TI-MSP430 Datasheet
3Mb / 88P
[Old version datasheet]   AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
DECEMBER 2022
MSP4301103IPWR TI1-MSP4301103IPWR Datasheet
1Mb / 50P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP43020X3 TI1-MSP43020X3 Datasheet
1Mb / 92P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430A001IPM TI1-MSP430A001IPM Datasheet
1Mb / 69P
[Old version datasheet]   MIXED SIGNAL MICROCONTROROLLER
More results

Similar Description - MSP430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com