Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR337-2-253 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR337-2-253
Description  SMD INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR337-2-253 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR337-2-253 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
May 13, 2008
DATATRONIC:
28151Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SMD INDUCTOR DR337-2 SERIES
Features
Low Profile Surface Mount Design
Inductance Range from 8.2µH to 820µH
Operating Temp. -20°C to +80°C
Tinned Leads with Leaded Solder is Available (note 4)
ELECTRICAL SPECIFICATIONS AT 25ºC
PART No.
INDUCTANCE (
μH)
DCR
(
Ω) Max.
RATED CURRENT
(A) Max.
DR337-2-822
8.2
± 20%
@ 7.96MHz, 0.1V
0.05
2.70
DR337-2-103
10
± 20%
@ 2.52MHz, 0.1V
0.06
2.60
DR337-2-123
12
± 20%
@ 2.52MHz, 0.1V
0.07
2.45
DR337-2-153
15
± 20%
@ 2.52MHz, 0.1V
0.08
2.27
DR337-2-183
18
± 20%
@ 2.52MHz, 0.1V
0.09
2.15
DR337-2-223
22
± 20%
@ 2.52MHz, 0.1V
0.10
1.95
DR337-2-253
25
± 20%
@ 2.52MHz, 0.1V
0.10
1.85
DR337-2-273
27
± 20%
@ 2.52MHz, 0.1V
0.11
1.76
DR337-2-333
33
± 20%
@ 2.52MHz, 0.1V
0.13
1.56
DR337-2-393
39
± 20%
@ 2.52MHz, 0.1V
0.14
1.37
DR337-2-473
47
± 10%
@ 2.52MHz, 0.1V
0.17
1.28
DR337-2-563
56
± 10%
@ 2.52MHz, 0.1V
0.19
1.17
DR337-2-683
68
± 10%
@ 2.52MHz, 0.1V
0.22
1.11
DR337-2-823
82
± 10%
@ 2.52MHz, 0.1V
0.25
1.00
DR337-2-104
100
± 10%
@ 1kHz, 0.1V
0.35
0.97
DR337-2-124
120
± 10%
@ 1kHz, 0.1V
0.41
0.89
DR337-2-154
150
± 10%
@ 1kHz, 0.1V
0.47
0.78
DR337-2-184
180
± 10%
@ 1kHz, 0.1V
0.63
0.72
DR337-2-224
220
± 10%
@ 1kHz, 0.1V
0.73
0.66
DR337-2-274
270
± 10%
@ 1kHz, 0.1V
0.97
0.57
DR337-2-334
330
± 10%
@ 1kHz, 0.1V
1.15
0.52
DR337-2-394
390
± 10%
@ 1kHz, 0.1V
1.30
0.48
DR337-2-474
470
± 10%
@ 1kHz, 0.1V
1.48
0.42
DR337-2-564
560
± 10%
@ 1kHz, 0.1V
1.90
0.33
DR337-2-684
680
± 10%
@ 1kHz, 0.1V
2.25
0.28
DR337-2-824
820
± 10%
@ 1kHz, 0.1V
2.55
0.24
MECHANICAL OUTLINES
NOTES:
1.
All dimensions are shown in millimeters “mm” [inches “in”].
2.
General tolerance
±0.25mm [0.010 in.], unless otherwise specified.
3.
Tape and reel quantity, 750 pcs/reel.
4.
For non-RoHS parts replace DR prefix with 42- (e.g. DR337-2 becomes 42-337-2).
5.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020C.
10.10
[0.398]
2.00
[0.079]
PCB SOLDER PAD LAYOUT (REF.)
9.00±0.4
[0.354]
XXX
10.00±0.4
[0.394]
5.40
[0.212]
SIDE VIEW
TOP VIEW
BOTTOM VIEW
5.40±0.4
[0.212]
2.20
[0.087]
SCHEMATIC
9.20
[0.362]
2
1


Similar Part No. - DR337-2-253

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR337-2-253 DATATRONICS-DR337-2-253 Datasheet
122Kb / 1P
   SMD INDUCTOR DR337-2 SERIES
More results

Similar Description - DR337-2-253

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
   SMD Inductor
1XF03300S1M XFMRS-1XF03300S1M Datasheet
51Kb / 1P
   SMD Inductor
1XF15001S1M XFMRS-1XF15001S1M Datasheet
34Kb / 1P
   SMD Inductor
XFSDR63SH-2R7M XFMRS-XFSDR63SH-2R7M Datasheet
28Kb / 1P
   SMD Inductor
XFSDR63SH-220 XFMRS-XFSDR63SH-220 Datasheet
52Kb / 1P
   SMD Inductor
XF7435-101M XFMRS-XF7435-101M Datasheet
47Kb / 1P
   SMD INDUCTOR
XFSDR105-330K XFMRS-XFSDR105-330K Datasheet
44Kb / 1P
   SMD Inductor
XFTPRH73-8R2M XFMRS-XFTPRH73-8R2M Datasheet
57Kb / 1P
   SMD Inductor
XFTPRH73-120M XFMRS-XFTPRH73-120M Datasheet
55Kb / 1P
   SMD Inductor
XFTPRH73T-1R0N XFMRS-XFTPRH73T-1R0N Datasheet
61Kb / 1P
   SMD Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com