Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR339-1-222 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR339-1-222
Description  SELF-LEADED SMD INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR339-1-222 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR339-1-222 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
February 28, 2007
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
2
1
SUGGESTED PAD LAYOUT
.354 MAX.
9,0
.240 MAX
6,1
XXX
.196 MAX
5,0
.228
5,8
.314
2,0
.196
5,0
.196
5,0
ELECTRICAL SPECIFICATIONS AT 25ºC
Part No.
Inductance
(
µH)
DCR
(
Ω) Max.
RATED CURRENT
(A) Max.
I sat
(A) Max.
DR339-1-471
0.47 +40%/-20%
0.010
6.0
7.7
DR339-1-102
1.0 +40%/-20%
0.018
4.4
5.3
DR339-1-152
1.5 +40%/-20%
0.020
4.2
4.5
DR339-1-222
2.2
± 20%
0.037
3.1
3.5
DR339-1-332
3.3
± 20%
0.043
2.9
3.0
DR339-1-472
4.7
± 20%
0.055
2.2
2.6
DR339-1-682
6.8
± 20%
0.090
1.7
2.2
DR339-1-103
10.0
± 20%
0.111
1.5
1.9
DR339-1-153
15.0
± 20%
0.175
1.2
1.5
DR339-1-223
22.0
± 20%
0.255
1.0
1.2
DR339-1-333
33.0
± 20%
0.367
0.82
0.99
DR339-1-473
47.0
± 20%
0.474
0.72
0.87
DR339-1-683
68.0
± 20%
0.750
0.58
0.67
DR339-1-104
100.0
± 20%
1.110
0.47
0.53
MECHANICAL OUTLINES
NOTES:
1.
Dimensions are shown in inches/millimeters
Unless otherwise specified, tolerance = Inches: ±0.008
= Millimeters: ±0,2
2.
Isat based on the inductance being 70% of its initial value
3.
Irms based on temperature rise of 40°C
4.
Tape & reel quantity, 1000 pcs/reel
5.
Inductance tested at -.25 Vrms @ 100kHz
6.
For non-RoHS parts replace the DR prefix with 42- (e.g. DR339-1 becomes 42-339-1)
7.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020C
SELF-LEADED SMD INDUCTOR DR339-1 SERIES
Features
Low Profile Surface Mount Design
Inductance Range from 0.47µH to 100µH
Operating Temp. -40°C to +85°C
Non-RoHS Versions Available (Note 6)
1
2
SCHEMATIC


Similar Part No. - DR339-1-222

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR339-1-222 DATATRONICS-DR339-1-222 Datasheet
76Kb / 1P
   SELF-LEADED SMD INDUCTOR DR339-1 SERIES
More results

Similar Description - DR339-1-222

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR339-4-471 DATATRONICS-DR339-4-471 Datasheet
76Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR341-260 DATATRONICS-DR341-260 Datasheet
146Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR343-180 DATATRONICS-DR343-180 Datasheet
148Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR344-170 DATATRONICS-DR344-170 Datasheet
156Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR338-100 DATATRONICS-DR338-100 Datasheet
112Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR339-2-471 DATATRONICS-DR339-2-471 Datasheet
106Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR339-3-471 DATATRONICS-DR339-3-471 Datasheet
98Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR342-170 DATATRONICS-DR342-170 Datasheet
147Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR345-090 DATATRONICS-DR345-090 Datasheet
113Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR347-2-102 DATATRONICS-DR347-2-102 Datasheet
91Kb / 1P
   SHIELDED SELF-LEADED SMD INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com