Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR349-2-473 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR349-2-473
Description  SMD INDUCTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR349-2-473 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR349-2-473 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR349-2-473 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
July 13, 2007
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SMD INDUCTOR DR349-2 SERIES
Features
Low Profile Surface Mount Design
Suitable for Reflow Soldering
Inductance Range from 0.1µH to 1.0mH
Operating Temp. -40°C to +85°C
Tinned Leads with Leaded Solder is Available (note 4)
ELECTRICAL SPECIFICATIONS AT 25ºC
PART NO.
INDUCTANCE (
µH)
DCR (
Ω) MAX.
MAX. RATED CURRENT (A)
DR349-2-101
0.10
±10%
@25.2MHz
0.18
0.800
DR349-2-121
0.12
±10%
@25.2MHz
0.20
0.770
DR349-2-151
0.15
±10%
@25.2MHz
0.22
0.730
DR349-2-181
0.18
±10%
@25.2MHz
0.24
0.700
DR349-2-221
0.22
±10%
@25.2MHz
0.25
0.665
DR349-2-271
0.27
±10%
@25.2MHz
0.26
0.635
DR349-2-331
0.33
±10%
@25.2MHz
0.28
0.605
DR349-2-391
0.39
±10%
@25.2MHz
0.30
0.575
DR349-2-471
0.47
±10%
@25.2MHz
0.32
0.545
DR349-2-561
0.56
±10%
@25.2MHz
0.36
0.520
DR349-2-681
0.68
±10%
@25.2MHz
0.40
0.500
DR349-2-821
0.82
±10%
@25.2MHz
0.45
0.475
DR349-2-102
1.0
±5%
@7.96MHz
0.50
0.450
DR349-2-122
1.2
±5%
@7.96MHz
0.55
0.430
DR349-2-152
1.5
±5%
@7.96MHz
0.60
0.410
DR349-2-182
1.8
±5%
@7.96MHz
0.65
0.390
DR349-2-222
2.2
±5%
@7.96MHz
0.70
0.380
DR349-2-272
2.7
±5%
@7.96MHz
0.75
0.370
DR349-2-332
3.3
±5%
@7.96MHz
0.80
0.355
DR349-2-392
3.9
±5%
@7.96MHz
0.90
0.330
DR349-2-472
4.7
±5%
@7.96MHz
1.0
0.315
DR349-2-562
5.6
±5%
@7.96MHz
1.1
0.300
DR349-2-682
6.8
±5%
@7.96MHz
1.2
0.285
DR349-2-822
8.2
±5%
@7.96MHz
1.4
0.270
DR349-2-103
10
±5%
@2.52MHz
1.5
0.250
DR349-2-123
12
±5%
@2.52MHz
2.0
0.225
DR349-2-153
15
±5%
@2.52MHz
2.5
0.200
DR349-2-183
18
±5%
@2.52MHz
2.8
0.190
DR349-2-223
22
±5%
@2.52MHz
3.2
0.180
DR349-2-273
27
±5%
@2.52MHz
3.6
0.170
DR349-2-333
33
±5%
@2.52MHz
4.0
0.160
DR349-2-393
39
±5%
@2.52MHz
4.5
0.150
DR349-2-473
47
±5%
@2.52MHz
5.0
0.140
DR349-2-563
56
±5%
@2.52MHz
5.5
0.135
DR349-2-683
68
±5%
@2.52MHz
6.0
0.130
DR349-2-823
82
±5%
@2.52MHz
7.0
0.120
DR349-2-104
100
±5%
@0.796MHz
8.0
0.110


Similar Part No. - DR349-2-473

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR349-2-473 DATATRONICS-DR349-2-473 Datasheet
87Kb / 2P
   SMD INDUCTOR DR349-2 SERIES
More results

Similar Description - DR349-2-473

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
   SMD Inductor
1XF03300S1M XFMRS-1XF03300S1M Datasheet
51Kb / 1P
   SMD Inductor
1XF15001S1M XFMRS-1XF15001S1M Datasheet
34Kb / 1P
   SMD Inductor
XFSDR63SH-2R7M XFMRS-XFSDR63SH-2R7M Datasheet
28Kb / 1P
   SMD Inductor
XFSDR63SH-220 XFMRS-XFSDR63SH-220 Datasheet
52Kb / 1P
   SMD Inductor
XF7435-101M XFMRS-XF7435-101M Datasheet
47Kb / 1P
   SMD INDUCTOR
XFSDR105-330K XFMRS-XFSDR105-330K Datasheet
44Kb / 1P
   SMD Inductor
XFTPRH73-8R2M XFMRS-XFTPRH73-8R2M Datasheet
57Kb / 1P
   SMD Inductor
XFTPRH73-120M XFMRS-XFTPRH73-120M Datasheet
55Kb / 1P
   SMD Inductor
XFTPRH73T-1R0N XFMRS-XFTPRH73T-1R0N Datasheet
61Kb / 1P
   SMD Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com