Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR349-6-680 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR349-6-680
Description  SMD INDUCTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR349-6-680 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR349-6-680 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR349-6-680 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
March 6, 2007
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice
ELECTRICAL SPECIFICATIONS AT 25ºC
PART NO.
INDUCTANCE (
µH)
@ 0A
DCR (
Ω) MAX.
MAX. RATED CURRENT
(mA) TYP.
DR349-6-100
0.010
±20%
@100MHz
0.26
530
DR349-6-120
0.012
±20%
@100MHz
0.27
500
DR349-6-150
0.015
±20%
@100MHz
0.31
480
DR349-6-180
0.018
±20%
@100MHz
0.34
450
DR349-6-220
0.022
±20%
@100MHz
0.38
420
DR349-6-270
0.027
±20%
@100MHz
0.42
410
DR349-6-330
0.033
±20%
@100MHz
0.46
400
DR349-6-390
0.039
±20%
@100MHz
0.50
380
DR349-6-470
0.047
±20%
@100MHz
0.56
360
DR349-6-560
0.056
±20%
@100MHz
0.65
340
DR349-6-680
0.068
±20%
@100MHz
0.70
320
DR349-6-820
0.082
±20%
@100MHz
0.75
300
DR349-6-101
0.100
±20%
@100MHz
0.80
280
DR349-6-121
0.120
±20%
@25.2MHz
0.37
520
DR349-6-151
0.150
±20%
@25.2MHz
0.42
480
DR349-6-181
0.180
±20%
@25.2MHz
0.46
460
DR349-6-221
0.220
±20%
@25.2MHz
0.52
430
DR349-6-271
0.270
±20%
@25.2MHz
0.56
420
DR349-6-331
0.330
±20%
@25.2MHz
0.60
400
DR349-6-391
0.390
±20%
@25.2MHz
0.65
375
DR349-6-471
0.470
±20%
@25.2MHz
0.68
350
DR349-6-561
0.560
±20%
@25.2MHz
0.75
325
DR349-6-681
0.680
±20%
@25.2MHz
0.85
300
DR349-6-821
0.820
±20%
@25.2MHz
1.00
260
DR349-6-102
1.000
±10%
@7.96MHz
1.10
245
DR349-6-122
1.200
±10%
@7.96MHz
1.20
230
DR349-6-152
1.500
±10%
@7.96MHz
1.30
220
DR349-6-182
1.800
±10%
@7.96MHz
1.45
210
DR349-6-222
2.200
±10%
@7.96MHz
1.55
200
DR349-6-272
2.700
±10%
@7.96MHz
1.70
195
DR349-6-332
3.300
±10%
@7.96MHz
1.90
185
DR349-6-392
3.900
±10%
@7.96MHz
2.10
180
DR349-6-472
4.700
±10%
@7.96MHz
2.30
175
DR349-6-562
5.600
±10%
@7.96MHz
2.50
170
DR349-6-682
6.800
±10%
@7.96MHz
2.70
165
DR349-6-822
8.200
±10%
@7.96MHz
3.05
160
SMD INDUCTOR DR349-6 SERIES
Features
SMD Inductor
Suitable for Reflow soldering
Inductance Range from 0.01
µH to 100µH
Operating Temp. -40°C to +85°C
Tinned Leads with Leaded Solder is Available (note 4)


Similar Part No. - DR349-6-680

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR349-6-680 DATATRONICS-DR349-6-680 Datasheet
65Kb / 2P
   SMD INDUCTOR DR349-6 SERIES
More results

Similar Description - DR349-6-680

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
   SMD Inductor
1XF03300S1M XFMRS-1XF03300S1M Datasheet
51Kb / 1P
   SMD Inductor
1XF15001S1M XFMRS-1XF15001S1M Datasheet
34Kb / 1P
   SMD Inductor
XFSDR63SH-2R7M XFMRS-XFSDR63SH-2R7M Datasheet
28Kb / 1P
   SMD Inductor
XFSDR63SH-220 XFMRS-XFSDR63SH-220 Datasheet
52Kb / 1P
   SMD Inductor
XF7435-101M XFMRS-XF7435-101M Datasheet
47Kb / 1P
   SMD INDUCTOR
XFSDR105-330K XFMRS-XFSDR105-330K Datasheet
44Kb / 1P
   SMD Inductor
XFTPRH73-8R2M XFMRS-XFTPRH73-8R2M Datasheet
57Kb / 1P
   SMD Inductor
XFTPRH73-120M XFMRS-XFTPRH73-120M Datasheet
55Kb / 1P
   SMD Inductor
XFTPRH73T-1R0N XFMRS-XFTPRH73T-1R0N Datasheet
61Kb / 1P
   SMD Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com