Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCO-2152 Datasheet(PDF) 1 Page - Epson ToYoCom

Part # TCO-2152
Description  VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom

TCO-2152 Datasheet(HTML) 1 Page - Epson ToYoCom

  TCO-2152 Datasheet HTML 1Page - Epson ToYoCom TCO-2152 Datasheet HTML 2Page - Epson ToYoCom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
http://www.epsontoyocom.co.jp
Crystal oscillator
Crystal oscillator
Crystal oscillator
Crystal oscillator
Epson Toyocom
Epson Toyocom
Epson Toyocom
Epson Toyocom
Specifications (characteristics)
Item
Symbol
TCO-2152
Remarks
Output frequency range
fO
77.000 MHz to 230.000 MHz
Supply voltage
VCC
3.3 V
±0.165 V
Storage temperature range
T_stg
-45 °C to +90 °C
Store as bare product after
unpacking
Operating temperature range
T_use
-40 °C to +85 °C
Frequency tolerance *1
f_tol
±35 × 10-6 Max.
-40 °C to +85 °C
Current consumption
ICC
70 mA Max.
Frequency control range
f_cont
±100 × 10-6 Min.
VC= 1.65 V
±1.65 V
Input resistance
Rin
100 k
Ω Min.
DC level
Frequency change polarity
Positive slope
VC= 0 V to 3.3 V
Output load condition
-
LV-PECL
Start-up time
t_str
10 ms Max.
Time at minimum supply
voltage to be 0 s.
Frequency aging
f_aging
±5 × 10-6 / year Max.
+25 °C, First year
*1 This does not include initial frequency tolerance because frequency is adjustable.
External dimensions
(Unit:mm)
Footprint (Recommended)
(Unit:mm)
VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR (VCXO)
TCO - 2152
•Frequency range
:
77 MHz to 230 MHz
•Supply voltage
:
3.3 V
•Frequency controlrange : ±100 × 10
-6
•Features
:
Wide frequency control range
:
With HFF-XTAL technology
:
Fundamental oscillation
•Function
:
Output enable(OE)
7.0±0.3
Index
0.8
#2
#3
#6
#5
#4
#1
2.54
2.54
Solder Sealing
0.35
Marking
C0.3
Pin map
Pin
CONNECTION
1
VC
2
OE
3
GND/case
4
OUT1(Positive)
5
OUT2(Negative)
6
VCC
Note.
OE Pin
OE pin = "L" or "open" : Specified frequency output.
OE pin = "H" : Output is high impedance, oscillation stops.
C0.3
5.08
1.6
Resist
#4
#1
#5
#6
#2
#3
Product Number (please contact us)
X1G000531xxxx00


Similar Part No. - TCO-2152

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
TCO-2100 EPSONTOYOCOM-TCO-2100 Datasheet
433Kb / 3P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
More results

Similar Description - TCO-2152

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com