Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR358-5-473 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR358-5-473
Description  SMD SHIELDED INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR358-5-473 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR358-5-473 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
February 12, 2007
DATATRONIC: 28151Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
ELECTRICAL SPECIFICATIONS AT 25ºC
Part No.
Inductance
(
µH) ± 30%
DCR
(
Ω) Max.
I rated
(A) Max.
DR358-5-302
3.0
0.024
3.00
DR358-5-392
3.9
0.027
2.60
DR358-5-502
5.0
0.031
2.40
DR358-5-602
6.0
0.035
2.25
DR358-5-732
7.3
0.054
2.10
DR358-5-862
8.6
0.058
1.85
DR358-5-103
10.0
0.065
1.70
DR358-5-123
12.0
0.070
1.55
DR358-5-153
15.0
0.084
1.40
DR358-5-183
18.0
0.095
1.32
DR358-5-223
22.0
0.128
1.20
DR358-5-273
27.0
0.142
1.05
DR358-5-333
33.0
0.165
0.97
DR358-5-393
39.0
0.210
0.86
DR358-5-473
47.0
0.238
0.80
DR358-5-563
56.0
0.277
0.73
DR358-5-683
68.0
0.304
0.65
DR358-5-823
82.0
0.390
0.60
DR358-5-104
100.0
0.535
0.54
MECHANICAL OUTLINES
Notes:
1.
All dimensions are shown in millimeter “mm”
2.
General tolerance
±0.2mm, unless other specified
3.
Inductance Test: 10kHz, 0.1Vrms
4.
Irated for an approximate 40°C temperature rise
5.
Irated for an approximate 35% drop maximum of the initial value
6.
Tape and reel quantity, 1500 pcs/ 13” reel
7.
For non-RoHS parts replace DR prefix with 42- (e.g. DR358-5 becomes 42-358-5)
8.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020C.
SMD SHIELDED INDUCTOR DR358-5 SERIES
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Inductance Range from 3.0µH to 100.0µH
Operating Temp. -20°C to +80°C
Tinned Leads with Leaded Solder is Available (note 7)


Similar Part No. - DR358-5-473

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR358-5-473 DATATRONICS-DR358-5-473 Datasheet
97Kb / 1P
   SMD SHIELDED INDUCTOR DR358-5 SERIES
More results

Similar Description - DR358-5-473

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFSDR63SH-1R5N XFMRS-XFSDR63SH-1R5N Datasheet
44Kb / 1P
   Shielded SMD Inductor
XFTPRH5D28-101M XFMRS-XFTPRH5D28-101M Datasheet
62Kb / 1P
   Shielded smd Inductor
XFTPRH105-6R8M XFMRS-XFTPRH105-6R8M Datasheet
46Kb / 1P
   Shielded smd Inductor
XFTPRH105-102M XFMRS-XFTPRH105-102M Datasheet
47Kb / 1P
   Shielded smd Inductor
logo
Datatronic Distribution...
DR358-3-412 DATATRONICS-DR358-3-412 Datasheet
102Kb / 1P
   SHIELDED SMD INDUCTOR
DR357-1-252 DATATRONICS-DR357-1-252 Datasheet
100Kb / 1P
   SHIELDED SMD INDUCTOR
DR358-6-332 DATATRONICS-DR358-6-332 Datasheet
100Kb / 1P
   SHIELDED SMD INDUCTOR
DR331-8-102 DATATRONICS-DR331-8-102 Datasheet
76Kb / 1P
   SHIELDED SMD INDUCTOR
DR350-1-332 DATATRONICS-DR350-1-332 Datasheet
100Kb / 1P
   SHIELDED SMD INDUCTOR
DR350-3-332 DATATRONICS-DR350-3-332 Datasheet
83Kb / 1P
   SHIELDED SMD INDUCTOR
DR350-5-103 DATATRONICS-DR350-5-103 Datasheet
83Kb / 1P
   SHIELDED SMD INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com