Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR360-1-273 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR360-1-273
Description  HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR360-1-273 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR360-1-273 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
November 10, 2008
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1
2
Schematic
NOTES
(1)
OCL measured at .25VRMS, 1kHz.
(2)
Rated Current tested at .25VRMS, 1kHz
(3)
All materials are rated at 200ºC
(4)
Electrical Specifications at 25°C
(5)
DR360-2-XXX denotes vertical design.
DR360-1-XXX denotes
horizontal design
(6)
All dimensions are shown in
inches “in”. General tolerance is ±0.010in,
unless otherwise specified.
(7)
For non-RoHS parts replace DR
prefix with 42- (e.g. DR360 becomes
42-360)
(8)
Terminal finish is compliant to
RoHS requirements
.
DR360 SERIES, HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
Features
Low EMI
High Current Capacity
Operating Temp. -55°C to +200°C
Horizontal or Vertical mount
(Note 5)
Tinned Leads with Leaded Solder is Available
(note 7)
Part
Number
L(µH)
±15% (1)
L(µH)±15%
@ I rated
(2)
Idc
(A)
DCR (Ω)
(MAX)
Dim.
A
Nom.
Dim.
B
Nom.
Dim.
C
Nom.
DR360-X-122
DR360-X-182
DR360-X-272
DR360-X-392
DR360-X-472
1.2
1.8
2.7
3.9
4.7
1.0
1.5
2.2
3.1
3.7
38.7
34.6
31.6
29.2
27.3
0.002
0.003
0.003
0.004
0.004
0.56
0.56
0.56
0.56
0.56
1.18
1.18
1.18
1.18
1.18
0.066
0.066
0.066
0.066
0.066
DR360-X-562
DR360-X-682
DR360-X-822
DR360-X-103
DR360-X-123
5.6
6.8
8.2
10
12
4.3
5.1
6.0
7.2
8.5
25.8
24.5
24.3
23.3
22.4
0.005
0.005
0.005
0.006
0.006
0.56
0.56
0.56
0.56
0.56
1.18
1.18
1.18
1.18
1.18
0.066
0.066
0.066
0.066
0.066
DR360-X-153
DR360-X-183
DR360-X-223
DR360-X-273
DR360-X-333
15
18
22
27
33
10.3
12.2
14.5
19.2
23.0
20.8
20.2
19.0
14.3
13.6
0.007
0.007
0.008
0.014
0.015
0.56
0.56
0.56
0.53
0.53
1.18
1.18
1.18
1.14
1.14
0.066
0.066
0.066
0.053
0.053
DR360-X-393
DR360-X-473
DR360-X-563
DR360-X-683
DR360-X-823
39
47
56
68
82
26.7
34.7
40.8
48.5
57.4
13.0
10.0
9.7
9.2
8.8
0.017
0.028
0.030
0.034
0.037
0.53
0.52
0.52
0.52
0.52
1.14
1.13
1.13
1.13
1.13
0.053
0.042
0.042
0.042
0.042
DR360-X-104
DR360-X-124
DR360-X-154
DR360-X-184
DR360-X-224
100
120
150
180
220
68.3
80.5
97.9
114.5
136.6
8.3
8.0
7.5
7.2
6.8
0.041
0.045
0.050
0.055
0.061
0.56
0.56
0.56
0.56
0.56
1.17
1.17
1.17
1.17
1.17
0.042
0.042
0.042
0.042
0.042
DR360-X-274
DR360-X-334
DR360-X-394
DR360-X-474
270
330
390
470
163.2
218.3
252.8
297.9
6.5
4.9
4.7
4.5
0.067
0.10
0.13
0.14
0.56
0.54
0.54
0.54
1.17
1.16
1.16
1.16
0.042
0.037
0.037
0.037
DR360-X-564
DR360-X-684
DR360-X-824
DR360-X-105
560
680
820
1000
389.1
461.4
545.2
648.2
3.4
3.2
3.1
2.9
0.24
0.27
0.30
0.33
0.53
0.53
0.53
0.58
1.14
1.14
1.14
1.17
0.027
0.027
0.027
0.027
1.280
MAX
A
B
Vertical
DR360-2-XXX
Horizontal
DR360-1-XXX
0.65
MAX
0.65
MAX
1.28
MAX
.50
u.02
C
.50
u.02
C


Similar Part No. - DR360-1-273

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR360-X-103 DATATRONICS-DR360-X-103 Datasheet
138Kb / 1P
   DR360 SERIES, HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
DR360-X-104 DATATRONICS-DR360-X-104 Datasheet
138Kb / 1P
   DR360 SERIES, HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
DR360-X-105 DATATRONICS-DR360-X-105 Datasheet
138Kb / 1P
   DR360 SERIES, HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
DR360-X-122 DATATRONICS-DR360-X-122 Datasheet
138Kb / 1P
   DR360 SERIES, HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
DR360-X-123 DATATRONICS-DR360-X-123 Datasheet
138Kb / 1P
   DR360 SERIES, HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
More results

Similar Description - DR360-1-273

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR361 DATATRONICS-DR361 Datasheet
142Kb / 1P
   HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
DR362 DATATRONICS-DR362 Datasheet
144Kb / 1P
   HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
logo
Bourns Electronic Solut...
2300HT-1R2-RC BOURNS-2300HT-1R2-RC Datasheet
106Kb / 1P
   High Temperature, High Current Toroid Inductors
2200HT-1R2-RC BOURNS-2200HT-1R2-RC Datasheet
112Kb / 1P
   High Temperature, High Current Toroid Inductors
2300HT-331-H-RC BOURNS-2300HT-331-H-RC Datasheet
106Kb / 1P
   High Temperature, High Current Toroid Inductors
logo
Datatronic Distribution...
DR360 DATATRONICS-DR360_14 Datasheet
138Kb / 1P
   DR360 SERIES, HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
DR362 DATATRONICS-DR362_14 Datasheet
149Kb / 1P
   DR362 SERIES, HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
DR361 DATATRONICS-DR361_14 Datasheet
119Kb / 1P
   DR 361 SERIES, HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
logo
MPS Industries, Inc.
P11T60 MPSIND-P11T60 Datasheet
302Kb / 2P
   HIGH CURRENT TOROID INDUCTORS HIGH TEMPERATURE, CLASS H
logo
Vishay Siliconix
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A Datasheet
345Kb / 5P
   High Current Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com