Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR363-123 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR363-123
Description  LOW PROFILE SHIELDED SMD POWER INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR363-123 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR363-123 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
March 6, 2007
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477
Fax: (852) 2565 7214, (852) 2563 1290
All specification are subject to change without notice.
LOW PROFILE SHIELDED SMD POWER INDUCTOR DR363 SERIES
Features
Low Profile Surface Mount Design (Height 3.0mm / 0.118 inches)
Inductance Range from 1.0µH to 150µH
Ideal for variety of DC-DC Converter applications
and DSC, DVC, PDA Products
Operating Temperature : -20°C to +85°C
Operating Frequency Range : 10kHz – 1MHz
Tinned Leads with Leaded Solder is Available (note 4)
Electrical Specifications at 25
°C
Rated Current (A) Max
Part Number
L (
µH) ± 20%
Test Freq. (0.1V)
DCR (m
Ω) Max (Typ.)
I sat
I rms
DR363-102
1.0
100kHz
13.2 (11.0)
3.59
4.03
DR363-152
1.5
100kHz
15.6 (13.0)
2.93
3.63
DR363-222
2.2
100kHz
19.2 (16.0)
2.42
3.30
DR363-362
3.6
100kHz
25.2 (21.0)
1.89
2.83
DR363-472
4.7
100kHz
32.4 (27.0)
1.66
2.45
DR363-622
6.2
100kHz
38.4 (32.0)
1.45
2.20
DR363-103
10.0
100kHz
58.8 (49.0)
1.14
1.77
DR363-123
12.0
100kHz
62.4 (52.0)
1.04
1.70
DR363-153
15.0
100kHz
74.4 (62.0)
0.93
1.55
DR363-183
18.0
100kHz
88.8 (74.0)
0.85
1.41
DR363-223
22.0
100kHz
114.0 (95.0)
0.77
1.23
DR363-273
27.0
100kHz
144.0 (120.0)
0.70
1.08
DR363-333
33.0
100kHz
168.0 (140.0)
0.63
0.99
DR363-393
39.0
100kHz
180.0 (150.0)
0.58
0.95
DR363-473
47.0
100kHz
222.0 (185.0)
0.53
0.84
DR363-563
56.0
100kHz
264.0 (222.0)
0.48
0.76
DR363-683
68.0
100kHz
324.0 (270.0)
0.44
0.69
DR363-823
82.0
100kHz
396.0 (330.0)
0.40
0.61
DR363-104
100.0
100kHz
498.0 (415.0)
0.36
0.54
DR363-154
150.0
100kHz
738.0 (615.0)
0.31
0.42
MECHANICAL OUTLINES
Notes:
1.
All dimensions are given in millimeters “mm” (Inches “IN” ref)
2.
Unless otherwise specified, tolerance; ± 0,254mm, (0.010 IN)
3.
Tape and reel quantity, 2000 pcs/reel
4.
For non-RoHS parts replace DR prefix with 42- (e.g. DR363 becomes 42-363)
5.
Terminal finish is compliant to RoHS requirements
. Solder in accordance with J-STD-020C
6.3 [0.248] MAX
3.0 [0.118] MAX
4.8 [0.189]
0.6 [0.024]
2.0 [0.079]
4.6 [0.181]
6.6 [0.260]
PAD
LAYOUT


Similar Part No. - DR363-123

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR363-123 DATATRONICS-DR363-123 Datasheet
74Kb / 1P
   LOW PROFILE SHIELDED SMD POWER INDUCTOR DR363 SERIES
More results

Similar Description - DR363-123

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0840 ABRACON-ASPI-0840 Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
10.04.13
ASPI-2410 ABRACON-ASPI-2410 Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
10.20.11
ASPI-0628 ABRACON-ASPI-0628 Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
03.16.12
ASPI-2510 ABRACON-ASPI-2510 Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
09.06.11
ASPI-0615FS ABRACON-ASPI-0615FS Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.04.13
ASPI-0425 ABRACON-ASPI-0425 Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
12.20.11
ASPI-2515 ABRACON-ASPI-2515 Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
01.31.13
ASPI-0312FS ABRACON-ASPI-0312FS Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
11.22.11
ASPI-5040S ABRACON-ASPI-5040S Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
01.24.12
ASPI-0410FS ABRACON-ASPI-0410FS Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
09.23.13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com