Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29PL064-70TI Datasheet(PDF) 11 Page - Eon Silicon Solution Inc.

Part # EN29PL064-70TI
Description  64/32 Mbit (4/2 M x 16-Bit) CMOS 3.0 Volt- only,
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29PL064-70TI Datasheet(HTML) 11 Page - Eon Silicon Solution Inc.

Back Button EN29PL064-70TI Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 13Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 14Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 15Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
11
EN29PL064/032
Rev. D, Issue Date: 2008/03/27
9. Device Bus Operations
This section describes the requirements and use of the device bus operations, which are initiated
through the internal command register. The command register itself does not occupy any
addressable memory location. The register is a latch used to store the commands, along with the
address and data information needed to execute the command. The contents of the register serve
as inputs to the internal state machine. The state machine outputs dictate the function of the device.
Table 9.1 lists the device bus operations, the inputs and control levels they require, and the resulting
output. The following subsections describe each of these operations in further detail.
Table 9.1
Device Bus Operations
Operation
CE#
OE#
WE#
RESET#
WP#/ACC
Addresses
(Amax–A0)
DQ15–
DQ0
Read
L
L
H
H
X
AIN
DOUT
Write
L
H
L
H
X (Note 2)
AIN
DIN
Standby
Vcc±0.3 V
X
X
Vcc ±0.3 V
X (Note 2)
X
High-Z
Output Disable
L
H
H
H
X
X
High-Z
Reset
X
X
X
L
X
X
High-Z
Temporary Sector
Unprotect (High Voltage)
X
X
X
VID
X
AIN
DIN
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 10.5–11.5 V, VHH = 8.5–9.5 V, X = Don’t Care, SA = Sector
Address, AIN = Address In, DIN = Data In, DOUT = Data Out
Notes
1.
The sector protect and sector unprotect functions may also be implemented via programming equipment.
See High Voltage Sector Protection
2. WP#/ACC must be high when writing to upper two and lower two sectors.
9.1 Requirements for Reading Array Data
To read array data from the outputs, the system must drive the OE# and appropriate CE# pins. CE#
is the power control. OE# is the output control and gates array data to the output pins. WE# should
remain at V
IH.
The internal state machine is set for reading array data upon device power-up, or after a hardware
reset. This ensures that no spurious alteration of the memory content occurs during the power
transition. No command is necessary in this mode to obtain array data. Standard microprocessor
read cycles that assert valid addresses on the device address inputs produce valid data on the
device data outputs. Each bank remains enabled for read access until the command register
contents are altered.
Refer to Table 21.3 for timing specifications and to Figure 20.3 for the timing diagram. I
CC1 in the
DC Characteristics table represents the active current specification for reading array data.
9.1.1 Random Read (Non-Page Read)
Address access time (t
ACC) is equal to the delay from stable addresses to valid output data.
The chip enable access time (t
CE) is the delay from the stable addresses and stable CE# to
valid data at the output inputs. The output enable access time is the delay from the falling
edge of the OE# to valid data at the output inputs (assuming the addresses have been stable
for at least t
ACC–tOE time).


Similar Part No. - EN29PL064-70TI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29PL064-70TIP EON-EN29PL064-70TIP Datasheet
778Kb / 57P
   64 Mbit (4 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
More results

Similar Description - EN29PL064-70TI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29PL064 EON-EN29PL064 Datasheet
778Kb / 57P
   64 Mbit (4 M x 16-Bit) CMOS 3.0 Volt- only
EN29PL064 EON-EN29PL064_11 Datasheet
778Kb / 57P
   64 Mbit (4 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
EN29PL032A EON-EN29PL032A Datasheet
730Kb / 52P
   32 Mbit (2 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
logo
SPANSION
AM50DL9608G SPANSION-AM50DL9608G Datasheet
972Kb / 70P
   64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit
logo
Advanced Micro Devices
AM49DL32XBG AMD-AM49DL32XBG Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
logo
SPANSION
AM75DL9608HG SPANSION-AM75DL9608HG Datasheet
1Mb / 70P
   64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and
AM49PDL127BH SPANSION-AM49PDL127BH Datasheet
1Mb / 86P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
logo
Advanced Micro Devices
AM50DL128CG AMD-AM50DL128CG Datasheet
888Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories and 64 Mbit (4 M x 16-Bit) Pseudo Static RAM
logo
SPANSION
AM29LV320D SPANSION-AM29LV320D Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29DL322D AMD-AM29DL322D Datasheet
1Mb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com