Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29PL064-70BIP Datasheet(PDF) 5 Page - Eon Silicon Solution Inc.

Part # EN29PL064-70BIP
Description  64/32 Mbit (4/2 M x 16-Bit) CMOS 3.0 Volt- only,
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29PL064-70BIP Datasheet(HTML) 5 Page - Eon Silicon Solution Inc.

  EN29PL064-70BIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29PL064-70BIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29PL064-70BIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29PL064-70BIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29PL064-70BIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29PL064-70BIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29PL064-70BIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29PL064-70BIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29PL064-70BIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
5
EN29PL064/032
Rev. D, Issue Date: 2008/03/27
2. Ordering Information
EN29PL064
-
70
T
I
P
PACKAGING CONTENT
(Blank) = Conventional
P = Pb Free
TEMPERATURE RANGE
I = Industrial (-40°C to +85°C)
PACKAGE
T = 48-pin TSOP
B = 48-Ball Fine Pitch Ball Grid Array (FBGA)
0.80mm pitch, 6mm x 8mm package
C =56-Ball Fine Pitch Ball Grid Array (FBGA)
0.80mm pitch, 7mm x 9mm package
SPEED
70 = 70ns
BASE PART NUMBER
EN = Eon Silicon Solution Inc.
29PL = FLASH, 3.0V Read Program Erase,
Simultaneous-Read/Write, Page-Mode
064 = 64 Megabit (4 M x 16-Bit)
032 = 32 Megabit (2 M x 16-Bit)
3. Product Selector Guide
Part Number
EN29PL032 / EN29PL064
Speed Option
VCC = 2.7 V – 3.6 V
70
Max Access Time, ns (tACC)
Max CE# Access , ns (tCE)
70
Max Page Access, ns (tPACC)
Max OE# Access, ns (tOE)
25


Similar Part No. - EN29PL064-70BIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29PL064-70TIP EON-EN29PL064-70TIP Datasheet
778Kb / 57P
   64 Mbit (4 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
More results

Similar Description - EN29PL064-70BIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29PL064 EON-EN29PL064 Datasheet
778Kb / 57P
   64 Mbit (4 M x 16-Bit) CMOS 3.0 Volt- only
EN29PL064 EON-EN29PL064_11 Datasheet
778Kb / 57P
   64 Mbit (4 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
EN29PL032A EON-EN29PL032A Datasheet
730Kb / 52P
   32 Mbit (2 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
logo
SPANSION
AM50DL9608G SPANSION-AM50DL9608G Datasheet
972Kb / 70P
   64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit
logo
Advanced Micro Devices
AM49DL32XBG AMD-AM49DL32XBG Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
logo
SPANSION
AM75DL9608HG SPANSION-AM75DL9608HG Datasheet
1Mb / 70P
   64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and
AM49PDL127BH SPANSION-AM49PDL127BH Datasheet
1Mb / 86P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
logo
Advanced Micro Devices
AM50DL128CG AMD-AM50DL128CG Datasheet
888Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories and 64 Mbit (4 M x 16-Bit) Pseudo Static RAM
logo
SPANSION
AM29LV320D SPANSION-AM29LV320D Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29DL322D AMD-AM29DL322D Datasheet
1Mb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com