Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29GL064H-70TIP Datasheet(PDF) 3 Page - Eon Silicon Solution Inc.

Part # EN29GL064H-70TIP
Description  64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29GL064H-70TIP Datasheet(HTML) 3 Page - Eon Silicon Solution Inc.

  EN29GL064H-70TIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29GL064H-70TIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29GL064H-70TIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29GL064H-70TIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29GL064H-70TIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29GL064H-70TIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29GL064H-70TIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29GL064H-70TIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29GL064H-70TIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
3
Preliminary
EN29GL064
Rev. A, Issue Date: 2009/3/20
Figure 3. 64-ball Fortified Ball Grid Array (Top View, Balls Facing Down)
Note: RFU= Reserved for future use
E8
VSS
D8
VIO
F8
RFU
C8
RFU
G8
RFU
H8
RFU
B8
RFU
A8
RFU
A7
A13
B7
A12
C7
A14
D7
A15
H7
VSS
E7
A16
F7
BYTE#
G7
DQ15 / A -1
A1
RFU
B1
RFU
C1
RFU
D1
RFU
E1
RFU
F1
VIO
G1
RFU
H1
RFU
A2
A3
B2
A4
C2
A2
D2
A1
E2
A0
F2
CE#
G2
OE#
H2
VSS
A3
A7
B3
A17
C3
A6
D3
A5
E3
DQ0
F3
DQ8
G3
DQ9
H3
DQ1
A4
RY / BY#
B4
WP# / ACC
C4
A18
D4
A20
E4
DQ2
F4
DQ10
G4
DQ11
H4
DQ3
A6
A9
B6
A8
C6
A10
D6
A11
E6
DQ7
F6
DQ14
G6
DQ13
H6
DQ6
A5
WE#
B5
RESET#
C5
A21
D5
A19
E5
DQ5
F5
DQ12
H5
DQ4
G5
VCC


Similar Part No. - EN29GL064H-70TIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29GL064H-70BAIP EON-EN29GL064H-70BAIP Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064H-70ZIP EON-EN29GL064H-70ZIP Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29GL064H-70TIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064ATB EON-EN29GL064ATB Datasheet
679Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AT EON-EN29GL064AT Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29P640T-70TI EON-EN29P640T-70TI Datasheet
569Kb / 55P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory
EN29GL128HL EON-EN29GL128HL Datasheet
783Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29LV641H EON-EN29LV641H Datasheet
522Kb / 46P
   64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H Datasheet
746Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29SL160 EON-EN29SL160 Datasheet
369Kb / 46P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
EN29LV160B EON-EN29LV160B Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com