Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29P640T-70TIP Datasheet(PDF) 1 Page - Eon Silicon Solution Inc.

Part # EN29P640T-70TIP
Description  64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29P640T-70TIP Datasheet(HTML) 1 Page - Eon Silicon Solution Inc.

  EN29P640T-70TIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29P640T-70TIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29P640T-70TIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29P640T-70TIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29P640T-70TIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29P640T-70TIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29P640T-70TIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29P640T-70TIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29P640T-70TIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
This Data Sheet may be revised by subsequent versions
© 2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
1
EN29LV640T/B
Rev. G, Issue Date: 2009/03/30
Purpose
Eon Silicon Solution Inc. (hereinafter called “Eon”) is going to provide its products’ top marking on
ICs with < cFeon > from January 1st, 2009, and without any change of the part number and the
compositions of the ICs. Eon is still keeping the promise of quality for all the products with the
same as that of Eon delivered before. Please be advised with the change and appreciate your
kindly cooperation and fully support Eon’s product family.
Eon products’ New Top Marking
cFeon Top Marking Example:
Continuity of Specifications
There is no change to this data sheet as a result of offering the device as an Eon product. Any
changes that have been made are the result of normal data sheet improvement and are noted in
the document revision summary, where supported. Future routine revisions will occur when
appropriate, and changes will be noted in a revision summary.
Continuity of Ordering Part Numbers
Eon continues to support existing part numbers beginning with “Eon” and “cFeon” top marking. To
order these products, during the transition please specify “Eon top marking” or “cFeon top marking”
on your purchasing orders.
For More Information
Please contact your local sales office for additional information about Eon memory solutions.
cFeon
Part Number: XXXX-XXX
Lot Number: XXXXX
Date Code:
XXXXX


Similar Part No. - EN29P640T-70TIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29PL032A EON-EN29PL032A Datasheet
730Kb / 52P
   32 Mbit (2 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
EN29PL032A-70TIP EON-EN29PL032A-70TIP Datasheet
730Kb / 52P
   32 Mbit (2 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
EN29PL064 EON-EN29PL064 Datasheet
778Kb / 57P
   64 Mbit (4 M x 16-Bit) CMOS 3.0 Volt- only
EN29PL064-70BI EON-EN29PL064-70BI Datasheet
883Kb / 66P
   64/32 Mbit (4/2 M x 16-Bit) CMOS 3.0 Volt- only,
EN29PL064-70BIP EON-EN29PL064-70BIP Datasheet
883Kb / 66P
   64/32 Mbit (4/2 M x 16-Bit) CMOS 3.0 Volt- only,
More results

Similar Description - EN29P640T-70TIP

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29PL64LM SPANSION-MBM29PL64LM Datasheet
797Kb / 69P
   Flash Memory 64 M (8M X 8/4M X 16) BIT
logo
Eon Silicon Solution In...
EN29LV640T EON-EN29LV640T Datasheet
475Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640A EON-EN29LV640A Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
SPANSION
S29JL064J SPANSION-S29JL064J Datasheet
1Mb / 61P
   64 Megabit (8M x 8-Bit/4M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
Eon Silicon Solution In...
EN29GL064 EON-EN29GL064 Datasheet
3Mb / 66P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory
logo
Maxwell Technologies
29F0408 MAXWELL-29F0408 Datasheet
941Kb / 33P
   32 Megabit (4M x 8-Bit) Flash Memory
logo
Samsung semiconductor
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
logo
Eon Silicon Solution In...
EN29SL160 EON-EN29SL160 Datasheet
369Kb / 46P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
EN29LV160B EON-EN29LV160B Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
logo
Fujitsu Component Limit...
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
   8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com