Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29SL160B-90MC Datasheet(PDF) 11 Page - Eon Silicon Solution Inc.

Part # EN29SL160B-90MC
Description  16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29SL160B-90MC Datasheet(HTML) 11 Page - Eon Silicon Solution Inc.

Back Button EN29SL160B-90MC Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29SL160B-90MC Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29SL160B-90MC Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29SL160B-90MC Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29SL160B-90MC Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29SL160B-90MC Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29SL160B-90MC Datasheet HTML 13Page - Eon Silicon Solution Inc. EN29SL160B-90MC Datasheet HTML 14Page - Eon Silicon Solution Inc. EN29SL160B-90MC Datasheet HTML 15Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.eonssi.com
or modifications due to changes in technical specifications.
11
EN29SL160
Rev. G, Issue Date: 2008/09/09
disable this feature. See Flowchart 7a and 7b for the algorithm and Figure 12 for the timings.
When doing Sector Unprotect, all the other sectors should be protected first.
The second method is meant for programming equipment. This method requires VID be applied to
both OE# and A9 pin and non-standard microprocessor timings are used. This method is described
in a separate document called EN29SL160 Supplement, which can be obtained by contacting a
representative of Eon Silicon Solution, Inc.
Top Boot Sector/Sector Group Organization Table (EN29SL160T) for (Un)Protection
Sector / Sector Group
A19-A12
Sector/Sector Group Size
SA 0
00000XXX
64 Kbytes
SA 1-SA 3
00001XXX
00010XXX
00011XXX
190 (3x64) Kbytes
SA 4-SA 7
001XXXXX
256 (4 x 64) Kbytes
SA 8-SA11
010XXXXX
256 (4 x 64) Kbytes
SA12-SA15
011XXXXX
256 (4 x 64) Kbytes
SA16-SA19
100XXXXX
256 (4 x 64) Kbytes
SA20-SA23
101XXXXX
256 (4 x 64) Kbytes
SA24-SA27
110XXXXX
256 (4 x 64) Kbytes
SA28-SA30
11100XXX
11101XXX
11110XXX
190 (3x64) Kbytes
SA31
11111000
8 Kbytes
SA32
11111001
8 Kbytes
SA33
11111010
8 Kbytes
SA34
11111011
8 Kbytes
SA35
11111100
8 Kbytes
SA36
11111101
8 Kbytes
SA37
11111110
8 Kbytes
SA38
11111111
8 Kbytes
Bottom Boot Sector/Sector Group Organization Table (EN29SL160B) for (Un)Protection
Sector / Sector Group
A19-A12
Sector/Sector Group Size
SA38
11111XXX
64 Kbytes
SA37-SA35
11110XXX
11101XXX
11100XXX
190 (3x64) Kbytes
SA34-SA31
110XXXXX
256 (4 x 64) Kbytes
SA30-SA27
101XXXXX
256 (4 x 64) Kbytes
SA26-SA23
100XXXXX
256 (4 x 64) Kbytes
SA22-SA19
011XXXXX
256 (4 x 64) Kbytes
SA18-SA15
010XXXXX
256 (4 x 64) Kbytes
SA14-SA11
001XXXXX
256 (4 x 64) Kbytes
SA10-SA08
00011XXX
00010XXX
00001XXX
190 (3x64) Kbytes
SA 7
00000111
8 Kbytes
SA 6
00000110
8 Kbytes
SA 5
00000101
8 Kbytes
SA 4
00000100
8 Kbytes
SA 3
00000011
8 Kbytes
SA 2
00000010
8 Kbytes
SA 1
00000001
8 Kbytes
SA 0
00000000
8 Kbytes


Similar Part No. - EN29SL160B-90MC

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29SL400 EON-EN29SL400 Datasheet
299Kb / 40P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN29SL400B-70BC EON-EN29SL400B-70BC Datasheet
299Kb / 40P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN29SL400B-70BCP EON-EN29SL400B-70BCP Datasheet
299Kb / 40P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN29SL400B-70BI EON-EN29SL400B-70BI Datasheet
299Kb / 40P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN29SL400B-70BIP EON-EN29SL400B-70BIP Datasheet
299Kb / 40P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
More results

Similar Description - EN29SL160B-90MC

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
EN29LV160A EON-EN29LV160A Datasheet
930Kb / 43P
   16 MEGABIT (2048K X 8- BIT / 1024 K X 16-BIT) FLASH MEMORY
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN39SL160H EON-EN39SL160H Datasheet
581Kb / 52P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
logo
List of Unclassifed Man...
EN29F080 ETC-EN29F080 Datasheet
214Kb / 37P
   8 Megabit (1024K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com