Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25D16-75HIP Datasheet(PDF) 10 Page - Eon Silicon Solution Inc.

Part # EN25D16-75HIP
Description  16 Megabit Serial Flash Memory
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25D16-75HIP Datasheet(HTML) 10 Page - Eon Silicon Solution Inc.

Back Button EN25D16-75HIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25D16-75HIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25D16-75HIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25D16-75HIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25D16-75HIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25D16-75HIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25D16-75HIP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25D16-75HIP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25D16-75HIP Datasheet HTML 14Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
10
EN25D16
Rev. B, Issue Date: 2008/06/23
INSTRUCTIONS
All instructions, addresses and data are shifted in and out of the device, most significant bit first.
Serial Data Input (DI) is sampled on the first rising edge of Serial Clock (CLK) after Chip Select (CS#)
is driven Low. Then, the one-byte instruction code must be shifted in to the device, most significant
bit first, on Serial Data Input (DI), each bit being latched on the rising edges of Serial Clock (CLK).
The instruction set is listed in Table 4. Every instruction sequence starts with a one-byte instruction
code. Depending on the instruction, this might be followed by address bytes, or by data bytes, or by
both or none. Chip Select (CS#) must be driven High after the last bit of the instruction sequence
has been shifted in. In the case of a Read Data Bytes (READ), Read Data Bytes at Higher Speed
(Fast_Read), Read Status Register (RDSR) or Release from Deep Power-down, and Read Device
ID (RDI) instruction, the shifted-in instruction sequence is followed by a data-out sequence. Chip
Select (CS#) can be driven High after any bit of the data-out sequence is being shifted out.
In the case of a Page Program (PP), Sector Erase (SE), Block Erase (BE), Chip Erase (CE), Write
Status Register (WRSR), Write Enable (WREN), Write Disable (WRDI) or Deep Power-down (DP)
instruction, Chip Select (CS#) must be driven High exactly at a byte boundary, otherwise the
instruction is rejected, and is not executed. That is, Chip Select (CS#) must driven High when the
number of clock pulses after Chip Select (CS#) being driven Low is an exact multiple of eight. For
Page Program, if at any time the input byte is not a full byte, nothing will happen and WEL will not be
reset.
In the case of multi-byte commands of Page Program (PP), and Release from Deep Power
Down (RES ) minimum number of bytes specified has to be given, without which, the
command will be ignored.
In the case of Page Program, if the number of byte after the command is less than 4 (at least
1 data byte), it will be ignored too. In the case of SE and BE, exact 24-bit address is a must,
any less or more will cause the command to be ignored.
All attempts to access the memory array during a Write Status Register cycle, Program cycle or
Erase cycle are ignored, and the internal Write Status Register cycle, Program cycle or Erase cycle
continues unaffected.
Table 4. Instruction Set
Instruction Name
Byte 1
Code
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
n-Bytes
Write Enable
06h
Write Disable / Exit
OTP mode
04h
Read Status
Register
05h
(S7-S0)(1)
continuous(2)
Write Status
Register
01h
S7-S0
Read Data
03h
A23-A16
A15-A8
A7-A0
(D7-D0)
(Next byte)
continuous
Fast Read
0Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(Next Byte)
continuous
Dual Output Fast
Read
3Bh
A23-A16
A15-A8
A7-A0
dummy
DI =
(D6, D4, D2, D0)
DO =
(D7, D5, D3, D1)
(one byte
per 4 clocks,
continuous)
Page Program
02h
A23-A16
A15-A8
A7-A0
D7-D0
Next byte
continuous
Sector Erase
20h
A23-A16
A15-A8
A7-A0
Block Erase
D8h/ 52h
A23-A16
A15-A8
A7-A0
Chip Erase
C7h/ 60h
Deep Power-down
B9h


Similar Part No. - EN25D16-75HIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25 EON-EN25 Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
logo
ON Semiconductor
EN2510B ONSEMI-EN2510B Datasheet
401Kb / 9P
   Bipolar Transistor 100V, 1A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
logo
Sanyo Semicon Device
EN2511B SANYO-EN2511B Datasheet
491Kb / 9P
   High-Voltage Switching Applications
logo
ON Semiconductor
EN2511B ONSEMI-EN2511B Datasheet
385Kb / 9P
   Bipolar Transistor
September, 2013
logo
Sanyo Semicon Device
EN2537A SANYO-EN2537A Datasheet
46Kb / 2P
   PIN Diode for FM/AM Electronic Tuning AGC Drive Use
More results

Similar Description - EN25D16-75HIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25T16A EON-EN25T16A Datasheet
681Kb / 35P
   16 Megabit Uniform Sector, Serial Flash Memory
EN25F16 EON-EN25F16 Datasheet
455Kb / 35P
   16 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25QH16 EON-EN25QH16 Datasheet
1Mb / 62P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16 EON-EN25Q16 Datasheet
754Kb / 40P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16A EON-EN25QH16A Datasheet
1Mb / 66P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
logo
ATMEL Corporation
AT25DF161 ATMEL-AT25DF161 Datasheet
1Mb / 60P
   16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
logo
Eon Silicon Solution In...
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16B EON-EN25Q16B Datasheet
1Mb / 62P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
ATMEL Corporation
AT52BR1664AT ATMEL-AT52BR1664AT Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com