Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25F16-75VIP Datasheet(PDF) 5 Page - Eon Silicon Solution Inc.

Part # EN25F16-75VIP
Description  16 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F16-75VIP Datasheet(HTML) 5 Page - Eon Silicon Solution Inc.

  EN25F16-75VIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25F16-75VIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25F16-75VIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25F16-75VIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25F16-75VIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25F16-75VIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25F16-75VIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25F16-75VIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25F16-75VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
5
EN25F16
Rev. C, Issue Date: 2008/06/23
MEMORY ORGANIZATION
The memory is organized as:
2,097,152 bytes
Uniform Sector Architecture
32 blocks of 64-Kbyte
512 sectors of 4-Kbyte
8192 pages (256 bytes each)
Each page can be individually programmed (bits are programmed from 1 to 0). The device is Sector,
Block or Chip Erasable but not Page Erasable.
Table 2. Uniform Block Sector Architecture
Block
Sector
Address range
511
1FF000
1FFFFF
31
496
1F0000
1F0FFF
495
1EF000
1EFFFF
30
480
1E0000
1E0FFF
479
1DF000
1DFFFF
29
464
1D0000
1D0FFF
463
1CF000
1CFFFF
28
448
1C0000
1C0FFF
447
1BF000
1BFFFF
27
432
1B0000
1B0FFF
431
1AF000
1AFFFF
26
416
1A0000
1A0FFF
415
19F000
19FFFF
25
400
190000
190FFF
399
18F000
18FFFF
24
384
180000
180FFF
383
17F000
17FFFF
23
368
170000
170FFF
367
16F000
16FFFF
22
352
160000
160FFF
351
15F000
15FFFF
21
336
150000
150FFF
335
14F000
14FFFF
20
320
140000
140FFF
319
13F000
13FFFF
19
304
130000
130FFF
303
12F000
12FFFF
18
288
120000
120FFF
287
11F000
11FFFF
17
272
110000
110FFF
271
10F000
10FFFF
16
256
100000
100FFF


Similar Part No. - EN25F16-75VIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F10 EON-EN25F10 Datasheet
425Kb / 31P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10 Datasheet
1Mb / 32P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10-100GIP EON-EN25F10-100GIP Datasheet
1Mb / 32P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10-100WIP EON-EN25F10-100WIP Datasheet
1Mb / 32P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10-75GI EON-EN25F10-75GI Datasheet
425Kb / 31P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
More results

Similar Description - EN25F16-75VIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F10 EON-EN25F10 Datasheet
425Kb / 31P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF10 EON-EN25LF10 Datasheet
417Kb / 30P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F32 EON-EN25F32 Datasheet
666Kb / 40P
   32 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF40 EON-EN25LF40 Datasheet
482Kb / 32P
   4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10_1 Datasheet
1Mb / 32P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F40 EON-EN25F40_1 Datasheet
1Mb / 35P
   4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF40 EON-EN25LF40_1 Datasheet
1Mb / 35P
   4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80 EON-EN25F80_1 Datasheet
1Mb / 35P
   8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF10 EON-EN25LF10_11 Datasheet
553Kb / 32P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF20 EON-EN25LF20 Datasheet
415Kb / 30P
   2 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com