Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25D16-75QIP Datasheet(PDF) 5 Page - Eon Silicon Solution Inc.

Part # EN25D16-75QIP
Description  16 Megabit Serial Flash Memory
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25D16-75QIP Datasheet(HTML) 5 Page - Eon Silicon Solution Inc.

  EN25D16-75QIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25D16-75QIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25D16-75QIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25D16-75QIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25D16-75QIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25D16-75QIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25D16-75QIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25D16-75QIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25D16-75QIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
5
EN25D16
Rev. B, Issue Date: 2008/06/23
MEMORY ORGANIZATION
The memory is organized as:
2,097,152 bytes
Uniform Sector Architecture
32 blocks of 64-Kbyte
512 sectors of 4-Kbyte
8192 pages (256 bytes each)
Each page can be individually programmed (bits are programmed from 1 to 0). The device is Sector,
Block or Chip Erasable but not Page Erasable.
Table 2. Uniform Block Sector Architecture
Block
Sector
Address range
511
1FF000
1FFFFF
31
496
1F0000
1F0FFF
495
1EF000
1EFFFF
30
480
1E0000
1E0FFF
479
1DF000
1DFFFF
29
464
1D0000
1D0FFF
463
1CF000
1CFFFF
28
448
1C0000
1C0FFF
447
1BF000
1BFFFF
27
432
1B0000
1B0FFF
431
1AF000
1AFFFF
26
416
200000
200FFF
415
19F000
19FFFF
25
400
190000
190FFF
399
18F000
18FFFF
24
384
180000
180FFF
383
17F000
17FFFF
23
368
170000
170FFF
367
16F000
16FFFF
22
352
160000
160FFF
351
15F000
15FFFF
21
336
150000
150FFF
335
14F000
14FFFF
20
320
140000
140FFF
319
13F000
13FFFF
19
304
130000
130FFF
303
12F000
12FFFF
18
288
120000
120FFF
287
11F000
11FFFF
17
272
110000
110FFF
271
10F000
10FFFF
16
256
100000
100FFF


Similar Part No. - EN25D16-75QIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25 EON-EN25 Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
logo
ON Semiconductor
EN2510B ONSEMI-EN2510B Datasheet
401Kb / 9P
   Bipolar Transistor 100V, 1A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
logo
Sanyo Semicon Device
EN2511B SANYO-EN2511B Datasheet
491Kb / 9P
   High-Voltage Switching Applications
logo
ON Semiconductor
EN2511B ONSEMI-EN2511B Datasheet
385Kb / 9P
   Bipolar Transistor
September, 2013
logo
Sanyo Semicon Device
EN2537A SANYO-EN2537A Datasheet
46Kb / 2P
   PIN Diode for FM/AM Electronic Tuning AGC Drive Use
More results

Similar Description - EN25D16-75QIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25T16A EON-EN25T16A Datasheet
681Kb / 35P
   16 Megabit Uniform Sector, Serial Flash Memory
EN25F16 EON-EN25F16 Datasheet
455Kb / 35P
   16 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25QH16 EON-EN25QH16 Datasheet
1Mb / 62P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16 EON-EN25Q16 Datasheet
754Kb / 40P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16A EON-EN25QH16A Datasheet
1Mb / 66P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
logo
ATMEL Corporation
AT25DF161 ATMEL-AT25DF161 Datasheet
1Mb / 60P
   16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
logo
Eon Silicon Solution In...
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16B EON-EN25Q16B Datasheet
1Mb / 62P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
ATMEL Corporation
AT52BR1664AT ATMEL-AT52BR1664AT Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com