Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT5040 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT5040
Description  1 AMP STEP-UP INTEGRATED SWITCHING REGULATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5040 Datasheet(HTML) 2 Page - Texas Instruments

  PT5040 Datasheet HTML 1Page - Texas Instruments PT5040 Datasheet HTML 2Page - Texas Instruments PT5040 Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
45
CHARACTERISTIC
DA T A
PT5041, +12.0 VDC
(See Note 1)
PT5042, +15.0 VDC
(See Note 1)
Note 1:
All data listed in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
PT5040
Series
Efficiency vs Output Current
Ripple Voltage vs Output Current
Power Dissipation vs Output Current
Efficiency vs Output Current
Ripple Voltage vs Output Current
Power Dissipation vs Output Current
Safe Operating Area (VIN=5V)
Safe Operating Area (VIN=5V)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Maximum Output Current - (Amps)
Maximum Output Current - (Amps)
Iout-(Amps)
Iout-(Amps)
40
50
60
70
80
90
10 0
0
0 .2
0 .4
0 .6
0 .8
1
11.0V
8.0V
6.0V
5.0V
Vin
0
0.5
1
1.5
2
2.5
0
0.2
0.4
0.6
0.8
1
5.0V
6.0V
8.0V
11.0V
Vin
0
50
10 0
15 0
20 0
25 0
0
0 .2
0 .4
0 .6
0 .8
1
5.0V
6.0V
8.0V
11 .0 V
Vin
40
50
60
70
80
90
10 0
0
0.1 5
0 .3
0.45
0.6
0.7 5
14.0V
12.0V
10.0V
8.0V
6.0V
5.0V
Vin
0
0.5
1
1.5
2
2.5
3
0
0.15
0.3
0.45
0.6
0.75
5.0V
6.0V
8.0V
10.0V
12.0V
14.0V
Vin
0
50
10 0
15 0
20 0
25 0
0
0.1 5
0 .3
0.4 5
0 .6
0.7 5
5.0 V
6.0 V
8.0 V
10 .0V
12 .0V
14 .0V
Vin
20
30
40
50
60
70
80
90
0.00
0.25
0.50
0.75
0 LFM
60 LFM
90 LFM
Airflow
20
30
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1
0 LFM
60 LFM
90 LFM
Airflow


Similar Part No. - PT5040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5041A TI-PT5041A Datasheet
128Kb / 6P
[Old version datasheet]   1-A Positive Step-up Integrated Switching Regulator
PT5041C TI-PT5041C Datasheet
128Kb / 6P
[Old version datasheet]   1-A Positive Step-up Integrated Switching Regulator
PT5041J TI-PT5041J Datasheet
128Kb / 6P
[Old version datasheet]   1-A Positive Step-up Integrated Switching Regulator
PT5041L TI-PT5041L Datasheet
128Kb / 6P
[Old version datasheet]   1-A Positive Step-up Integrated Switching Regulator
PT5041M TI-PT5041M Datasheet
128Kb / 6P
[Old version datasheet]   1-A Positive Step-up Integrated Switching Regulator
More results

Similar Description - PT5040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5071 TI-PT5071 Datasheet
130Kb / 3P
[Old version datasheet]   1.5 Amp, 12V Step-Up/Step-Down Integrated Switching Regulator
PT5100 TI-PT5100 Datasheet
170Kb / 7P
[Old version datasheet]   1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT5044C TI-PT5044C Datasheet
128Kb / 6P
[Old version datasheet]   1-A Positive Step-up Integrated Switching Regulator
PT6100 TI-PT6100 Datasheet
275Kb / 5P
[Old version datasheet]   1 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6101A TI1-PT6101A Datasheet
592Kb / 8P
[Old version datasheet]   1 Amp Adjustable Positive Step-down Integrated Switching Regulator
SLTS061A TI-SLTS061A Datasheet
488Kb / 3P
[Old version datasheet]   1.5 Amp Negative Step-Down Integrated Switching Regulator
78SR100 TI1-78SR100_14 Datasheet
232Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST300 TI-78ST300_07 Datasheet
210Kb / 4P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST205 TI1-78ST205 Datasheet
222Kb / 4P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78HT208S TI1-PT78HT208S Datasheet
469Kb / 3P
[Old version datasheet]   2 Amp Positive Step-Down Integrated Switching Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com