Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4102C Datasheet(PDF) 2 Page - Texas Instruments

Part # PT4102C
Description  48V 15 WATT ISOLATED DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4102C Datasheet(HTML) 2 Page - Texas Instruments

  PT4102C Datasheet HTML 1Page - Texas Instruments PT4102C Datasheet HTML 2Page - Texas Instruments PT4102C Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
0.5
1
1.5
2
2.5
3
36
40
44
48
52
56
60
64
68
72
˝
Note 1:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the DC-DC Converter.
Note 2:
Thermal derating graphs are developed in free air convection cooling of 40-60 LFM.
For assistance or to order, call (800) 531-5782
CHARACTERISTIC
DA T A
PT4100 Series
48V
71
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
PT4102, 12.0 VDC
(See Note 1)
PT4103, 15.0 VDC
(See Note 1)
Efficiency vs Output Current
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
Power Dissipation vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
PT4101, 5.0 VDC
(See Note 1)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
Vin-(Volts)
Vin-(Volts)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
85°
70°
Iout-(Amps)
40
50
60
70
80
90
100
00.511.522.5
3
36V
48V
60V
72V
Vin
40
50
60
70
80
90
100
0.25
0.5
0.75
1
1.25
36V
48V
60V
72V
Vin
40
50
60
70
80
90
100
0.25
0.5
0.75
1
36V
48V
60V
72V
Vin
0
20
40
60
80
100
120
0.25
0.5
0.75
1
72V
60V
48V
36V
Vin
0
20
40
60
80
100
120
0.25
0.5
0.75
1
1.25
72V
60V
48V
36V
Vin
0
20
40
60
80
100
120
0
0.5
1
1.5
2
2.5
3
72V
60V
48V
36V
Vin
0
0.25
0.5
0.75
1
1.25
36
40
44
48
52
56
60
64
68
72
˝
85°
70°
0
0.25
0.5
0.75
1
36
40
44
48
52
56
60
64
68
72
˝
85°
70°
0
1
2
3
4
5
0.25
0.5
0.75
1
72V
60V
48V
36V
Vin
0
1
2
3
4
5
0.25
0.5
0.75
1
1.25
72V
60V
48V
36V
Vin
0
1
2
3
4
5
00.511.5
2
2.5
3
72V
60V
48V
36V
Vin


Similar Part No. - PT4102C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4102C TI-PT4102C Datasheet
173Kb / 3P
[Old version datasheet]   15 Watt Isolated DC-DC Converter
PT4102C TI1-PT4102C Datasheet
180Kb / 4P
[Old version datasheet]   1500 VDC Isolation
More results

Similar Description - PT4102C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3100-48V TI-PT3100-48V Datasheet
197Kb / 3P
[Old version datasheet]   15 WATT 48V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
logo
Bothhand USA, LP.
F7W-LF-SERIES BOTHHAND-F7W-LF-SERIES Datasheet
762Kb / 6P
   15 Watt Isolated DC-DC Converter
logo
Texas Instruments
SLTS021A TI-SLTS021A Datasheet
173Kb / 3P
[Old version datasheet]   15 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM25-1V EATON-EPM25-1V Datasheet
1Mb / 9P
   15 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
F7WLF BOTHHAND-F7WLF Datasheet
762Kb / 6P
   15 Watt Isolated DC-DC Converter
F7LF BOTHHAND-F7LF Datasheet
805Kb / 7P
   15 Watt Isolated DC-DC Converter
F7-LF-SERIES BOTHHAND-F7-LF-SERIES Datasheet
805Kb / 7P
   15 Watt Isolated DC-DC Converter
logo
Texas Instruments
PT4200 TI1-PT4200 Datasheet
213Kb / 4P
[Old version datasheet]   3-7 Watt 48V-Input Isolated DC/DC Converter
PT4200 TI-PT4200 Datasheet
215Kb / 3P
[Old version datasheet]   3-7 WATT 48V INPUT ISOLATED DC-DC CONVERTER
logo
Bothhand USA, LP.
B7-LF-SERIES BOTHHAND-B7-LF-SERIES Datasheet
818Kb / 8P
   10 To 15 Watt Isolated DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com