Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6300 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT6300
Description  3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6300 Datasheet(HTML) 2 Page - Texas Instruments

  PT6300 Datasheet HTML 1Page - Texas Instruments PT6300 Datasheet HTML 2Page - Texas Instruments PT6300 Datasheet HTML 3Page - Texas Instruments PT6300 Datasheet HTML 4Page - Texas Instruments PT6300 Datasheet HTML 5Page - Texas Instruments PT6300 Datasheet HTML 6Page - Texas Instruments PT6300 Datasheet HTML 7Page - Texas Instruments PT6300 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Typical Characteristics
0
0.5
1
1.5
2
2.5
3
9
111315
171921232527
0
0.5
1
1.5
2
2.5
3
16
19
22
25
28
31
34
37
0
0.5
1
1.5
2
2.5
3
9
131721
25293337
PT6303, 3.3 VDC
(See Note A)
PT6302, 5.0 VDC
(See Note A)
PT6304, 12.0 VDC (See Note A)
Efficiency vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note B)
Power Dissipation vs Output Current
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
Vin-(Volts)
Vin-(Volts)
40
50
60
70
80
90
100
00.5
11.5
22.5
3
9.0V
12.0V
15.0V
20.0V
26.0V
Vin
40
50
60
70
80
90
100
00.5
11.5
22.5
3
9.0V
12.0V
15.0V
24.0V
30.0V
38.0V
Vin
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
16.0V
20.0V
24.0V
30.0V
38.0V
Vin
0
20
40
60
80
100
120
140
160
00.5
1
1.522.5
3
26.0V
20.0V
15.0V
12.0V
9.0V
V
Vin
0
20
40
60
80
100
120
140
160
180
00.511.522.5
3
38.0V
30.0V
24.0V
15.0V
12.0V
9.0V
Vin
0
50
100
150
200
250
300
350
00.511.522.5
3
38.0V
30.0V
24.0V
20.0V
16.0V
Vin
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
2.5
3
26.0V
20.0V
15.0V
12.0V
9.0V
Vin
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
2.5
3
38.0V
30.0V
24.0V
15.0V
12.0V
9.0V
Vin
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
00.5
11.5
22.5
3
38.0V
30.0V
24.0V
20.0V
16.0V
Vin
70°C
50°C
Note A:
Characteristic data listed in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the ISR
Note B:
Thermal derating graphs are developed in free air convection cooling of 40-60 LFM. (See Thermal Application note.)
50°C
60°C
40°C
70°C
85°C
70°C
85°C
60°C
60°C
Thermal Derating (Ta)
(See Note B)
Thermal Derating (Ta)
(See Note B)
Ripple vs Output Current
Ripple vs Output Current
Efficiency vs Output Current
Efficiency vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
3 Amp Adjustable Positive Step-down
Integrated Sw itching Regulators
PT6300 Series


Similar Part No. - PT6300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6300 TI-PT6300 Datasheet
166Kb / 6P
[Old version datasheet]   3 Amp Adjustable Positive Step-down Integrated Switching Regulators
More results

Similar Description - PT6300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6314 TI-PT6314 Datasheet
166Kb / 6P
[Old version datasheet]   3 Amp Adjustable Positive Step-down Integrated Switching Regulators
PT6100 TI-PT6100 Datasheet
275Kb / 5P
[Old version datasheet]   1 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6312B TI1-PT6312B Datasheet
386Kb / 3P
[Old version datasheet]   2 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6210 TI-PT6210 Datasheet
178Kb / 5P
[Old version datasheet]   2 Amp Adjustable Positive Step-down Integrated Switching Regulator
PT6313 TI-PT6313 Datasheet
373Kb / 2P
[Old version datasheet]   2 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6101A TI1-PT6101A Datasheet
592Kb / 8P
[Old version datasheet]   1 Amp Adjustable Positive Step-down Integrated Switching Regulator
78ST300 TI-78ST300 Datasheet
190Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
Revised 6/30/98
78HT305 TI1-78HT305 Datasheet
204Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST305 TI1-78ST305 Datasheet
207Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST300 TI-78ST300_07 Datasheet
210Kb / 4P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com