Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6404 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT6404
Description  3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6404 Datasheet(HTML) 2 Page - Texas Instruments

  PT6404 Datasheet HTML 1Page - Texas Instruments PT6404 Datasheet HTML 2Page - Texas Instruments PT6404 Datasheet HTML 3Page - Texas Instruments PT6404 Datasheet HTML 4Page - Texas Instruments PT6404 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://
www.powertrends.com
25
CHARACTERISTIC
DA T A
0
0.5
1
1.5
2
2.5
3
4.5
4 .7 5
5
5.25
5.5
PT6408, 1.2 VDC
(See Note 1)
PT6407, 2.1 VDC
(See Note 1)
PT6405, 3.3 VDC
(See Note 1)
Efficiency vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note 2)
Power Dissipation vs Output Current
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
Vin-(Volts)
Vin-(Volts)
40
50
60
70
80
90
10 0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
4.5V
5.0V
5.5V
Vin
40
50
60
70
80
90
10 0
0
0.5
1
1.5
2
2.5
3
4.5V
5.0V
5.5V
Vin
40
50
60
70
80
90
100
00.5
11.5
22.5
3
4.5V
5.0V
5.5V
Vin
0
0.5
1
1.5
2
2.5
3
4.5
4.75
5
5.25
5.5
85°C
85°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
5.5V
5.0V
4.5V
Vin
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
2
2.5
3
5.5V
5.0V
4.5V
Vin
Note 1:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note 2:
Thermal derating graphs are developed in free air convection cooling of 40-60 LFM. (See Thermal Application Notes.)
0
0.5
1
1.5
2
2.5
00.5
11.5
22.5
3
5.5V
5.0V
4.5V
Vin
PT6400
Series
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
5.5V
5.0V
4.5V
Vin
0
20
40
60
80
10 0
00.5
11.5
22.5
3
5.5V
5.0V
4.5V
Vin
0
20
40
60
80
10 0
00.5
11.5
22.5
3
5.5V
5.0V
4.5V
Vin
0
0.5
1
1.5
2
2.5
3
4.5
4.75
5
5.25
5.5
85°C
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
Power Dissipation vs Output Current
Power Dissipation vs Output Current


Similar Part No. - PT6404

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6404D TI1-PT6404D Datasheet
527Kb / 7P
[Old version datasheet]   3 Amp 5V Input Adjustable Integrated Switching Regulator
PT6404E TI1-PT6404E Datasheet
527Kb / 7P
[Old version datasheet]   3 Amp 5V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6404

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6420 TI-PT6420 Datasheet
234Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6405D TI1-PT6405D Datasheet
527Kb / 7P
[Old version datasheet]   3 Amp 5V Input Adjustable Integrated Switching Regulator
PT6600 TI-PT6600 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6120 TI-PT6120 Datasheet
512Kb / 6P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6100 TI-PT6100 Datasheet
275Kb / 5P
[Old version datasheet]   1 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6312B TI1-PT6312B Datasheet
386Kb / 3P
[Old version datasheet]   2 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6222 TI1-PT6222 Datasheet
528Kb / 7P
[Old version datasheet]   2 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6705 TI-PT6705 Datasheet
358Kb / 6P
[Old version datasheet]   13 Amp 5V/3.3V Input Adjustable Integrated Switching Regulator
PT6121 TI1-PT6121 Datasheet
541Kb / 7P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6101A TI1-PT6101A Datasheet
592Kb / 8P
[Old version datasheet]   1 Amp Adjustable Positive Step-down Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com