|
| CPLL58-4160-4380 |
|
||
|
CRYSTEKMICROWAVE |
|
6 page
MICROWAVE A Division of Crystek Corporation Programming Crystek p/n: CPLL58-4160-4380 The following is specific programming for CPLL58-4160-4380 (4.160GHz-4.380GHz with 2500KHz Step Size and 10MHz input reference frequency). Program all four registers with the following: R Counter Latch: 000010 H N Counter Latch: 003401 H Function Latch: 9F8083 H The above values will set the CPLL58-4160-4380 to 4.160GHz 0.582" × 0.800" SMD CPLL58-4160-4380 12730 Commonwealth Drive • Fort Myers, Florida 33913 Phone: 239-561-3311 • 800-237-3061 Fax: 239-561-1025 • www.crystek.com CRYSTEK CORPORATION Page 6 of 6 |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ML145170 | Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface | 1 2 3 4 5 More | LANSDALE Semiconductor Inc. |
| SM5168 | PLL Synthesizer IC | 1 2 3 4 5 More | Nippon Precision Circuits Inc |
| CPLL58-2175-2175 | RF PLL Synthesizer | 1 2 3 4 5 More | CRYSTEK CORPORATION |
| MB15E05 | ASSP Single Serial Input PLL Frequency Synthesizer On-Chip 2.0GHz Prescaler | 1 2 3 4 5 More | Fujitsu Component Limited. |
| LC72151V | PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems | 1 2 3 4 5 More | Sanyo Semicon Device |
| EVAL-ADF4153EB1 | Evaluation Board For Fractional-N PLL Frequency Synthesizer | 1 2 3 4 5 More | Analog Devices |
| AXHS0001 | PLL Synthesizer in SMD package | 1 | Advanced XTAL Products |
| CPLL58-2400-2500 | RF PLL Synthesizer | 1 2 3 4 5 More | CRYSTEK CORPORATION |
| AXHS1001 | PLL Synthesizer in SMD package | 1 | Advanced XTAL Products |
| CPLL58-2416-2553 | RF PLL Synthesizer | 1 2 3 4 5 More | CRYSTEK CORPORATION |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |