Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6501 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6501
Description  8 AMP ADJUSTABLE ISR WITH SHORT-CIRCUIT PROTECTION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6501 Datasheet(HTML) 3 Page - Texas Instruments

  PT6501 Datasheet HTML 1Page - Texas Instruments PT6501 Datasheet HTML 2Page - Texas Instruments PT6501 Datasheet HTML 3Page - Texas Instruments PT6501 Datasheet HTML 4Page - Texas Instruments PT6501 Datasheet HTML 5Page - Texas Instruments PT6501 Datasheet HTML 6Page - Texas Instruments PT6501 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
0
1
2
3
4
5
6
7
8
4.5
4.75
5
5.25
5.5
5.75
6
Vin-(Volts)
50˚C
35˚C
25˚C
60˚C
70˚C
85˚C
Vin-(Volts)
0
1
2
3
4
5
6
7
8
4.5
4.75
5
5.25
5.5
5.75
6
35˚C
50˚C
70˚C
85˚C
Vin-(Volts)
0
1
2
3
4
5
6
7
8
4.5
4.75
5
5.25
5.5
5.75
6
70˚C
85˚C
60˚C
0
1
2
3
4
5
6
7
8
4.5
4.75
5
5.25
5.5
5.75
6
Vin-(Volts)
50˚C
85˚C
70˚C
60˚C
0
1
2
3
4
5
6
7
8
4.5
4.75
5
5.25
5.5
5.75
6
Vin-(Volts)
85˚C
70˚C
0
1
2
3
4
5
6
7
8
4.5
4.75
5
5.25
5.5
5.75
6
Vin-(Volts)
85˚C
70˚C
0
1
2
3
4
5
6
7
8
3
3.5
4
4.5
5
5.5
6
Vin-(Volts)
50˚C
60˚C
70˚C
85˚C
0
1
2
3
4
5
6
7
8
3
3.5
4
4.5
5
5.5
6
Vin-(Volts)
50˚C
60˚C
70˚C
85˚C
0
1
2
3
4
5
6
7
8
3
3.5
4
4.5
5
5.5
6
Vin-(Volts)
70˚C
85˚C
0
1
2
3
4
5
6
7
8
3
3.5
4
4.5
5
5.5
6
Vin-(Volts)
50˚C
85˚C
70˚C
60˚C
Vin-(Volts)
0
1
2
3
4
5
6
7
8
3
3.5
4
4.5
5
5.5
6
85˚C
70˚C
Vin-(Volts)
0
1
2
3
4
5
6
7
8
3
3.5
4
4.5
5
5.5
6
85˚C
70˚C
Thermal Derating (Ta)
(See Note 2)
THERMAL DERATING CURVES
Air Flow (LFM)
60
200
300
PT6501 (See Note 1)
No Heat Tab
Note 1:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note 2:
Thermal derating graphs are developed in different air flow rates as indicated on each graph, with or without the heat tab, soldered in a printed circuit board. (See Thermal Application Notes.)
Thermal Derating (Ta)
(See Note 2)
Heat Tab
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
PT6502 (See Note 1)
No Heat Tab
Thermal Derating (Ta)
(See Note 2)
Heat Tab
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
PT6500
THERMAL
DA T A
For assistance or to order, call (800) 531-5782
4
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com


Similar Part No. - PT6501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6501 TI1-PT6501 Datasheet
241Kb / 10P
[Old version datasheet]   Small SIP Footprint
PT6501C TI1-PT6501C Datasheet
241Kb / 10P
[Old version datasheet]   Small SIP Footprint
More results

Similar Description - PT6501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6510 TI-PT6510 Datasheet
432Kb / 19P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT652X TI-PT652X Datasheet
193Kb / 8P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT6520 TI-PT6520 Datasheet
222Kb / 12P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT6305 TI-PT6305 Datasheet
319Kb / 3P
[Old version datasheet]   3 AMP HIGH-PERFORMANCE ADJUSTABLE ISR
logo
List of Unclassifed Man...
PT6200 ETC1-PT6200 Datasheet
68Kb / 3P
   2 AMP HIGH-PERFORMANCE ADJUSTABLE ISR WITH ON/OFF CONTROL
logo
Texas Instruments
PT6202N TI1-PT6202N Datasheet
85Kb / 5P
[Old version datasheet]   2 AMP HIGH-PERFORMANCE ADJUSTABLE ISR WITH ON/OFF CONTROL
TPD3S716-Q1 TI1-TPD3S716-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-Battery, Short-Circuit Protection
logo
STMicroelectronics
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
   Short-circuit protection
December 2014 Rev 2
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
   Short circuit protection
logo
STMicroelectronics
STEVAL-ILL074V2 STMICROELECTRONICS-STEVAL-ILL074V2 Datasheet
310Kb / 5P
   Short circuit protection
February 2017 Rev 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com