Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT5112 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT5112
Description  1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5112 Datasheet(HTML) 3 Page - Texas Instruments

  PT5112 Datasheet HTML 1Page - Texas Instruments PT5112 Datasheet HTML 2Page - Texas Instruments PT5112 Datasheet HTML 3Page - Texas Instruments PT5112 Datasheet HTML 4Page - Texas Instruments PT5112 Datasheet HTML 5Page - Texas Instruments PT5112 Datasheet HTML 6Page - Texas Instruments PT5112 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
Thermal derating graphs are developed in free-air convection cooling, which corresponds to approximately 40–60LFM of airflow.
Typical Characteristics
PT5100 Series
0
0.2
0.4
0.6
0.8
1
15
17
19
21
23
25
27
29
31
33
35
37
39
0
0.2
0.4
0.6
0.8
1
7
1115192327313539
0
0.2
0.4
0.6
0.8
1
7
9
11
13
15
17
19
21
23
25
27
PT5103, 3.3 VDC
(See Note A)
PT5101, 5.0 VDC
(See Note A)
PT5102, 12.0 VDC
(See Note A)
Efficiency vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note B)
Power Dissipation vs Output Current
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
Vin-(Volts)
Vin-(Volts)
85°C
50°C
60°C
70°C
85°C
70°C
60°C
50°C
0
10
20
30
40
50
60
0
0.2
0.4
0.6
0.8
1
26.0V
24.0V
18.0V
12.0V
9.0V
Vin
0
0.2
0.4
0.6
0.8
1
1.2
0
0.2
0.4
0.6
0.8
1
26.0V
24.0V
18.0V
12.0V
9.0V
Vin
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
9.0V
12.0V
18.0V
24.0V
26.0V
Vin
70°C
85°C
40
45
50
55
60
65
70
75
80
85
90
0
0.2
0.4
0.6
0.8
1
9.0V
12.0V
18.0V
24.0V
30.0V
38.0V
Vin
0
20
40
60
80
100
120
0
0.2
0.4
0.6
0.8
1
38.0V
30.0V
24.0V
18.0V
12.0 V
9.0V
Vin
0
0. 2
0. 4
0. 6
0. 8
1
1. 2
1. 4
1. 6
1. 8
0
0.2
0. 4
0.6
0. 8
1
38.0V
30.0V
24.0V
18.0V
12.0V
9.0V
Vin
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
16.0V
20.0V
24.0V
30.0V
35.0V
38.0V
Vin
0
50
100
150
200
250
0
0.2
0.4
0.6
0.8
1
38.0V
35.0V
30.0V
24.0V
20.0V
16.0V
Vin
0
0. 4
0. 8
1. 2
1. 6
2
2. 4
0
0.2
0. 4
0.6
0. 8
1
38 .0V
35 .0V
30 .0V
24 .0V
20 .0V
16 .0V
Vin
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note B)
Thermal Derating (Ta)
(See Note B)
Power Dissipation vs Output Current
Power Dissipation vs Output Current
1-A Positive Step-down
Integrated Switching Regulator


Similar Part No. - PT5112

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT5112 NIEC-PT5112 Datasheet
137Kb / 3P
   DIODE MODULE 50A/1200V/1600V
More results

Similar Description - PT5112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6100 TI-PT6100 Datasheet
275Kb / 5P
[Old version datasheet]   1 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6101A TI1-PT6101A Datasheet
592Kb / 8P
[Old version datasheet]   1 Amp Adjustable Positive Step-down Integrated Switching Regulator
78SR100 TI1-78SR100_14 Datasheet
232Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST300 TI-78ST300_07 Datasheet
210Kb / 4P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST205 TI1-78ST205 Datasheet
222Kb / 4P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78HT208S TI1-PT78HT208S Datasheet
469Kb / 3P
[Old version datasheet]   2 Amp Positive Step-Down Integrated Switching Regulator
78ST300 TI-78ST300 Datasheet
190Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
Revised 6/30/98
78HT305 TI1-78HT305 Datasheet
204Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST305 TI1-78ST305 Datasheet
207Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST200 TI1-78ST200_14 Datasheet
228Kb / 5P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com