Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6625 Datasheet(PDF) 5 Page - Texas Instruments

Part # PT6625
Description  6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6625 Datasheet(HTML) 5 Page - Texas Instruments

  PT6625 Datasheet HTML 1Page - Texas Instruments PT6625 Datasheet HTML 2Page - Texas Instruments PT6625 Datasheet HTML 3Page - Texas Instruments PT6625 Datasheet HTML 4Page - Texas Instruments PT6625 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
IMPORTANT NOTICE
Texas Instruments and its subsidiaries (TI) reserve the right to make changes to their products or to discontinue
any product or service without notice, and advise customers to obtain the latest version of relevant information
to verify, before placing orders, that information being relied on is current and complete. All products are sold
subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those
pertaining to warranty, patent infringement, and limitation of liability.
TI warrants performance of its semiconductor products to the specifications applicable at the time of sale in
accordance with TI’s standard warranty. Testing and other quality control techniques are utilized to the extent
TI deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily
performed, except those mandated by government requirements.
CERTAIN APPLICATIONS USING SEMICONDUCTOR PRODUCTS MAY INVOLVE POTENTIAL RISKS OF
DEATH, PERSONAL INJURY, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE (“CRITICAL
APPLICATIONS”). TI SEMICONDUCTOR PRODUCTS ARE NOT DESIGNED, AUTHORIZED, OR
WARRANTED TO BE SUITABLE FOR USE IN LIFE-SUPPORT DEVICES OR SYSTEMS OR OTHER
CRITICAL APPLICATIONS. INCLUSION OF TI PRODUCTS IN SUCH APPLICATIONS IS UNDERSTOOD TO
BE FULLY AT THE CUSTOMER’S RISK.
In order to minimize risks associated with the customer’s applications, adequate design and operating
safeguards must be provided by the customer to minimize inherent or procedural hazards.
TI assumes no liability for applications assistance or customer product design. TI does not warrant or represent
that any license, either express or implied, is granted under any patent right, copyright, mask work right, or other
intellectual property right of TI covering or relating to any combination, machine, or process in which such
semiconductor products or services might be or are used. TI’s publication of information regarding any third
party’s products or services does not constitute TI’s approval, warranty or endorsement thereof.
Copyright
© 1999, Texas Instruments Incorporated


Similar Part No. - PT6625

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6625 TI1-PT6625 Datasheet
517Kb / 19P
[Old version datasheet]   Single Device: 6-A Output
PT6625F TI1-PT6625F Datasheet
517Kb / 19P
[Old version datasheet]   Single Device: 6-A Output
PT6625L TI1-PT6625L Datasheet
517Kb / 19P
[Old version datasheet]   Single Device: 6-A Output
PT6625M TI1-PT6625M Datasheet
517Kb / 19P
[Old version datasheet]   Single Device: 6-A Output
PT6625Q TI1-PT6625Q Datasheet
517Kb / 19P
[Old version datasheet]   Single Device: 6-A Output
More results

Similar Description - PT6625

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS102A TI-SLTS102A Datasheet
194Kb / 8P
[Old version datasheet]   14-A 12V-Input Adjustable Integrated Switching Regulator
SLTS060A TI1-SLTS060A Datasheet
475Kb / 3P
[Old version datasheet]   12V 2 Amp Positive Step-Down Integrated Switching Regulator
78ST212 TI-78ST212 Datasheet
187Kb / 3P
[Old version datasheet]   12V 2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
Revised 6/30/98
PT78ST200 TI-PT78ST200 Datasheet
191Kb / 3P
[Old version datasheet]   12V 2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6650 TI-PT6650 Datasheet
242Kb / 5P
[Old version datasheet]   5 AMP 24V INPUT INTEGRATED SWITCHING REGULATOR
PT6980 TI-PT6980 Datasheet
272Kb / 12P
[Old version datasheet]   10-A 12V-Input Dual Output Integrated Switching Regulator
PT5071 TI-PT5071 Datasheet
130Kb / 3P
[Old version datasheet]   1.5 Amp, 12V Step-Up/Step-Down Integrated Switching Regulator
PT6405D TI1-PT6405D Datasheet
527Kb / 7P
[Old version datasheet]   3 Amp 5V Input Adjustable Integrated Switching Regulator
PT6680 TI1-PT6680 Datasheet
157Kb / 6P
[Old version datasheet]   5 Amp 18-36V Input Integrated Switching Regulator
PT5120 TI1-PT5120 Datasheet
474Kb / 4P
[Old version datasheet]   1 AMP LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com