Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT5111A Datasheet(PDF) 2 Page - Texas Instruments

Part # PT5111A
Description  1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5111A Datasheet(HTML) 2 Page - Texas Instruments

  PT5111A Datasheet HTML 1Page - Texas Instruments PT5111A Datasheet HTML 2Page - Texas Instruments PT5111A Datasheet HTML 3Page - Texas Instruments PT5111A Datasheet HTML 4Page - Texas Instruments PT5111A Datasheet HTML 5Page - Texas Instruments PT5111A Datasheet HTML 6Page - Texas Instruments PT5111A Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT5100 Series
1-A Positive Step-down
Integrated Switching Regulator
Specifications (Unless otherwise stated, Ta =25°C, Vin =Vinmin, Cout =100µF, and Io =Iomax)
PT5100 SERIES
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
0.1 (1)
1.0
A
Input Voltage Range
Vin
Over Io Range
Vo=3.3V
9
26
Vo=5.0V
9
38
VDC
Vo>5.0V
Vo + 4
38
Set Point Voltage Tolerance
Vo tol
±1±2%Vo
Temperature Variation
Regtemp
≤Ta ≤ +60°C, Io =Iomin
±0.5
%Vo
Line Regulation
Regline
Over Vin range
±5
±10
mV
Load Regulation
Regload
Over Io range
±5
±10
mV
Total Output Voltage Variation
∆Votot
Includes set-point, line, load,
±1.5
±3
%Vo
≤Ta ≤ +60°C
Efficiency
η
Vo = 15V
95
Vo = 12V
94
Vo = 10V
92
%
Vo =5.0V
90
Vo =3.3V
82
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
2
%Vo
Transient Response
ttr
1A/µs load step, 50% to 100% Iomax
100
200
µs
∆Vtr
Vo over/undershoot
±5.0
%Vo
Current Limit
Ilim
∆Vo = –1%
1.2
2.6
A
Switching Frequency
ƒs
Over Vin range
Vo≥ 5.0V
500
650
800
kHz
Vo ≤ 3.3V
575
725
875
External Output Capacitance
Cout
100
µF
Operating Temperature Range
Ta
Over Vin range
–40 (2)
+85 (3)
°C
Thermal Resistance
θja
Free-air convection (40-60LFM)
Vo =3.3V
45
Vo =5.0V
50
°C/W
Vo ≥ 12V
60
Storage Temperature
Ts
–40
+125
°C
Reliability
MTBF
Per Bellcore TR-332
11.3
106 Hrs
50% stress, Ta =40°C, ground benign
Mechanical Shock
Per Mil-Std-883D, method 2002.3,
500
G’s
1mS, half-sine, mounted to a fixture
Mechanical Vibration
Per Mil-Std-883D, Method 2007.2
5 (4)
—G’s
20-2000Hz, soldered in PC board
Weight
Suffixes N, A, & C
4.5
grams
Suffixes L & M
6.5
Flammability
Materials meet UL 94V-0
Notes:
(1) The ISR will operate at no load with reduced specifications.
(2) For operation below 0°C, use a tantalum type capacitor for C2.
(3) See Thermal Derating curves.
(4) The tab pins on the 5-pin mount package types (suffixes L & M) must be soldered. For more information see the applicable package outline drawing.


Similar Part No. - PT5111A

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT5111 PTC-PT5111 Datasheet
346Kb / 5P
   61CH DV/DSC Motor Driver
More results

Similar Description - PT5111A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6100 TI-PT6100 Datasheet
275Kb / 5P
[Old version datasheet]   1 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6101A TI1-PT6101A Datasheet
592Kb / 8P
[Old version datasheet]   1 Amp Adjustable Positive Step-down Integrated Switching Regulator
78SR100 TI1-78SR100_14 Datasheet
232Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST300 TI-78ST300_07 Datasheet
210Kb / 4P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST205 TI1-78ST205 Datasheet
222Kb / 4P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78HT208S TI1-PT78HT208S Datasheet
469Kb / 3P
[Old version datasheet]   2 Amp Positive Step-Down Integrated Switching Regulator
78ST300 TI-78ST300 Datasheet
190Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
Revised 6/30/98
78HT305 TI1-78HT305 Datasheet
204Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST305 TI1-78ST305 Datasheet
207Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST200 TI1-78ST200_14 Datasheet
228Kb / 5P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com