Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

59020-I-U-01-C Datasheet(PDF) 1 Page - HAMLIN Position and Movement Sensor Solutions

Part # 59020-I-U-01-C
Description  Mini Firecracker Features and Benefits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMLIN [HAMLIN Position and Movement Sensor Solutions]
Direct Link  http://www.hamlin.com
Logo HAMLIN - HAMLIN Position and Movement Sensor Solutions

59020-I-U-01-C Datasheet(HTML) 1 Page - HAMLIN Position and Movement Sensor Solutions

  59020-I-U-01-C Datasheet HTML 1Page - HAMLIN Position and Movement Sensor Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
21
Hamlin USA
Tel: +1 920 648 3000 Fax: +1 920 648 3001 Email: sales.us@hamlin.com
Hamlin UK
Tel: +44 (0)1379 649700 Fax: +44 (0)1379 649702 Email: sales.uk@hamlin.com
Hamlin Germany Tel: +49 (0) 6181 953660 Fax: +49 (0) 6181 9536666 Email: sales.de@hamlin.com
Hamectrol France Tel: +33 (0) 1 4687 0202 Fax: +33 (0) 1 4686 6786 Email: sales.fr@hamlin.com
TABLE 4
Termination Options:-
SELECT
DESCRIPTION
OPTION
A
Tinned leads
B
Crimped terminals
C
6.35mm fastons
D
AMP MTE 2.54mm pitch
E
JST XHP 2.5mm pitch
CUSTOMER OPTIONS - Switching Specifications
ORDERING INFORMATION
DETAILS PROVIDED ON THIS DATA SHEET ARE PROVIDED FOR
INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED
UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE.
Product performance may be affected by the application to which the
product is put. Upon request, HAMLIN will assist purchasers by
providing information specific to any particular application. HAMLIN
disclaims any and all liability whatsoever for any purchaser’s reliance
upon the information contained on this data sheet without further
consultation with authorised representatives of HAMLIN.
59036
Switch Type
Table 1
Table 2
Table 3
Sensitivity
Cable Length
Termination
www.hamlin.com
X
T
XX
X
TABLE 1
Form A
Normally
Contact Type
Open
Switch Type
1
Power
Watt - max.
10
Voltage
Switching
Vdc - max.
170
Breakdown
Vdc - min.
175
Current
Switching
A - max.
0.5
Carry
A - max.
0.5
Resistance
Contact, Initial
Ω - max.
0.2
Insulation
Ω - min.
10
10
Capacitance
Contact
pF - typ.
0.2
Temperature
Operating
°C
-40 to +105
Storage
°C
-65 to +105
Time
Operate
ms - max.
1.0
Release
ms - max.
1.0
Shock
11ms 1⁄2 sine
G - max.
100
Vibration
50-2000 Hz
G - max.
30
TABLE 3
Cable Type:-
2
4 AWG 7/32 PVC 105oC
UL1430/UL1569
Standard Lengths
SELECT
CABLE
OPTION
LENGTH
(in) mm
01
(3,94) 100
02
(11,81) 300
03
(19,69) 500
04
(29,53) 750
05
(39,37) 1000
TABLE 2
Sensitivity Options:-
Activate Distances are approximate
using Hamlin 57020 actuator
as illustrated.
Switch AT before modification
Select Option
S
T
U
Switch
Pull In
Activate
Pull In
Activate
Pull In
Activate
Type
AT
Distance
AT
Distance
AT
Distance
Range
d
Range
d
Range
d
(in) mm
(in) mm
(in) mm
1 Normally Open
6-10
(.236)
10-15
(.177)
13-19
(.157)
6,0
4,5
4,0
DIMENSIONS (in) mm
CUSTOMER OPTIONS - Sensitivity, Cable Length and Termination Specification
Series 59020
Table 3
Table 2
Table 4
Features
2 part magnetically operated
proximity sensor
Normally open contact
Customer defined sensitivity
Choice of cable length and
connector
Benefits
Quick and easy to install
No standby power requirement
Operates through non-ferrous
materials such as wood, plastic or
aluminium
Hermetically sealed, magnetically
operated contacts continue to
operate long after optical and other
technologies fail due to
contamination
Applications
Position and limit sensing
Security
Level sensing
Linear actuators
1
X
59020 Mini Firecracker Features and Benefits
Sensor
Actuator
A
BC
Max
Max
NOM.
57020
(.201) 5,10
(.600) 15,24
-
59020
(.201) 5,10
(.600) 15,24
Table 3 ± (.393) 10,00
59020
ISSUE No: 4
DATE: 1/5/3
N.B. 57020 actuator sold separately


Similar Part No. - 59020-I-U-01-C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
59020-1-S-02-A LITTELFUSE-59020-1-S-02-A Datasheet
422Kb / 3P
   Reed Sensors
59020-1-S-02-E LITTELFUSE-59020-1-S-02-E Datasheet
422Kb / 3P
   Reed Sensors
59020-1-S-02-F LITTELFUSE-59020-1-S-02-F Datasheet
422Kb / 3P
   Reed Sensors
More results

Similar Description - 59020-I-U-01-C

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
59052-X-S-01-A HAMLIN-59052-X-S-01-A Datasheet
80Kb / 1P
   Firecracker Features and Benefits
59025-010 HAMLIN-59025-010 Datasheet
160Kb / 1P
   59025 Firecracker Features and Benefits
59045-I-S-00-0 HAMLIN-59045-I-S-00-0 Datasheet
104Kb / 1P
   Mini PCB Mount Features and Benefits
55085 HAMLIN-55085 Datasheet
335Kb / 1P
   Mini Vane Hall Effect Sensor Features and Benefits
59085-1-T-S-A HAMLIN-59085-1-T-S-A Datasheet
92Kb / 1P
   Vane Sensor Features and Benefits
59165-1-S-00-A HAMLIN-59165-1-S-00-A Datasheet
167Kb / 1P
   Moulded Switch Features and Benefits
55100-2M-01-A HAMLIN-55100-2M-01-A Datasheet
160Kb / 1P
   Mini Flange Mount Hall Effect Sensor Features and Benefits
59050-I-S-00-0 HAMLIN-59050-I-S-00-0 Datasheet
104Kb / 1P
   PCB Mount Features and Benefits
59065-1-S-01-A HAMLIN-59065-1-S-01-A Datasheet
90Kb / 1P
   Threaded Barrel Features and Benefits
logo
List of Unclassifed Man...
MK9SST ETC2-MK9SST Datasheet
96Kb / 1P
   Features & Benefits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com