Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

59145-4-U-04-A Datasheet(PDF) 1 Page - HAMLIN Position and Movement Sensor Solutions

Part # 59145-4-U-04-A
Description  Flange Mount Features and Benefits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMLIN [HAMLIN Position and Movement Sensor Solutions]
Direct Link  http://www.hamlin.com
Logo HAMLIN - HAMLIN Position and Movement Sensor Solutions

59145-4-U-04-A Datasheet(HTML) 1 Page - HAMLIN Position and Movement Sensor Solutions

  59145-4-U-04-A Datasheet HTML 1Page - HAMLIN Position and Movement Sensor Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
36
Hamlin USA
Tel: +1 920 648 3000 Fax: +1 920 648 3001 Email: sales.us@hamlin.com
Hamlin UK
Tel: +44 (0)1379 649700 Fax: +44 (0)1379 649702 Email: sales.uk@hamlin.com
Hamlin Germany Tel: +49 (0) 6181 953660 Fax: +49 (0) 6181 9536666 Email: sales.de@hamlin.com
Hamectrol France Tel: +33 (0) 1 4687 0202 Fax: +33 (0) 1 4686 6786 Email: sales.fr@hamlin.com
TABLE 1
Form A
Normally
Normally Open
Change
Normally
Contact Type
Open
High Voltage
Over
Closed
Switch Type
12
3
4
Power
Watt - max.
10
10
5
5
Voltage
Switching
Vdc - max.
200
300
175
175
Breakdown
Vdc - min.
250
450
200
200
Current
Switching
A - max.
0.5
0.5
0.25
0.25
Carry
A - max.
1.2
1.5
1.5
1.5
Resistance
Contact, Initial
Ω - max.
0.2
0.2
0.2
0.2
Insulation
Ω - min.
10
10
10
10
10
9
10
9
Capacitance
Contact
pF - typ.
0.3
0.2
0.3
0.3
Temperature
Operating
°C
-40 to +105
-20 to +105
-40 to +105
-40 to +105
Storage
°C
-65 to +105
-65 to +105
-65 to +105
-65 to +105
Time
Operate
ms - max.
1.0
1.0
3.0
3.0
Release
ms - max.
1.0
1.0
3.0
3.0
Shock
11ms 1⁄2 sine
G - max.
100
100
50
50
Vibration
50-2000 Hz
G - max.
30
30
30
30
TABLE 3
Cable Type:-
24 AWG 7/32 PVC 105oC
UL1430/UL1569
Standard Lengths
SELECT
CABLE
OPTION
LENGTH
(in) mm
01
(3,94) 100
02
(11,81) 300
03
(19,69) 500
04
(29,53) 750
05
(39,37) 1000
TABLE 4
Termination Options:-
SELECT
DESCRIPTION
OPTION
(2 WIRE VERSIONS ILLUSTRATED)
A or F
Tinned or untinned leads
B
Crimped terminals
C
6.35mm fastons
D
AMP MTE 2.54mm pitch
E
JST XHP 2.5mm pitch
TABLE 2
Sensitivity Options:-
Activate Distances are approximate
using Hamlin 57145/57150 actuator
as illustrated
Switch AT before modification
Select Option
S
T
U
V
Switch
Pull In
Activate
Pull In
Activate
Pull In
Activate
Pull In
Activate
Type
AT
Distance
AT
Distance
AT
Distance
AT
Distance
Range
d
Range
d
Range
d
Range
d
(in) mm
(in) mm
(in) mm
(in) mm
1 Normally Open
12-18
(.531)
17-23
(.453)
22-28
(.394)
27-33
(.354)
2 High Voltage
13,5
11,5
10,0
9,0
3 Change Over
15-20
(.433)
20-25
(.354)
25-30
(.335)
4 Normally Closed
11,0
9,0
8,5
CUSTOMER OPTIONS - Switching Specifications
CUSTOMER OPTIONS - Sensitivity, Cable Length and Termination Specification
ORDERING INFORMATION
DETAILS PROVIDED ON THIS DATA SHEET ARE PROVIDED FOR
INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED
UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE.
Product performance may be affected by the application to which the
product is put. Upon request, HAMLIN will assist purchasers by
providing information specific to any particular application. HAMLIN
disclaims any and all liability whatsoever for any purchaser’s reliance
upon the information contained on this data sheet without further
consultation with authorised representatives of HAMLIN.
59036
Switch Type
Table 1
Table 2
Table 3
Table 4
Sensitivity
Cable Length
Termination
File E61760(N)
www.hamlin.com
X
X
XX
X
DIMENSIONS (in) mm
59145/59150
Series 59145/59150
Features
2 part magnetically operated
proximity sensor
Flying leads can exit either left or
right hand side of the housing
Case design allows screw down or
adhesive mounting
Customer defined sensitivity
Choice of cable length and
connector
Benefits
No standby power requirement
Operates through non-ferrous
materials such as wood, plastic or
aluminium
Hermetically sealed, magnetically
operated contacts continue to
operate long after optical and other
technologies fail due to
contamination
Applications
Position and limit sensing
Security system switch
Linear actuators
Door switch
59145 and 59150 Flange Mount Features and Benefits
59145, 59150 Sensor
57145, 57150 Actuator
D
Note: 59145 shown.
59150 leads exit opposite.
ISSUE No: 4
DATE: 1/5/3
N.B. 57145/57150 actuator sold separately


Similar Part No. - 59145-4-U-04-A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
59145-4-U-02-A LITTELFUSE-59145-4-U-02-A Datasheet
572Kb / 3P
   Reed Sensors
59145-4-U-02-E LITTELFUSE-59145-4-U-02-E Datasheet
572Kb / 3P
   Reed Sensors
59145-4-U-02-F LITTELFUSE-59145-4-U-02-F Datasheet
572Kb / 3P
   Reed Sensors
More results

Similar Description - 59145-4-U-04-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
57135-000 ETC2-57135-000 Datasheet
101Kb / 1P
   High Temperature Flange Mount Features and Benefits
logo
HAMLIN Position and Mov...
59135-1-S-01-A HAMLIN-59135-1-S-01-A Datasheet
102Kb / 1P
   High Temperature Flange Mount Features and Benefits
logo
List of Unclassifed Man...
59135 ETC1-59135 Datasheet
98Kb / 1P
   High Temperature Flange Mount Features and Benefits
logo
HAMLIN Position and Mov...
59105-1-S-00-0 HAMLIN-59105-1-S-00-0 Datasheet
124Kb / 1P
   Terminal Flange Features and Benefits
59125-1-S-00-0 HAMLIN-59125-1-S-00-0 Datasheet
192Kb / 1P
   Pinned Flange Features and Benefits
55140-2M-01-A HAMLIN-55140-2M-01-A Datasheet
158Kb / 1P
   Flange Mount Hall Effect Sensor Features and Benefits
55100-2M-01-A HAMLIN-55100-2M-01-A Datasheet
160Kb / 1P
   Mini Flange Mount Hall Effect Sensor Features and Benefits
59050-I-S-00-0 HAMLIN-59050-I-S-00-0 Datasheet
104Kb / 1P
   PCB Mount Features and Benefits
55110-3M-01-A HAMLIN-55110-3M-01-A Datasheet
144Kb / 1P
   L.E.D. Flange Mount Hall Effect Sensor Features and Benefits
logo
List of Unclassifed Man...
59160 ETC2-59160 Datasheet
138Kb / 1P
   Surface Mount Features and Benefits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com