Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

55100-3M-03-E Datasheet(PDF) 1 Page - HAMLIN Position and Movement Sensor Solutions

Part # 55100-3M-03-E
Description  Mini Flange Mount Hall Effect Sensor Features and Benefits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMLIN [HAMLIN Position and Movement Sensor Solutions]
Direct Link  http://www.hamlin.com
Logo HAMLIN - HAMLIN Position and Movement Sensor Solutions

55100-3M-03-E Datasheet(HTML) 1 Page - HAMLIN Position and Movement Sensor Solutions

  55100-3M-03-E Datasheet HTML 1Page - HAMLIN Position and Movement Sensor Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATIONS
Digital Switch or Digital Latch
A - Analogue
Hall Type
3 Wire
2 Wire
(Programmable Only) (Note 2)
(Voltage output)
(Current Output)
Supply Voltage
Absolute Ratings
Vdc
-15 to +28
-15 to +28
8.5
(Note 1)
Operate
Vdc
+3.8 to +24
+3.75 to +24
4.5-5.5
Overvoltage Protection
Vdc-max
32
32
19.5
Output High Voltage
Vdc
sinking output
N/A
4.65
Output Low Voltage
Vdc-max
0.4 @
20mA
N/A
0.35
Output Current (continuously on)
mA-max
10
N/A
-1.0 to +1.0
Current Consumption over
Low
mA
1.6 - 5.2
5-6.9
2 - 10
Temperature Range
High
mA
1.6 - 5.2
12-17
2 - 10
Switching Speed
kHz-max
10
10
2
Temperature
Operating
O
C
-40 to +100
-40 to +100
-40 to +100
Storage
O
C
-65 to +105
-65 to +105
-65 to +105
Note 1 - As long as Tj (Junction Temperature) max. is not exceeded
Note 2 - Preprogrammed by Hamlin or Customer pending agreement
TABLE 2
Cable Length:-
(Cable Type 24 AWG 7/32 PVC
105oC UL1430/UL1569)
Standard Lengths
SELECT
CABLE
OPTION
LENGTH
(in) mm
01
(3.94) 100
02
(11.81) 300
03
(19.69) 500
04
(29.53) 750
05
(39.37) 1000
TABLE 3
Termination Options:-
SELECT
DESCRIPTION
(2 WIRE VERSION ILLUSTRATED)
OPTION
A
Tinned leads
B
Crimped terminals
C
6.35mm fastons
D
AMP MTE 2.54mm pitch
E
JST XHP 2.5mm pitch
55100 Mini Flange Mount Hall Effect Sensor Features and Benefits
Features
Magnetically operated position sensor
Digital, latching or programmable
analogue types available
Medium, high or programmable
senisitivities
3 wire (voltage output) or 2 wire
(current output) versions
Vibration 50g max. @ 50-2,000Hz
Shock 150g max. @ 11ms 1/2 Sine
EMC to DIN 40839 (Consult Hamlin)
Reverse/Over Voltage Protection
Built in temperature compensation
Benefits
High switching speed up to 10kHz
Long life; up to 20 billion operations
Unaffected by harsh environments
Operates in static or dynamic magnetic
field
Customer selection of cable length and
connector type
Applications
Position and limit sensing
RPM measurement
Flow metering
Commutation of brushless dc motors
Angle sensing
Magnetic encoders
DIMENSIONS (in) mm
BLOCK DIAGRAMS
CUSTOMER OPTIONS - Switching Specifications
CUSTOMER OPTIONS - Sensitivity, Cable Length and Termination Specification
ORDERING INFORMATION
www.hamlin.com
TABLE 1
HALL OPTIONS
ACTIVATE DISTANCES ARE APPROXIMATE
USING
NEFEB MAGNET
(.827L X .276W X .185H) 21 X 7 X 4.7
HAMLIN P
/N 5812334000
Select
Hall
Sensitivity
Activate - d
Hall Option
Type
Gauss (Typ.)
(in) mm
2M
2 Wire Switch
120
(.531) 13.5
2H
2 Wire Switch
57
(.728) 18.5
2L
2 Wire Latch
40
(.827) 21.0
3M
3 Wire Switch
130
(.492) 12.5
3H
3 Wire Switch
59
(.709) 18.0
3L
3 Wire Latch
86
(.394) 10.0
AP
Analogue
Programmable
Consult Hamlin
Table 1
Table 3
Table 2
Series 55100
Hall option
Cable Length
Termination
55100
XX
XX
X
N
S
d
Notes
1) Add capacitor Cn as
shown, close to the
sensor, for transient
suppression if required
2) Add resistor Rpu as
shown for sinking output
Hamlin USA
Tel: +1 920 648 3000 Fax: +1 920 648 3001 Email: sales.us@hamlin.com
Hamlin UK
Tel: +44 (0)1379 649700 Fax: +44 (0)1379 649702 Email: sales.uk@hamlin.com
Hamlin Germany Tel: +49 (0) 6142 923920 Fax: +49 (0) 6142 923921 Email: sales.de@hamlin.com
Hamectrol France Tel: +33 (0) 1 4687 0202 Fax: +33 (0) 1 4686 6786 Email: sales.fr@hamlin.com
Issue No: AE Date: 05/02/09 DCR B6092
INFORMATION PROVIDED ON THIS DATA SHEET IS PROVIDED FOR
INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED UPON AS
BEING ACCURATE FOR ANY PARTICULAR PURPOSE. Product performance
may be affected by the application to which the product is put. Upon request,
HAMLIN will assist purchasers by providing information specific to any
particular application. HAMLIN disclaims any and all liability whatsoever for any
purchaser’s reliance upon the information contained on this data sheet without
further consultation with authorised representatives of HAMLIN.


Similar Part No. - 55100-3M-03-E

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
55100-3M-03-E HAMLIN-55100-3M-03-E Datasheet
239Kb / 1P
   55100 Miniature Flange Mount Hall Effect Proximity Sensor
More results

Similar Description - 55100-3M-03-E

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
55140-2M-01-A HAMLIN-55140-2M-01-A Datasheet
158Kb / 1P
   Flange Mount Hall Effect Sensor Features and Benefits
55110-3M-01-A HAMLIN-55110-3M-01-A Datasheet
144Kb / 1P
   L.E.D. Flange Mount Hall Effect Sensor Features and Benefits
55085 HAMLIN-55085 Datasheet
335Kb / 1P
   Mini Vane Hall Effect Sensor Features and Benefits
55075-00-01-A HAMLIN-55075-00-01-A Datasheet
79Kb / 1P
   Geartooth Hall Effect Sensor Features and Benefits
59145-1-S-01-A HAMLIN-59145-1-S-01-A Datasheet
104Kb / 1P
   Flange Mount Features and Benefits
logo
List of Unclassifed Man...
57135-000 ETC2-57135-000 Datasheet
101Kb / 1P
   High Temperature Flange Mount Features and Benefits
logo
HAMLIN Position and Mov...
59135-1-S-01-A HAMLIN-59135-1-S-01-A Datasheet
102Kb / 1P
   High Temperature Flange Mount Features and Benefits
59045-I-S-00-0 HAMLIN-59045-I-S-00-0 Datasheet
104Kb / 1P
   Mini PCB Mount Features and Benefits
logo
List of Unclassifed Man...
59135 ETC1-59135 Datasheet
98Kb / 1P
   High Temperature Flange Mount Features and Benefits
logo
HAMLIN Position and Mov...
59105-1-S-00-0 HAMLIN-59105-1-S-00-0 Datasheet
124Kb / 1P
   Terminal Flange Features and Benefits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com