Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT22481 Datasheet(PDF) 2 Page - Datatronic Distribution, Inc.

Part # PT22481
Description  HIGH CURRENT INDUCTORS (OPEN TYPE)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

PT22481 Datasheet(HTML) 2 Page - Datatronic Distribution, Inc.

  PT22481 Datasheet HTML 1Page - Datatronic Distribution, Inc. PT22481 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PT224 Series
Page 2
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
D
T
Notes:
3.
All dimensions are shown in millimeters “mm” [inches “in”]
4.
General tolerance ±0,25mm [0.010 in.], unless otherwise specified
5.
Rated Current 5VRMS, 50kHz with temperature rise
6.
Full rated current based on an ambient operating temperature of +85
°C with a 45°C maximum temperature rise in free air,
all materials are rated at 155ºC or higher.
7.
For non-RoHS parts, replace PT prefix with 42- (e.g. PT12410 becomes 42-12410).
8.
Terminal finish is compliant to RoHS requirements
1
2


Similar Part No. - PT22481

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2248 PTC-PT2248 Datasheet
80Kb / 4P
   Infrared Remote Control Transmitter????
PT2248 PTC-PT2248 Datasheet
374Kb / 19P
   Infrared Remote Control Transmitter
PT2248-P PTC-PT2248-P Datasheet
80Kb / 4P
   Infrared Remote Control Transmitter????
PT2248-S PTC-PT2248-S Datasheet
80Kb / 4P
   Infrared Remote Control Transmitter????
PT2248-S PTC-PT2248-S Datasheet
374Kb / 19P
   Infrared Remote Control Transmitter
More results

Similar Description - PT22481

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A Datasheet
345Kb / 5P
   High Current Inductors
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A_V01 Datasheet
316Kb / 5P
   High Current Inductors
01-Jan-2022
logo
Nuvotem Talema
HB-035-1150 TALEMA-HB-035-1150 Datasheet
332Kb / 3P
   High Current Inductors
logo
Central Technologies
CTHRF CT-CTHRF Datasheet
162Kb / 1P
   High Current Inductors
logo
Rhombus Industries Inc.
L-20451 RHOMBUS-IND-L-20451 Datasheet
35Kb / 1P
   High Current Inductors
logo
Filtran LTD
CTP4551 FILTRAN-CTP4551 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
logo
Bourns Electronic Solut...
2217-V BOURNS-2217-V Datasheet
111Kb / 1P
   High Current Toroid Inductors
logo
Rohm
2204-V ROHM-2204-V Datasheet
111Kb / 1P
   High Current Toroid Inductors
logo
Bourns Electronic Solut...
2216-H BOURNS-2216-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2101-RC BOURNS-2101-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com