Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG3524N Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SG3524N
Description  REGULATING PULSE-WIDTH MODULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SG3524N Datasheet(HTML) 8 Page - Texas Instruments

Back Button SG3524N Datasheet HTML 4Page - Texas Instruments SG3524N Datasheet HTML 5Page - Texas Instruments SG3524N Datasheet HTML 6Page - Texas Instruments SG3524N Datasheet HTML 7Page - Texas Instruments SG3524N Datasheet HTML 8Page - Texas Instruments SG3524N Datasheet HTML 9Page - Texas Instruments SG3524N Datasheet HTML 10Page - Texas Instruments SG3524N Datasheet HTML 11Page - Texas Instruments SG3524N Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SG2524, SG3524
REGULATING PULSEWIDTH MODULATORS
SLVS077D – APRIL 1977 – REVISED FEBRUARY 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
synchronous operation (continued)
If two or more SG2524 regulators are operated synchronously, all oscillator output terminals must be tied
together. The oscillator programmed for the minimum clock period is the master from which all the other
SG2524s operate. In this application, the CTRT values of the slaved regulators must be set for a period
approximately 10% longer than that of the master regulator. In addition, CT (master) = 2 CT (slave) to ensure
that the master output pulse, which occurs first, has a longer pulse duration and, subsequently, resets the slave
regulators.
voltage reference
The 5-V internal reference can be employed by use of an external resistor divider network to establish a
reference common-mode voltage range (1.8 V to 3.4 V) within the error amplifiers (see Figure 6), or an external
reference can be applied directly to the error amplifier. For operation from a fixed 5-V supply, the internal
reference can be bypassed by applying the input voltage to both the VCC and VREF terminals. In this
configuration, however, the input voltage is limited to a maximum of 6 V.
To Negative
Output Voltage
REF OUT
5 k
R1
To Positive
Output Voltage
R2
5 k
REF OUT
+
+
5 k
5 k
R2
R1
V
O +
2.5 V R1 ) R2
R1
V
O +
2.5 V 1
* R2
R1
2.5 V
2.5 V
Figure 6. Error-Amplifier Bias Circuits
error amplifier
The error amplifier is a differential-input transconductance amplifier. The output is available for dc gain control
or ac phase compensation. The compensation node (COMP) is a high-impedance node (RL = 5 MΩ). The gain
of the amplifier is AV = (0.002 Ω–1)RL and easily can be reduced from a nominal 10,000 by an external shunt
resistance from COMP to ground. Refer to Figure 3 for data.
compensation
COMP, as previously discussed, is made available for compensation. Since most output filters introduce one
or more additional poles at frequencies below 200 Hz, which is the pole of the uncompensated amplifier,
introduction of a zero to cancel one of the output filter poles is desirable. This can be accomplished best with
a series RC circuit from COMP to ground in the range of 50 k
Ω and 0.001 µF. Other frequencies can be canceled
by use of the formula f
≈ 1/RC.
† Throughout these discussions, references to the SG2524 apply also to the SG3524.


Similar Part No. - SG3524N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SG3524N PHILIPS-SG3524N Datasheet
125Kb / 5P
   SMPS control circuit
1994 Aug 31
logo
STMicroelectronics
SG3524N STMICROELECTRONICS-SG3524N Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
SG3524N LINER-SG3524N Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG3524N MICROSEMI-SG3524N Datasheet
82Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
STMicroelectronics
SG3524N STMICROELECTRONICS-SG3524N Datasheet
551Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
More results

Similar Description - SG3524N

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI1-UC1525A_15 Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC1525A TI-UC1525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com