Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMJ320C25FD Datasheet(PDF) 8 Page - Texas Instruments

Part # SMJ320C25FD
Description  DIGITAL SIGNAL PROCESSOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SMJ320C25FD Datasheet(HTML) 8 Page - Texas Instruments

Back Button SMJ320C25FD Datasheet HTML 4Page - Texas Instruments SMJ320C25FD Datasheet HTML 5Page - Texas Instruments SMJ320C25FD Datasheet HTML 6Page - Texas Instruments SMJ320C25FD Datasheet HTML 7Page - Texas Instruments SMJ320C25FD Datasheet HTML 8Page - Texas Instruments SMJ320C25FD Datasheet HTML 9Page - Texas Instruments SMJ320C25FD Datasheet HTML 10Page - Texas Instruments SMJ320C25FD Datasheet HTML 11Page - Texas Instruments SMJ320C25FD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
SMJ320C25, SMJ320C2550
DIGITAL SIGNAL PROCESSOR
SGUS007D – AUGUST 1988 – REVISED OCTOBER 2001
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
interrupts and subroutines
The SMJ320C25 has three external maskable user interrupts INT2–INT0, available for external devices that
interrupt the processor. Internal interrupts are generated by the serial port (RINT and XINT), by the timer (TINT),
and by the software interrupt (TRAP) instruction. Interrupts are prioritized with reset (RS) having the highest
priority and the serial port transmit interrupt (XINT) having the lowest priority. All interrupt locations are on
two-word boundaries so that branch instruction can be accommodated in those locations if desired.
A built-in mechanism protects multicycle instructions from interrupts. If an interrupt occurs during a multicycle
instruction, the interrupt is not processed until the instruction is completed. This mechanism applies both to
instructions that are repeated or become multicycle due to the READY signal.
external interface
The SMJ320C25 supports a wide range of system interfacing requirements. Program, data, and I/O address
spaces provide interface to memory and I/O. thus maximizing system throughout. I/O design is simplified by
having I/O treated the same way as memory. I/O devices are mapped into the I/O address space using the
processor’s external address and data buses in the same manner as memory-mapped devices. Interface to
memory and I/O devices of varying speeds is accomplished by using the READY line. When transitions are
made with slower devices, the SMJ320C25 processor waits until the other device completes its function and
signals the processor via the READY line. Then, the SMJ320C25 continues execution.
A full-duplex serial port provides communication with serial devices, such as codecs, serial A/D converters, and
other serial systems. The interface signals are compatible with codecs and many other serial devices with a
minimum of external hardware. The serial port can also be used for intercommunication between processors
in multiprocessing applications.
The serial port has two memory-mapped registers: the data transmit register (DXR) and the data receive register
(DRR). Both registers operate in either the byte mode or 16-bit word mode, any can be accessed in the same
manner as any other data memory location. Each register has an external clock, a framing synchronization
pulse, and associated shift registers. One method of multiprocessing can be implemented by programming one
device to transmit while the others are in the receive mode.
multiprocessing
The flexibility of the SMJ320C25 allows configurations to satisfy a wide range of system requirements. The
SMJ320C25 can be used as follows:
D A standalone processor
D A multiprocessor with devices in parallel
D A slave/host multiprocessor with global memory space
D A peripheral processor interfaced via processor-controlled signals to another device.
For multiprocessing applications, the SMJ320C25 has the capability of allocating global data memory space
and communicating with that space via the BR (bus request) and READY control signals. Global memory is data
memory shared by more than one processor. Global data memory access must be arbitrated. The 8-bit
memory-mapped GREG (global memory allocation register) specifies part of the SMJ320C25s data memory
as global external memory. The contents of the register determine the size of the global memory space. If the
current instruction addresses an operand within that space, BR is asserted to request control of the bus. The
length of the memory cycle is controlled by the READY line.
The SMJ320C25 supports DMA (direct memory access) to its external program/data memory using the HOLD
and HOLDA signals. Another processor can take complete control of the SMJ320C25s external memory by
asserting HOLD low. This causes the SMJ320C25 to place its address, data, and control lines in a
high-impedance state, and assert HOLDA. Program execution from on-chip memory can proceed concurrently
while the device is in the hold mode.


Similar Part No. - SMJ320C25FD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C25FDM TI1-SMJ320C25FDM Datasheet
676Kb / 38P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SMJ320C25FD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com