Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMQ320C50 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SMQ320C50
Description  DIGITAL SIGNAL PROCESSOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SMQ320C50 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SMQ320C50 Datasheet HTML 2Page - Texas Instruments SMQ320C50 Datasheet HTML 3Page - Texas Instruments SMQ320C50 Datasheet HTML 4Page - Texas Instruments SMQ320C50 Datasheet HTML 5Page - Texas Instruments SMQ320C50 Datasheet HTML 6Page - Texas Instruments SMQ320C50 Datasheet HTML 7Page - Texas Instruments SMQ320C50 Datasheet HTML 8Page - Texas Instruments SMQ320C50 Datasheet HTML 9Page - Texas Instruments SMQ320C50 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
SMJ320C50/SMQ320C50
DIGITAL SIGNAL PROCESSOR
SGUS020 – JUNE 1996
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Terminal Functions
PIN
DESCRIPTION
NAME
TYPE†
DESCRIPTION
ADDRESS AND DATA BUSES
A15 (MSB)
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0 (LSB)
I/O/Z
Parallel address bus. Multiplexed to address external data, program memory, or I/O. A0 – A15 are in the
high-impedance state in hold mode and when OFF is active (low). These signals are used as inputs for external DMA
access of the on-chip single-access RAM. They become inputs while HOLDA is active (low) if BR is driven low
externally.
D15 (MSB)
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
I/O/Z
Parallel data bus. Multiplexed to transfer data between the core CPU and external data, program memory, or I / O
devices. D0 – D15 are in the high-impedance state when not outputting data, when RS or HOLD is asserted, or when
OFF is active (low). These signals also are used in external DMA access of the on-chip single-access RAM.
MEMORY CONTROL SIGNALS
DS
PS
IS
O/Z
Data, program, and I/O space select signals. Always high unless asserted for communicating to a particular external
space. DS, PS, and IS are in the high-impedance state in hold mode or when OFF is active (low).
READY
I
Data ready input. Indicates that an external device is prepared for the bus transaction to be completed. If the device
is not ready (READY is low), the processor waits one cycle and checks READY again. READY also indicates a bus
grant to an external device after a BR (bus request) signal.
R/W
I/O/Z
Read / write. R / W indicates transfer direction during communication to an external device and is normally in read
mode (high) unless asserted for performing a write operation. R / W is in the high-impedance state in hold mode or
when OFF is active (low). Used in external DMA access of the 9K RAM cell, this signal indicates the direction of the
data bus for DMA reads (high) and writes (low) when HOLDA and IAQ are active (low).
STRB
I/O/Z
Strobe. Always high unless asserted to indicate an external bus cycle, STRB is in the high-impedance state in the
hold mode or when OFF is active (low). Used in external DMA access of the on-chip single-access RAM and while
HOLDA and IAQ are active (low), STRB is used to select the memory access.
RD
O/Z
Read select. RD indicates an active external read cycle and can connect directly to the output enable (OE) of external
devices. This signal is active on all external program, data, and I/O reads. RD is in the high-impedance state in hold
mode or when OFF is active (low).
† I = input, O = output, Z = high-impedance
NOTE: All input pins that are unused should be connected to VDD or an external pullup resistor. The BR pin has an internal pullup for performing
DMA to the on-chip RAM. For emulation, TRST has an internal pulldown, and TMS, TCK, and TDI have internal pullups. EMU0 and EMU1
require external pullups to support emulation.


Similar Part No. - SMQ320C50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMQ320C32 TI-SMQ320C32 Datasheet
577Kb / 43P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMQ320C32 TI1-SMQ320C32 Datasheet
645Kb / 45P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMQ320C32PCM TI-SMQ320C32PCM Datasheet
577Kb / 43P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMQ320C32 TI1-SMQ320C32_09 Datasheet
645Kb / 45P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SMQ320C50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com