Selected language     English  ▼


3-1-1J Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part No. 3-1-1J
Description  Wideband RF Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DATATRONICS [Datatronic Distribution, Inc.]
Homepage  http://www.datatronics.com
Logo 

   
 1 page
background image
March 27, 2006
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
ELECTRICAL SPECIFICATIONS AT 25ºC
Part Number
Insertion Loss
Type D
Type W
Type J
Ratio
Impedance
Frequency
MHz
3dB
MHz
2dB
MHz
1dB
MHz
Schematic
2-1-1D
2-1-6D
2-2-1D
2-2.5-6D
2-3-1D
2-4-1D
2-4-6D
2-5-1D
2-8-1D
2-13-1D
2-16-6D
2-1-1W
2-1-6W
2-2-1W
2-2.5-6W
2-3-1W
2-4-1W
2-4-6W
2-5-1W
2-8-1W
2-13-1W
2-16-6W
2-1-1J
2-1-6J
2-2-1J
2-2.5-6J
2-3-1J
2-4-1J
2-4-6J
2-5-1J
2-8-1J
2-13-1J
2-16-6J
1
1
2
2.5
3
4
4
5
8
13
16
.050-200
.003-300
.070-200
.010-100
.050-250
.200-350
.020-250
.300-300
.030-140
.300-120
.030-75
.050-200
.003-300
.070-200
.010-100
.050-250
.200-350
.020-250
.300-300
.030-140
.300-120
.030-75
.080-150
.010-150
.100-100
.020-50
.100-200
.350-300
.050-150
.600-200
.100-90
.700-80
.060-30
.20-80
.02-50
.50-50
.05-20
.50-70
2-100
.10-100
.50-100
1-60
5-20
10-20
3-1-1D
3-1-6D
3-1.5-1D
3-1.5-6D
3-2.5-6D
3-4-6D
3-9-1D
3-16-1D
3-36-1D
3-1-1W
3-1-6W
3-1.5-1W
3-1.5-6W
3-2.5-6W
3-4-6W
3-9-1W
3-16-1W
3-36-1W
3-1-1J
3-1-6J
3-1.5-1J
3-1.5-6J
3-2.5-6J
3-4-6J
3-9-1J
3-16-1J
3-36-1J
1
1
1.5
1.5
2.5
4
9
16
36
.150-400
.010-150
.100-300
.020-100
.010-100
.020-200
.150-200
.300-120
.030-20
.150-400
.010-150
.100-300
.020-100
.010-100
.020-200
.150-200
.300-120
.030-20
.350-200
.020-100
.200-150
.050-50
.020-50
.050-150
.300-150
.700-80
.050-10
2-50
.05-50
.50-80
.10-25
.05-20
.10-100
2-40
.50-20
.10-5
4-1-6D
4-1.5-1D
4-2.5-6D
4-4-1D
4-25-1D
4-1-6W
4-1.5-1W
4-2.5-6W
4-4-1W
4-25-1W
4-1-6J
4-1.5-1J
4-2.5-6J
4-4-1J
4-25-1J
1
1.5
2.5
4
25
.004-500
.075-500
.010-50
.050-200
.020-30
.004-500
.075-500
.010-50
.050-200
.020-30
.020-200
.200-100
.025-25
.200-50
.050-20
.10-50
.10-50
.05-10
1-30
.10-10
Notes:
1.
Other values of impedance are available, consult factory for details.
2.
For non-RoHS part consult factory for special part numbers.
Wideband RF Transformers
Features
Designed for use in wideband RF applications
Frequency range 10kHz to 500MHz
Low insertion loss
Impedance levels from 12.5 Ohms to 800 Ohms (nominal 50 Ohms)
6 pin DIP and SMT packages
6
4
1
3
2 Sec
Pri
6
4
1
3
Sec
Pri
6
4
1
3
2 Sec
Pri 5




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TTC-2000Ultra Wideband Audio Transformers 1 List of Unclassifed Manufacturers
T-12001Wideband RF Impedance Matching Transformers 1 Rhombus Industries Inc.
LF-402Wideband RF/Pulse Transformers .01/100 MHz/.01-100 MHz 1 SIRENZA MICRODEVICES
T-12201Wideband RF Impedance Matching Transformers 1 Rhombus Industries Inc.
AEP900-TADSL Transformers for Legerity AMD Chipsets 1 Nuvotem Talema
LF-410Wideband RF/Pulse Transformers .01-100 MHz/.01-80 MHz 1 SIRENZA MICRODEVICES
LF-412Wideband RF/Pulse Transformers .01-25 MHz 1 SIRENZA MICRODEVICES
MET-01Ultra Wideband Audio Transformers 1 List of Unclassifed Manufacturers
LF-428Wideband RF/Pulse Transformers .1-50 MHz/.01-25 MHz 1 SIRENZA MICRODEVICES
PT108-0WIDEBAND RF TRANSFORMERS 1 2 Datatronic Distribution, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl