Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS40-05 Datasheet(PDF) 1 Page - Dc Components

Part # BAS40-05
Description  TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

BAS40-05 Datasheet(HTML) 1 Page - Dc Components

  BAS40-05 Datasheet HTML 1Page - Dc Components BAS40-05 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
BAS40
BAS40-04
BAS40-05
BAS40-06
Dimensions in inches and (millimeters)
RECTIFIER SPECIALISTS
R
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
VOLTAGE - 40 Volts
CURRENT - 0.2 Ampere
FEATURES
MECHANICAL DATA
* For general purpose applications
* Low forward voltage drop.
* Fast switching time.
* Protected by a PN junction guard ring against excessive
voltage, such as electrostatic discharge(ESD).
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: Solder plated, solderable per
MIL-STD-202E, Method 208 guaranteed
* Mounting position: Any
* Weight: 0.008 grams Approx.
SOT-23
.091(2.3)
.067(1.7)
.063(1.6)
.047(1.2)
.108(2.8)
.083(2.1)
.045(1.2)
.034(0.9)
.120(3.0)
.110(2.8)
.020(0.5)
.012(0.3)
.0071(0.18)
.0035(0.09)
.004
(0.10)
.051(1.3)
.035(0.9)
.026(0.7)
.010(0.3)
Max
.027(0.7)
.013(0.3)
SINGLE
COMMON ANODE COMMON CATHODE
SERIES
BAS40
BAS40-06
BAS40-05
BAS40-04
Pin Configuration (Top View)
NOTES : Measured at 1 MHz and applied reverse voltage of 0 volts.
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TA=25oC
Peak Forward Surge Current at t=1.0S
Typical Junction Capacitance (Note)
SYMBOL
VRRM
VDC
IFSM
CJ
TJ, TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
0.2
0.6
Amps
Storage Operating Temperature Range
IO
-55 to +150
pF
Maximum DC Reverse Current at TA=25oC, VR=25V
µAmps
Maximum Instantaneous Forward Voltage
1.0
5.0
40
28
40
1.0 @ IF=40mA
Volts
0 C
BAS40
BAS40-04
VF
IR
0.38 @ IF=1mA
BAS40-05
BAS40-06
DC COMPONENTS CO., LTD.


Similar Part No. - BAS40-05

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40-05 PHILIPS-BAS40-05 Datasheet
58Kb / 8P
   Schottky barrier double diodes
1999 Apr 28
logo
Diode Semiconductor Kor...
BAS40-05 DSK-BAS40-05 Datasheet
336Kb / 3P
   Surface mount schottky barrier diode
logo
TRANSYS Electronics Lim...
BAS40-05 TEL-BAS40-05 Datasheet
66Kb / 1P
   SCHOTTKY DIODE
logo
Dongguan Pingjingsemi T...
BAS40-05 PJSEMI-BAS40-05 Datasheet
676Kb / 3P
   Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
BAS40-05 LUGUANG-BAS40-05 Datasheet
143Kb / 2P
   Surface Mount Schottky Barrier Diode
More results

Similar Description - BAS40-05

ManufacturerPart #DatasheetDescription
logo
Dc Components
SD103AWS DCCOM-SD103AWS Datasheet
261Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
LL103A DCCOM-LL103A Datasheet
240Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAT42W DCCOM-BAT42W Datasheet
66Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
SD103AW DCCOM-SD103AW Datasheet
246Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
SK12 DCCOM-SK12 Datasheet
489Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD520S DCCOM-SD520S Datasheet
270Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODE
SK32 DCCOM-SK32 Datasheet
431Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SM120M DCCOM-SM120M Datasheet
348Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SM150 DCCOM-SM150 Datasheet
415Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SM5817 DCCOM-SM5817 Datasheet
399Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com