Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMJ4C1024-15HJ Datasheet(PDF) 2 Page - Texas Instruments

Part # SMJ4C1024-15HJ
Description  1048576 BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORY
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SMJ4C1024-15HJ Datasheet(HTML) 2 Page - Texas Instruments

  SMJ4C1024-15HJ Datasheet HTML 1Page - Texas Instruments SMJ4C1024-15HJ Datasheet HTML 2Page - Texas Instruments SMJ4C1024-15HJ Datasheet HTML 3Page - Texas Instruments SMJ4C1024-15HJ Datasheet HTML 4Page - Texas Instruments SMJ4C1024-15HJ Datasheet HTML 5Page - Texas Instruments SMJ4C1024-15HJ Datasheet HTML 6Page - Texas Instruments SMJ4C1024-15HJ Datasheet HTML 7Page - Texas Instruments SMJ4C1024-15HJ Datasheet HTML 8Page - Texas Instruments SMJ4C1024-15HJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
SMJ4C1024
1048576 BY 1-BIT
DYNAMIC RANDOM-ACCESS MEMORY
SGMS023E – DECEMBER 1988 – REVISED MARCH 1996
2
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
PIN NOMENCLATURE
A0 – A9
Address Inputs
CAS
Column Address Strobe
D
Data In
NC
No Internal Connection
Q
Data Out
RAS
Row Address Strobe
TF
Test Function
VCC
5-V Supply
VSS
Ground
W
Write Enable
description
The SMJ4C1024 is a 1 048 576-bit DRAM organized as 1 048 576 words of one bit each. It employs technology
for high performance, reliability, and low power at a low cost.
This device features maximum RAS access times of 80 ns, 100 ns, 120 ns, and 150 ns. Maximum power
dissipation is as low as 305 mW operating and 16.5 mW standby on 150-ns devices.
IDD peaks are typIcally 140 mA and a –1 V input voltage undershoot can be tolerated, minimizing system noise.
All inputs and outputs, including clocks, are compatible with series 54 TTL. All addresses and data-in lines are
latched on-chip to simplify system design. Data out is unlatched to allow greater system flexibility.
The SMJ4C1024 is offered in an 18-pin ceramic dual-in-line package (JD suffix), a 20 / 26-terminal leadless
ceramic carrier package (FQ / HL suffixes), a 20 / 26-pin J-leaded carrier package (HJ suffix), a 20-pin flatpack
(HK suffix), and a 20-pin ceramic zig-zag in-line package (SV suffix). They are characterized for operation from
– 55
°C to 125°C.


Similar Part No. - SMJ4C1024-15HJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
SMJ416400 TI-SMJ416400 Datasheet
345Kb / 22P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
SMJ418160 TI-SMJ418160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
SMJ4256 TI-SMJ4256 Datasheet
947Kb / 19P
[Old version datasheet]   262,144-BIT DYNAMIC RANDOM-ACCESS MEMORY
SMJ4256FV TI-SMJ4256FV Datasheet
947Kb / 19P
[Old version datasheet]   262,144-BIT DYNAMIC RANDOM-ACCESS MEMORY
More results

Similar Description - SMJ4C1024-15HJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS418160A TI-TMS418160A Datasheet
355Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS44409 TI-TMS44409 Datasheet
413Kb / 26P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS626812 TI-TMS626812 Datasheet
565Kb / 40P
[Old version datasheet]   1048576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400_1998 TI1-TMS44400_1998 Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400 TI-TMS44400 Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
logo
Hitachi Semiconductor
HM5118165A HITACHI-HM5118165A Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
HM5118165B HITACHI-HM5118165B Datasheet
1Mb / 31P
   1048576-word x 16-bit Dynamic Random Access Memory
HM5118160B HITACHI-HM5118160B Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
logo
Texas Instruments
SMJ44C256 TI-SMJ44C256 Datasheet
330Kb / 21P
[Old version datasheet]   262144 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com