Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN10KHT5574DW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN10KHT5574DW
Description  OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN10KHT5574DW Datasheet(HTML) 6 Page - Texas Instruments

  SN10KHT5574DW Datasheet HTML 1Page - Texas Instruments SN10KHT5574DW Datasheet HTML 2Page - Texas Instruments SN10KHT5574DW Datasheet HTML 3Page - Texas Instruments SN10KHT5574DW Datasheet HTML 4Page - Texas Instruments SN10KHT5574DW Datasheet HTML 5Page - Texas Instruments SN10KHT5574DW Datasheet HTML 6Page - Texas Instruments SN10KHT5574DW Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SN10KHT5574
OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE
EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
SDZS010 – JANUARY 1990 – REVISED OCTOBER 1990
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
LOAD CIRCUIT
t
PHL
t
PLH
VOH
VOL
–890 mV
–1690 mV
50%
50%
Test Point
R1
R2
S1
CL
7 V
(See Note A)
Open
1.5 V
1.5 V
–890 mV
TEST
tPLH
tPHL
tPZH
tPZL
tPHZ
tPLZ
S1
Open
Open
Open
Closed
Open
Closed
SWITCH POSITION TABLE
High-Level
Input
Low-Level
Input
tw
50%
50%
50%
50%
VOLTAGE WAVEFORMS
PULSE DURATION
1.5 V
3 V
0
Output
Control
(Low-Level
Enabling)
Output
Waveform 1
(See Note D)
Output
Waveform 2
(See Note D)
0
VOH
VOL
3.5 V
VOLTAGE WAVEFORMS
TTL ENABLE AND DISABLE TIMES
tPLZ
tPZL
tPZH
tPHZ
1.5 V
1.5 V
0.3 V
0.3 V
1.5 V
50%
–1690 mV
Timing
Input
Data
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
ECL Input
(See Note C)
Out-of-Phase
TTL Output
VOLTAGE WAVEFORMS
ECL-INPUT PROPAGATION DELAY TIMES
80%
20%
80%
20%
tr
tf
VOH
VOL
1.5 V
1.5 V
In-Phase
TTL Output
t
PLH
t
PHL
–890 mV
–1690 mV
80%
20%
tr
20%
tf
80%
50%
–890 mV
–1690 mV
–890 mV
–1690 mV
50%
50%
th
tsu
tf
tr
80%
20%
80%
20%
NOTES: A.CL includes probe and jig capacitance.
B. For TTL inputs, input pulses are supplied by generators having the following characteristics PRR
≤ 10 MHz, Zo = 50 Ω, tr ≤ 2.5 ns,
tf ≤ 2.5 ns.
C. For ECL inputs, input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, Zo = 50 Ω, tr ≤ 1.5 ns,
tf ≤ 1.5 ns.
D. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
E. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load circuit and voltage waveforms


Similar Part No. - SN10KHT5574DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10KHT5574DW TI1-SN10KHT5574DW Datasheet
164Kb / 9P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
SN10KHT5574DWR TI1-SN10KHT5574DWR Datasheet
164Kb / 9P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
More results

Similar Description - SN10KHT5574DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10KHT5574 TI1-SN10KHT5574_11 Datasheet
164Kb / 9P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
SN100KT5574 TI1-SN100KT5574 Datasheet
70Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
SN10KHT5578 TI-SN10KHT5578 Datasheet
90Kb / 6P
[Old version datasheet]   OCTAL TTL-TO-ECL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND OUTPUT ENABLE
SN100KT5578 TI1-SN100KT5578 Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL TTL-TO-ECL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND OUTPUT ENABLE
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com