Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN28846DW Datasheet(PDF) 4 Page - Texas Instruments

Part # SN28846DW
Description  SERIAL DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN28846DW Datasheet(HTML) 4 Page - Texas Instruments

  SN28846DW Datasheet HTML 1Page - Texas Instruments SN28846DW Datasheet HTML 2Page - Texas Instruments SN28846DW Datasheet HTML 3Page - Texas Instruments SN28846DW Datasheet HTML 4Page - Texas Instruments SN28846DW Datasheet HTML 5Page - Texas Instruments SN28846DW Datasheet HTML 6Page - Texas Instruments SN28846DW Datasheet HTML 7Page - Texas Instruments SN28846DW Datasheet HTML 8Page - Texas Instruments SN28846DW Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SN28846
SERIAL DRIVER
SOCS024B – FEBRUARY 1991
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Positive supply voltage, VCC
0
1.5
3
V
Negative supply voltage, VSS (see Note 2)
–11.1
–10.4
–9.7
V
SRG1IN, SRG2IN, SRG3IN, TRGIN
2
5
High-level input voltage, VIH
SEL0, SEL1
VCC
V
PD
4
5
SRG1IN, SRG2IN, SRG3IN, TRGIN
0
0.8
Low-level input voltage, VIL
SEL0, SEL1
VSS
V
PD
0
0.4
Capacitance load
SRG1OUT, SRG2OUT, SRG3OUT
200
pF
Capacitance load
TRGOUT
350
pF
Operating free-air temperature, TA
–20
45
°C
NOTE 2: The algebraic convention, in which the least positive (most negative) value is designated minimum, is used in this data sheet for voltage
levels only.
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH
High-level output voltage
SRG1OUT, SRG2OUT,
SRG3OUT
f = 4.8 MHz,
See Figure 2
tw = 70 ns,
VCC –05
VCC+0 5
V
VOH
High-level out ut voltage
TRGOUT
f = 3.6 MHz,
See Figure 2
tw = 140 ns,
VCC – 0.5
VCC+0.5
V
VOL
Low-level output voltage
SRG1OUT, SRG2OUT,
SRG3OUT
f = 4.8 MHz,
See Figure 2
tw = 70 ns,
VSS –0 8
VSS+0 8
V
VOL
Low-level out ut voltage
TRGOUT
f = 3.6 MHz,
See Figure 2
tw = 140 ns,
VSS – 0.8
VSS+0.8
V
VN(PP)
Peak-to-peak output
noise voltage
SRG1OUT, SRG2OUT,
SRG3OUT
See Figure 2
300
mV
IIH
High-level input current
SRG1IN, SRG2IN,
SRG3IN, TRGIN,
SEL0, SEL1
VI = 5.5 V
50
µA
IIL
Low-level input current
VI = 0
± 10
µA
ISS
Supply current
No load, PD at 0 V, TA = 25°C
– 0.5
mA
ISS
Supply current
See Note 3
–25
mA
fmax
Maximum frequency
of oscillation
SRG1OUT, SRG2OUT,
SRG3OUT
CL = 200 pF
10
MHz
max
of oscillation
TRGOUT
CL = 350 pF
1
NOTE 3: SRG1OUT, SRG2OUT, and SRG3OUT are loaded with 80-pF capacitive loads; TRGOUT is loaded with a 180-pF load. The SN28846
driver is clocked by the SN28835 timer. SEL0 and SEL1 are both held at –11.1 V.


Similar Part No. - SN28846DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN28846DW TI-SN28846DW Datasheet
173Kb / 13P
[Old version datasheet]   192- 횞 165-pixel ccd image sensor
SN28846DW TI-SN28846DW Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
SN28846DW TI-SN28846DW Datasheet
384Kb / 21P
[Old version datasheet]   1158- 횞 488-pixel ccd image sensor
SN28846DW TI-SN28846DW Datasheet
469Kb / 19P
[Old version datasheet]   786- 횞 488-pixel ccd image sensor
SN28846DW TI-SN28846DW Datasheet
307Kb / 19P
[Old version datasheet]   1024- 횞 1024-PIXEL CCD IMAGE SENSOR
More results

Similar Description - SN28846DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS3472A TI-TMS3472A Datasheet
109Kb / 9P
[Old version datasheet]   SERIAL DRIVER
logo
STMicroelectronics
L9822EPD013TR STMICROELECTRONICS-L9822EPD013TR Datasheet
238Kb / 17P
   Octal serial solenoid driver
September 2013 Rev 3
L98SI STMICROELECTRONICS-L98SI Datasheet
77Kb / 9P
   OCTAL SERIAL SOLENOID DRIVER
L9822E STMICROELECTRONICS-L9822E_02 Datasheet
1Mb / 10P
   OCTAL SERIAL SOLENOID DRIVER
M8438A STMICROELECTRONICS-M8438A Datasheet
301Kb / 7P
   SERIAL INPUT LCD DRIVER
L9822E STMICROELECTRONICS-L9822E Datasheet
112Kb / 11P
   OCTAL SERIAL SOLENOID DRIVER
L9822N STMICROELECTRONICS-L9822N Datasheet
87Kb / 9P
   OCTAL SERIAL SOLENOID DRIVER
L9822N STMICROELECTRONICS-L9822N_03 Datasheet
737Kb / 9P
   OCTAL SERIAL SOLENOID DRIVER
logo
NXP Semiconductors
SA5778 PHILIPS-SA5778 Datasheet
122Kb / 16P
   Serial triple gauge driver STGD
1998 Apr 03
logo
Rohm
BA823F ROHM-BA823F_09 Datasheet
326Kb / 9P
   Serial-Parallel 3-input Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com