Part Name
         Description
BZT52C2V4S

 TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES ( 2 Page)


DCCOM
100% 
Zoom Out Zoom In
   
 2 page
background image
Maximum Reverse
Leakage Current
IR @ VR
µA
Volts
Maximum Zener
Impedance
ZZT@IZT ZZT@IZK
Ohms
Ohms
BZT52C2V4S 2.28
2.56
5
85
600
1
100
1.0
-0.075
-
W1
BZT52C2V7S
2.5
2.9
5
83
500
1
75
1.0
-0.065
134
W2
BZT52C3V0S
2.8
3.2
5
95
500
1
50
1.0
-0.060
118
W3
BZT52C3V3S
3.1
3.5
5
95
500
1
25
1.0
-0.055
109
W4
BZT52C3V6S
3.4
3.8
5
95
500
1
15
1.0
-0.055
100
W5
BZT52C3V9S
3.7
4.1
5
95
500
1
10
1.0
-0.050
92
W6
BZT52C4V3S
4.0
4.6
5
95
500
1
5
1.0
-0.035
84
W7
BZT52C4V7S
4.4
5.0
5
78
500
1
5
1.0
-0.015
76
W8
BZT52C5V1S
4.8
5.4
5
60
480
1
0.1
0.8
+0.005
67
W9
BZT52C5V6S
5.2
6.0
5
40
400
1
0.1
1.0
+0.020
59
WA
BZT52C6V2S
5.8
6.6
5
10
200
1
0.1
2.0
+0.030
54
WB
BZT52C6V8S
6.4
7.2
5
8
150
1
0.1
3.0
+0.045
49
WC
BZT52C7V5S
7.0
7.9
5
7
50
1
0.1
5.0
+0.050
44
WD
BZT52C8V2S
7.7
8.7
5
7
50
1
0.1
6.0
+0.055
40
WE
BZT52C9V1S
8.5
9.6
5
10
50
1
0.1
7.0
+0.065
36
WF
BZT52C10S
9.4
10.6
5
15
70
1
0.1
7.5
+0.070
33
WG
BZT52C11S
10.4
11.6
5
20
70
1
0.1
8.5
+0.075
30
WH
BZT52C12S
11.4
12.7
5
20
90
1
0.1
9.0
+0.080
28
WI
BZT52C13S
12.4
14.1
5
25
110
1
0.1
10
+0.080
25
WK
BZT52C15S
13.8
15.6
5
30
110
1
0.1
11
+0.090
23
WL
BZT52C16S
15.3
17.1
5
40
170
1
0.1
12
+0.090
20
WM
BZT52C18S
16.8
19.1
5
50
170
1
0.1
14
+0.090
18
WN
BZT52C20S
18.8
21.2
5
50
220
1
0.1
15
+0.090
17
WO
BZT52C22S
20.8
23.3
5
55
220
1
0.1
17
+0.090
16
WP
BZT52C24S
22.8
25.6
5
80
220
1
0.1
18
+0.090
13
WR
BZT52C27S
25.1
28.9
5
80
250
1
0.1
20
+0.090
12
WS
BZT52C30S
28
32
5
80
250
1
0.1
22.5
+0.090
10
WT
BZT52C33S
31
35
5
80
250
1
0.1
25
+0.090
9
WU
BZT52C36S
34
38
5
90
250
1
0.1
27
+0.090
9
WW
BZT52C39S
37
41
5
90
300
1
0.1
29
+0.110
8
WX
Breakdown characteristics
BZT52-SERIES
mA
50
40
30
20
10
0
5V
10V
15V
20V
25V
30V
IZ
VZ
Nominal
Zener
Voltage
VZ@IZT
Min
Max
Zener
Test
Current
IZT
mA
IZK
mA
Typical
Temperature
Coefficient
% / oC
Test Current
IZ 5mA
NOTE: Standard Zener Voltage Tolerance ± 5%
TYPE
Max.
Zener
Current
IZM@TA
mA
Marking
Code
RATING AND CHARACTERISTIC CURVES (BZT52CxxS SERIES)
R
DC COMPONENTS CO., LTD.
changes in the power dissipation
due to the ambient temperature.
500
400
300
200
100
0
Ta(oC)
50
100
150
200
300
Ambient Temperature.
1  2 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZT52C2V4TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES 1 2 Dc Components
DLM103ATECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts 1 2 Dc Components
BAS40TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES 1 2 Dc Components
DLM4148TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SWITCHING DIODES VOLTAGE RANGE - 100 Volts 1 2 Dc Components
DLQ103ATECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts 1 2 Dc Components
DLQ4148TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SWITCHING DIODES 1 2 Dc Components
BAT42WTECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES 1 2 Dc Components
BZX84B4V3SURFACE MOUNT SILICON ZENER DIODES 1 2 3 4 Pan Jit International Inc.
DL4728ASURFACE MOUNT ZENER DIODES 1 2 3 Pan Jit International Inc.
MMSZ5221B_07SURFACE MOUNT SILICON ZENER DIODES 1 2 3 4 Pan Jit International Inc.

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl