Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA05 Datasheet(PDF) 1 Page - Dc Components

Part # MPSA05
Description  TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

MPSA05 Datasheet(HTML) 1 Page - Dc Components

  MPSA05 Datasheet HTML 1Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MPSA05
DISCRETE SEMICONDUCTORS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
Description
Designed for general purpose amplifier applications.
Pinning
1 = Emitter
2 = Base
3 = Collector
TO-92
.022(0.56)
.014(0.36)
.050
(1.27)
.148(3.76)
.132(3.36)
Typ
.190(4.83)
.170(4.33)
.100
(2.54)
Typ
.050
(1.27)
Typ
.022(0.56)
.014(0.36)
.190(4.83)
.170(4.33)
.500
(12.70)
Min
2oTyp
5oTyp.
2oTyp
3 2 1
5oTyp.
Dimensions in inches and (millimeters)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
4
V
Collector Current
IC
500
mA
Total Power Dissipation
PD
625
mW
Junction Temperature
TJ
+150
o
C
Storage Temperature
TSTG
-55 to +150
o
C
Absolute Maximum Ratings(TA=25oC)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Base Breakdown Volatge
BVCBO
60
-
-
V
IC=100
µA, IE=0
Collector-Emitter Breakdown Voltage
BVCEO
60
-
-
V
IC=1mA, IB=0
Emitter-Base Breakdown Volatge
BVEBO
4
-
-
V
IE=100
µA, IC=0
Collector Cutoff Current
ICBO
-
-
0.1
µA
VCB=60V, IE=0
ICEO
-
-
0.1
µA
VCE=60V, IB=0
Collector-Emitter Saturation Voltage(1)
VCE(sat)
-
-
0.25
V
IC=100mA, IB=10mA
Base-Emitter On Voltage(1)
VBE(on)
-
-
1.2
V
IC=100mA, VCE=1V
DC Current Gain(1)
hFE1
50
-
-
-
IC=10mA, VCE=1V
hFE2
50
-
-
-
IC=100mA, VCE=1V
Transition Frequency
fT
100
-
-
MHz
IC=10mA, VCE=2V, f=100MHz
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified)
(1)Pulse Test: Pulse Width
380
µs, Duty Cycle 2%


Similar Part No. - MPSA05

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA05 MOTOROLA-MPSA05 Datasheet
239Kb / 6P
   Amplifier Transistors
logo
Micro Commercial Compon...
MPSA05 MCC-MPSA05 Datasheet
258Kb / 2P
   NPN General Purpose Amplifier
logo
ON Semiconductor
MPSA05 ONSEMI-MPSA05 Datasheet
111Kb / 8P
   Amplifier Transistors
October, 2001 ??Rev. 1
logo
Unisonic Technologies
MPSA05 UTC-MPSA05 Datasheet
131Kb / 3P
   NPN MPSA05 PNP MPSA55
logo
Transys Electronics
MPSA05 TRSYS-MPSA05 Datasheet
151Kb / 1P
   NPN SMALL SIGNAL TRANSISTOR
More results

Similar Description - MPSA05

ManufacturerPart #DatasheetDescription
logo
Dc Components
MPSA42M DCCOM-MPSA42M Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC8050S DCCOM-DC8050S Datasheet
240Kb / 2P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC9014 DCCOM-DC9014 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DXT3904 DCCOM-DXT3904 Datasheet
237Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DXTA44 DCCOM-DXTA44 Datasheet
237Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC9013 DCCOM-DC9013 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
BD237D DCCOM-BD237D Datasheet
218Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2N3773 DCCOM-2N3773 Datasheet
234Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2SC1959 DCCOM-2SC1959 Datasheet
214Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2SD667A DCCOM-2SD667A Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2SD965 DCCOM-2SD965 Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com