Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE900 Datasheet(PDF) 2 Page - High Voltage Power Solutions, Inc.

Part # HE900
Description  SECONDARY SURGE "LIGHTNING" ARRESTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVPSI [High Voltage Power Solutions, Inc.]
Direct Link  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

HE900 Datasheet(HTML) 2 Page - High Voltage Power Solutions, Inc.

  HE900 Datasheet HTML 1Page - High Voltage Power Solutions, Inc. HE900 Datasheet HTML 2Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
HE900
PART
NUMBER
SERVICE
VOLTAGE
AC
PHASE
WIRE
CONFIGURATION
TYPICAL CLAMP VOLTAGE
8 X 20uS Current Wave (Line to Ground)
1.5kA
5kA
10kA
20kA
25kA
HE900
480V
550V Max
(rms)
THREE
Line 1 (Black)
Line 2 (Black)
Neutral/Ground (White)
1450V(1)
1550V(2)
1650V(1)
2000V(2)
1850V(1)
2450V(2)
2200V(1)
3400V(2)
2400V(1)
3950V(2)
(1) 1" leads (2) 18" leads
DIMENSIONS AND WIRING DIAGRAMS
ARCHITECT and ENGINEERS
SUGGESTED SPECIFICATIONS
SPECIFICATIONS and STANDARDS
HIGH VOLTAGE POWER SYSTEMS, INC. reserves the right to make changes in these
specifications at any time and without notice in order to supply the best product
possible.
© 2002 • HIGH VOLTAGE POWER SYSTEMS, INC. • Printed in U.S.A.
PO Box 700968 ● Dallas TX 75370
Ph (972) 248-7691 ● Fax (972) 381-9998
TECHNOLOGY: Metal Oxide Varistors (MOV) each
line to neutral/ground.
PEAK SURGE CURRENT: (8x20uS) 25,000 Amps
M C O V: 550 VAC rms (Line to Neutral).
ENCLOSURE: Black molded flame retardant plastic
housing with 1/2" x 20 threaded nipple. The
housing is weatherproof and UV resistant.
ENCAPSULATION: UL component recognized epoxy
potting material.
WIRING: Three 12 gauge stranded color coded leads.
Black for each line
White for neutral/ground
OPERATION TEMPERATURE: -40
°C to +85°C
RESPONSE TIME: <5ns
CURRENT DRAIN: <100uA
UNIT WEIGHT: 7.5 ounces
SHIPPING WEIGHT:
per arrester 8.5 ounces
per carton (12) 6.75 lbs.
per case (48) 28.5 lbs
ANSI : C62.11-1987
The three phase, three wire Secondary Surge Arrester
for 480 volt AC service or machine equipment shall be a
High Voltage Power Systems Model HE900. The
lightning arrester shall be of a single MOV per pole
design and provide protection for Category C Transient
Surges as defined in ANSI C62.41 (Formerly IEEE Std.
587-1980) without degradation of the components. The
surge protector shall protect between each line and
neutral/ground conductor. The enclosure shall be
molded of fire retartant plastic. The unit will be sealed
with a UL component recognized epoxy potting
compound to minimize moisture and pollution intrusion.
A one-half inch conduit nipple and metal lock nut shall
be provided. 18 inch, stranded 12 gauge color coded
leads shall be provided. The arrester shall carry a one
year warrantee.


Similar Part No. - HE900

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HE9012 HSMC-HE9012 Datasheet
40Kb / 4P
   PNP EPITAXIAL PLANAR TRANSISTOR
HE9013 HSMC-HE9013 Datasheet
40Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HE9014 HSMC-HE9014 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HE9015 HSMC-HE9015 Datasheet
38Kb / 4P
   PNP EPITAXIAL PLANAR TRANSISTOR
HE9018 HSMC-HE9018 Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com