Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2102GST1 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPXM2102GST1
Description  100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2102GST1 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPXM2102GST1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2102GST1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2102GST1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2102GST1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2102GST1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2102GST1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXM2102GST1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXM2102GST1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXM2102GST1 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PACKAGE DIMENSIONS
MPX2102
Sensors
Freescale Semiconductor
8
NOTES:
1.
2.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
CONTROLLING DIMENSION: INCH.
PORT #2
PORT #1
PORT #2
VACUUM
(P2)
(P1)
SEATING
PLANE
SEATING
PLANE
K
S
W
H
L
U
F
G
D 4 PL
PORT #1
POSITIVE PRESSURE
-Q-
12
4
3
PIN 1
-P-
-T-
-T-
S
Q
M
0.25 (0.010)
T
S
S
M
0.13 (0.005)
Q S
T
B
N
J
C
V
R
-A-
STYLE 1:
PIN 1. GROUND
2. + OUTPUT
3. + SUPPLY
4. - OUTPUT
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.145
1.175
29.08
29.85
B
0.685
0.715
17.40
18.16
C
0.405
0.435
10.29
11.05
D
0.016
0.020
0.41
0.51
F
0.048
0.064
1.22
1.63
G
0.100 BSC
2.54 BSC
H
0.182
0.194
4.62
4.93
J
0.014
0.016
0.36
0.41
K
0.695
0.725
17.65
18.42
L
0.290
0.300
7.37
7.62
N
0.420
0.440
10.67
11.18
P
0.153
0.159
3.89
4.04
Q
0.153
0.159
3.89
4.04
R
0.063
0.083
1.60
2.11
S
U
0.910 BSC
23.11 BSC
V
0.248
0.278
6.30
7.06
W
0.310
0.330
7.87
8.38
0.220
0.240
5.59
6.10
CASE 344C-01
ISSUE B
UNIBODY PACKAGE
NOTES:
1.
2.
DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
CONTROLLING DIMENSION: INCH.
D 4 PL
F
U
L
H
PORT #2
VACUUM
(P2)
POSITIVE
PRESSURE
(P1)
PIN 1
-A-
-Q-
S
K
G
-P-
S
Q
M
0.25 (0.010)
T
S
S
M
0.13 (0.005)
Q S
T
12
34
SEATING
PLANE
B
N
R
C
J
-T-
STYLE 1:
PIN 1. GROUND
2. + OUTPUT
3. + SUPPLY
4. - OUTPUT
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.145
1.175
29.08
29.85
B
0.685
0.715
17.40
18.16
C
0.305
0.325
7.75
8.26
D
0.016
0.020
0.41
0.51
F
0.048
0.064
1.22
1.63
G
0.100 BSC
2.54 BSC
H
0.182
0.194
4.62
4.93
J
0.014
0.016
0.36
0.41
K
0.695
0.725
17.65
18.42
L
0.290
0.300
7.37
7.62
N
0.420
0.440
10.67
11.18
P
0.153
0.159
3.89
4.04
Q
0.153
0.158
3.89
4.04
R
0.230
0.250
5.84
6.35
S
U
0.910 BSC
23.11 BSC
0.220
0.240
5.59
6.10
CASE 344D-01
ISSUE B
UNIBODY PACKAGE
Pressure
16


Similar Part No. - MPXM2102GST1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXM2102GST1 MOTOROLA-MPXM2102GST1 Datasheet
6Mb / 670P
   Sensor
MPXM2102GST1 MOTOROLA-MPXM2102GST1 Datasheet
98Kb / 8P
   100 kpa ON - CHIP TEMPERATURE COMPENSATED AND CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPXM2102GST1 FREESCALE-MPXM2102GST1 Datasheet
262Kb / 9P
   100 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2102GST1 FREESCALE-MPXM2102GST1 Datasheet
335Kb / 16P
   100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPXM2102GST1 FREESCALE-MPXM2102GST1 Datasheet
302Kb / 17P
   100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
More results

Similar Description - MPXM2102GST1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX2102 FREESCALE-MPX2102_12 Datasheet
302Kb / 17P
   100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPX2102 FREESCALE-MPX2102_10 Datasheet
335Kb / 16P
   100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2102 NXP-MPX2102 Datasheet
363Kb / 17P
   100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
Rev 9, 01/2012
logo
Freescale Semiconductor...
MPXM2102 FREESCALE-MPXM2102 Datasheet
262Kb / 9P
   100 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2202 FREESCALE-MPX2202_08 Datasheet
356Kb / 18P
   200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2202 NXP-MPX2202 Datasheet
412Kb / 19P
   200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
Rev 8, 10/2012
logo
Freescale Semiconductor...
MPX2100 FREESCALE-MPX2100_08 Datasheet
142Kb / 10P
   100 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2200 NXP-MPX2200 Datasheet
154Kb / 8P
    200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
Rev 13, 10/2008
logo
Freescale Semiconductor...
MPX2202 FREESCALE-MPX2202_12 Datasheet
342Kb / 19P
   200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPX2102 FREESCALE-MPX2102 Datasheet
344Kb / 14P
   100 kPa On-Chip Temperature Compensated AND Calibrated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com