Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF6VP3450HSR5 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF6VP3450HSR5
Description  RF Power Field Effect Transistors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6VP3450HSR5 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF6VP3450HSR5 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF6VP3450HSR5 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF6VP3450HSR5 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6VP3450HSR5 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6VP3450HSR5 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6VP3450HSR5 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6VP3450HSR5 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6VP3450HSR5 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6VP3450HSR5 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
RF Device Data
Freescale Semiconductor
MRF6VP3450HR6 MRF6VP3450HR5 MRF6VP3450HSR6 MRF6VP3450HSR5
Figure 2. MRF6VP3450HR6(HSR6) Test Circuit Schematic
Z32, Z33
0.108″ x 0.392″ Microstrip
Z34, Z35
0.212″ x 0.388″ Microstrip
Z36, Z37
0.103″ x 0.388″ Microstrip
Z38, Z39
0.075″ x 0.157″ Microstrip
Z40, Z41
1.412″ x 0.071″ Microstrip
Z42, Z43
0.024″ x 0.087″ Microstrip
Z44
0.550″ x 0.065″ Microstrip
PCB
Taconic RF35, 0.031”, εr = 3.5
Z1
0.343″ x 0.065″ Microstrip
Z2, Z3
0.039″ x 0.200″ Microstrip
Z4, Z5
1.400″ x 0.590″ Microstrip
Z6, Z7
0.059″ x 0.118″ Microstrip
Z8, Z9
0.059″ x 0.118″ Microstrip
Z10, Z11
0.150″ x 0.394″ Microstrip
Z12, Z13
0.359″ x 0.394″ Microstrip
Z14, Z15
0.308″ x 0.394″ Microstrip
RF
INPUT
VBIAS
Z12
Z14
C1
Z7
Z13
C2
DUT
RF
OUTPUT
Z6
Z16
Z15
Z17
R1
Z19
VSUPPLY
C24
+
B1
C34
Z1
C44
C36
C38
R3
Z18
C4
C3
Z10
Z11
Z8
Z9
Z20
R4
Z21
Z5
Z4
Z3
Z2
Z44
Z41
Z40
Z42
Z43
Z38
Z39
C8
C7
C9
C10
Z36
Z37
Printed
Balun
Output
Printed
Balun
Input
C12
C11
VBIAS
R2
C25
+
B2
C35
C45
C37
C39
Z16, Z17
0.172″ x 0.465″ Microstrip
Z18, Z20
0.397″ x 0.059″ Microstrip
Z19, Z21
0.800″ x 0.059″ Microstrip
Z22, Z23
0.276″ x 0.465″ Microstrip
Z24, Z26
0.070″ x 0.157″ Microstrip
Z25, Z27
1.000″ x 0.157″ Microstrip
Z28, Z29
0.103″ x 0.392″ Microstrip
Z30, Z31
0.084″ x 0.392″ Microstrip
Z22
Z23
Z24
C26
+
C22
Z25
C40
C28
VSUPPLY
Z26
C27
+
C23
Z27
C41
C29
C6
C5
Z28
Z29
Z30
Z31
C13
C14
Z32
Z33
Z34
Z35
Z44
Printed Balun Output
TOP
BOTTOM
Z1
Printed Balun Input
TOP
BOTTOM


Similar Part No. - MRF6VP3450HSR5

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6VP3450HSR5 FREESCALE-MRF6VP3450HSR5 Datasheet
641Kb / 18P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6VP3450HSR5 FREESCALE-MRF6VP3450HSR5 Datasheet
1Mb / 18P
   RF Power Field Effect Transistors
logo
NXP Semiconductors
MRF6VP3450HSR5 NXP-MRF6VP3450HSR5 Datasheet
1Mb / 18P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 4, 4/2010
More results

Similar Description - MRF6VP3450HSR5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com