Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2A25 Datasheet(PDF) 4 Page - Altera Corporation

Part # EP2A25
Description  Programmable Logic Device Family
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2A25 Datasheet(HTML) 4 Page - Altera Corporation

  EP2A25 Datasheet HTML 1Page - Altera Corporation EP2A25 Datasheet HTML 2Page - Altera Corporation EP2A25 Datasheet HTML 3Page - Altera Corporation EP2A25 Datasheet HTML 4Page - Altera Corporation EP2A25 Datasheet HTML 5Page - Altera Corporation EP2A25 Datasheet HTML 6Page - Altera Corporation EP2A25 Datasheet HTML 7Page - Altera Corporation EP2A25 Datasheet HTML 8Page - Altera Corporation EP2A25 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 99 page
background image
4
Altera Corporation
APEX II Programmable Logic Device Family Data Sheet
LogicLockTM incremental design for intellectual property (IP)
integration and team-based design
NativeLinkTM integration with popular synthesis, simulation,
and timing analysis tools
–SignalTap® embedded logic analyzer simplifies in-system design
evaluation by giving access to internal nodes during device
operation
Support for popular revision-control software packages,
including PVCS, RCS, and SCCS
Tables 2 and 3 show the APEX II ball-grid array (BGA) and
FineLine BGATM device package sizes, options, and I/O pin counts.
Notes to Table 3:
(1)
All APEX II devices support vertical migration within the same package (e.g., the designer can migrate between the
EP2A15, EP2A25, and EP2A40 devices in the 672-pin FineLine BGA package). Vertical migration means that
designers can migrate to devices whose dedicated pins, configuration pins, LVDS pins, and power pins are the same
for a given package across device densities. Migration of I/O pins across densities requires the designer to cross
reference the available I/O pins using the device pin-outs. This must be done for all planned densities for a given
package type to identify which I/O pins are migratable.
(2)
I/O pin counts include dedicated clock and fast I/O pins.
Table 2. APEX II Package Sizes
Feature
672-Pin
FineLine BGA
724-Pin BGA
1,020-Pin
FineLine BGA
1,508-Pin
FineLine BGA
Pitch (mm)
1.00
1.27
1.00
1.00
Area (mm2)
729
1,225
1,089
1,600
Length
× Width (mm × mm)
27
× 27
35
× 35
33
× 33
40
× 40
Table 3. APEX II Package Options & I/O Pin Count
Notes (1), (2)
Feature
672-Pin
FineLine BGA
724-Pin BGA
1,020-Pin
FineLine BGA
1,508-Pin
FineLine BGA
EP2A15
492
492
EP2A25
492
536
EP2A40
492
536
735
EP2A70
536
1,060


Similar Part No. - EP2A25

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2A25 ALTERA-EP2A25 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2A25 ALTERA-EP2A25 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP2A25 ALTERA-EP2A25 Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
More results

Similar Description - EP2A25

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com