Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C8 Datasheet(PDF) 6 Page - Altera Corporation

Part # EP2C8
Description  Cyclone Series Device Thermal Resistance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8 Datasheet(HTML) 6 Page - Altera Corporation

  EP2C8 Datasheet HTML 1Page - Altera Corporation EP2C8 Datasheet HTML 2Page - Altera Corporation EP2C8 Datasheet HTML 3Page - Altera Corporation EP2C8 Datasheet HTML 4Page - Altera Corporation EP2C8 Datasheet HTML 5Page - Altera Corporation EP2C8 Datasheet HTML 6Page - Altera Corporation EP2C8 Datasheet HTML 7Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
DS-CYTHRML-3.0
Altera Corporation
Altera Device Package Information Data Sheet
Table 6 provides
θJA and θJB (junction-to-board thermal resistance) values
for Cyclone II devices on a typical board.
Cyclone
Devices
Table 7 provides
θJA (junction-to-ambient thermal resistance) and θJC
(junction-to-case thermal resistance) values for Cyclone devices.
Table 6. Thermal Resistance of Cyclone II Devices
Device
Package
θJA (° C/W)
Still Air
θJA (° C/W)
100 ft./min.
θJA (° C/W)
200 ft./min.
θJA (° C/W)
400 ft./min.
θJB (°C/W)
EP2C5
F256
30.2
25.8
22.9
20.6
14.8
EP2C8
F256
27.9
23.2
20.5
18.4
12.3
EP2C20
F256
24.7
20.1
17.5
15.3
9.1
F484
20.5
16.2
13.9
12.2
7.2
EP2C35
F484
18.8
14.5
12.3
10.6
5.7
U484
20.0
15.5
13.2
11.3
5.3
EP2C50
F484
17.7
13.5
11.4
9.8
4.5
U484
19.0
14.6
12.3
10.6
4.4
EP2C35
F672
17.4
13.3
11.3
9.8
5.5
EP2C50
F672
16.5
12.4
10.5
9.0
4.6
F672
15.7
11.7
9.8
8.3
3.8
EP2C70
F896
14.6
10.7
8.9
7.6
3.7
Table 7. Thermal Resistance of Cyclone Devices (Part 1 of 2)
Device
Pin Count
Package
θJC (°C/W) θJA
(°C/W)
Still Air
θJA (°C/W)
100 ft./min.
θJA (°C/W)
200 ft./min.
θJA (°C/W)
400 ft./min.
EP1C3
100
TQFP
11.0
37.5
35.4
33.4
29.8
144
TQFP
10.0
31.1
29.4
27.9
25.5
EP1C6
144
TQFP
9.8
29.4
28.0
26.7
24.7
240
PQFP
4.3
27.2
24.7
22.1
17.8
256
FBGA
8.8
28.7
24.5
22.3
20.5
EP1C12
240
PQFP
4.0
26.0
23.4
20.8
17.1
256
FBGA
6.6
24.3
20.2
18.1
16.4
324
FBGA
6.1
23.0
19.8
17.7
16.1


Similar Part No. - EP2C8

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C8 ALTERA-EP2C8 Datasheet
3Mb / 54P
   SECTION IV. I/O STANDARDS
EP2C8 ALTERA-EP2C8 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C8 ALTERA-EP2C8 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C8 ALTERA-EP2C8 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP2C8 ALTERA-EP2C8 Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
More results

Similar Description - EP2C8

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75DF27I7N ALTERA-EP4CGX75DF27I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE6E22C8N ALTERA-EP4CE6E22C8N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CE115F23I7N ALTERA-EP4CE115F23I7N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
5CEBA2U19C8N ALTERA-5CEBA2U19C8N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
5CEFA7F23I7N ALTERA-5CEFA7F23I7N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
logo
Intel Corporation
5CSEBA6U23I7 INTEL-5CSEBA6U23I7 Datasheet
402Kb / 37P
   Cyclone V Device Overview
February 2012 1.2
logo
Altera Corporation
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP3C5E144I7 ALTERA-EP3C5E144I7 Datasheet
849Kb / 34P
   Cyclone III Device Datasheet
EP3C40F780C6N ALTERA-EP3C40F780C6N Datasheet
848Kb / 34P
   Cyclone III Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com